Part Number Hot Search : 
HCT573DB 6681Z VO1263AB MR752 KIA4559 MR500 ISL29004 UPC4572
Product Description
Full Text Search
 

To Download CY7C6431X0909 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY7C6431x CY7C6434x, CY7C6435x
enCoReTM V Full Speed USB Controller
Features
Powerful Harvard Architecture Processor M8C processor speeds running up to 24 MHz Low power at high processing speeds Interrupt controller 3.0V to 5.5V operating voltage without USB Operating voltage with USB enabled: * 3.15V to 3.45V when supply voltage is around 3.3V * 4.35V to 5.25V when supply voltage is around 5.0V Commercial temperature range: 0C to +70C Industrial temperature range: -40C to +85C Flexible On-Chip Memory Up to 32K Flash program storage: * 50,000 erase and write cycles * Flexible protection modes Up to 2048 bytes SRAM data storage In-System Serial Programming (ISSP) Complete Development Tools Free development tool (PSoC DesignerTM) Full featured, in-circuit emulator and programmer Full speed emulation Complex breakpoint structure 128K trace memory Precision, Programmable Clocking Crystal-less oscillator with support for an external crystal or resonator Internal 5.0% 6, 12, or 24 MHz main oscillator: * 0.25% accuracy with Oscillator Lock to USB data, no external components required * Internal low speed oscillator at 32 kHz for watchdog and sleep. The frequency range is 19 to 50 kHz with a 32 kHz typical value

Programmable Pin Configurations Up to 36 GPIO (Depending on Package) 25 mA sink current on all GPIO Pull Up, High Z, Open Drain, CMOS drive modes on all GPIO CMOS Drive Mode (5 mA Source Current) on Ports 0 and 1: * 20 mA (at 3.0V) Total Source Current Low dropout voltage regulator for Port 1 pins: * Programmable to output 3.0, 2.5, or 1.8V Selectable, regulated digital I/O on Port 1 Configurable input threshold for Port 1 Hot-swappable Capability on Port 1 Full-Speed USB (12 Mbps) Eight unidirectional endpoints One bidirectional control endpoint USB 2.0 compliant Dedicated 512 bytes buffer No external crystal required Additional System Resources Configurable communication speeds 2 I C slave: * Selectable to 50 kHz, 100 kHz, or 400 kHz * Implementation requires no clock stretching * Implementation during sleep modes with less than 100 A * Hardware address detection SPI master and SPI slave: * Configurable between 46.9 kHz and 12 MHz Three 16-bit timers 10-bit ADC used to monitor battery voltage or other signals with external components Watchdog and sleep timers Integrated supervisory circuit
enCoRe V Block Diagram
enCoRe V CORE
Port 4
Port 3
Port 2
Port 1
Port 0
Prog. LDO
System Bus
SRAM 2048 Bytes Interrupt Controller SROM 8K/16K/32K Flash Sleep and Watchdog
CPU Core (M8C)
6/12/24 MHz Internal Main Oscillator
ADC
3 16-Bit Timers
I2C Slave/SPI Master-Slave
POR and LVD System Resets
Full Speed USB
SYSTEM RESOURCES
Cypress Semiconductor Corporation Document Number: 001-12394 Rev *I
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised September 15, 2009
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Functional Overview
The enCoRe V family of devices are designed to replace multiple traditional full-speed USB microcontroller system components with one, low cost single-chip programmable component. Communication peripherals (I2C/SPI), a fast CPU, Flash program memory, SRAM data memory, and configurable I/O are included in a range of convenient pinouts. The architecture for this device family, as illustrated in the "enCoRe V Block Diagram" on page 1, consists of two main areas: the CPU core and the system resources. Depending on the enCoRe V package, up to 36 general purpose I/O (GPIO) are also included. This product is an enhanced version of Cypress's successful full speed-USB peripheral controllers. Enhancements include faster CPU at lower voltage operation, lower current consumption, twice the RAM and Flash, hot-swappable I/Os, I2C hardware address recognition, new very low current sleep mode, and new package options.
TEN TD RECEIVERS PDN RD
Figure 1. USB Transceiver Regulator
VOLTAGE REGULATOR 5V 3.3V 1.5K 5K
PS2 Pull Up
DP DM TRANSMITTER
DPO RSE0 DMO
The enCoRe V Core
The enCoRe V Core is a powerful engine that supports a rich instruction set. It encompasses SRAM for data storage, an interrupt controller, sleep and watchdog timers, and IMO (internal main oscillator) and ILO (internal low speed oscillator). The CPU core, called the M8C, is a powerful processor with speeds up to 24 MHz. The M8C is a four-MIPS, 8-bit Harvard architecture microprocessor. System resources provide additional capability, such as a configurable I2C slave and SPI master-slave communication interface and various system resets supported by the M8C.
At the enCoRe V system level, the full-speed USB system resource interfaces to the rest of the enCoRe V by way of the M8C's register access instructions and to the outside world by way of the two USB pins. The SIE supports nine endpoints including a bidirectional control endpoint (endpoint 0) and eight unidirectional data endpoints (endpoints 1 to 8). The unidirectional data endpoints are individually configurable as either IN or OUT. The USB Serial Interface Engine (SIE) allows the enCoRe V device to communicate with the USB host at full speed data rates (12 Mb/s). The SIE simplifies the interface to USB traffic by automatically handling the following USB processing tasks without firmware intervention:

Full-Speed USB
The enCoRe V USB system resource adheres to the USB 2.0 Specification for full speed devices operating at 12 Mb/second with one upstream port and one USB address. enCoRe V USB consists of these components:

Serial Interface Engine (SIE) block. PSoC Memory Arbiter (PMA) block. 512 bytes of dedicated SRAM. A full-speed USB Transceiver with internal regulator and two dedicated USB pins.
Translates the encoded received data and formats the data to be transmitted on the bus. Generates and checks CRCs. Incoming packets failing checksum verification are ignored. Checks addresses. Ignores all transactions not addressed to the device. Sends appropriate ACK/NAK/Stall handshakes. Identifies token type (SETUP, IN, OUT) and sets the appropriate token bit once a valid token in received. Identifies Start-of-Frame (SOF) and saves the frame count. Sends data to or retrieves data from the USB SRAM, by way of the PSoC Memory Arbiter (PMA).
Document Number: 001-12394 Rev *I
Page 2 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Firmware is required to handle various parts of the USB interface. The SIE issues interrupts after key USB events to direct firmware to appropriate tasks:

Input Mux or the temperature sensor with an input voltage range of 0V to 1.3 V, where 1.3V is 72 percent of full scale. In the ADC only configuration (the ADC MUX selects the Analog Mux Bus, not the default temperature sensor connection), an external voltage can be connected to the input of the modulator for voltage conversion. The ADC is run for a number of cycles set by the timer, depending upon the desired resolution of the ADC. A counter counts the number of trips by the comparator, which is proportional to the input voltage. The Temp Sensor block clock speed is 36 MHz and is divided down to 1 to 12 MHz for ADC operation.
Fill and empty the USB data buffers in USB SRAM. Enable PMA channels appropriately. Coordinate enumeration by decoding USB device requests. Suspend and resume coordination. Verify and select data toggle values.
10-bit ADC
The ADC on enCoRe V device is an independent block with a state machine interface to control accesses to the block. The ADC is housed together with the temperature sensor core and can be connected to this or the Analog Mux Bus. As a default operation, the ADC is connected to the temperature sensor diodes to give digital values of the temperature. Figure 2. ADC System Performance Block Diagram
VIN
SPI
The Serial Peripheral Interconnect (SPI) 3-wire protocol uses both edges of the clock to enable synchronous communication without the need for stringent setup and hold requirements. Figure 3. Basic SPI Configuration SPI Master SPI Slave Data is output by Data is registered at the both the Master input of both devices on the and Slave on opposite edge of the clock. one edge of the clock. SCLK
MOSI MISO
TEMP SENSOR/ ADC
TEMP DIODES
ADC
A device can be a master or slave. A master outputs clock and data to the slave device and inputs slave data. A slave device inputs clock and data from the master device and outputs data for input to the master. Together, the master and slave are essentially a circular Shift register, where the master generates the clocking and initiates data transfers. A basic data transfer occurs when the master sends eight bits of data, along with eight clocks. In any transfer, both master and slave transmit and receive simultaneously. If the master only sends data, the received data from the slave is ignored. If the master wishes to receive data from the slave, the master must send dummy bytes to generate the clocking for the slave to send data back. Figure 4. SPI Block Diagram
SYSTEM BUS
INTERFACE BLOCK COMMAND/ STATUS
SPI Block
MOSI, MISO SCLK DATA_IN DATA_OUT CLK_IN SYSCLK CLK_OUT INT MOSI, MISO SCLK
Interface to the M8 C ( Processor ) Core
SS_
Registers
The ADC User Module contains an integrator block and one comparator with positive and negative input set by the MUXes. The input to the integrator stage comes from the Analog Global
CONFIGURATION[7:0] TRANSMIT[7:0]
CONTROL[7:0] RECEIVE[7:0]
Document Number: 001-12394 Rev *I
Page 3 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
SPI configuration register (SPI_CFG) sets master/slave functionality, clock speed, and interrupt select. SPI control register (SPI_CR) provides four control bits and four status bits for device interfacing and synchronization. The SPIM hardware has no support for driving the Slave Select (SS_) signal. The behavior and use of this signal is dependent on the application and enCoRe V device and, if required, must be implemented in firmware. There is an additional data input in the SPIS, Slave Select (SS_), which is an active low signal. SS_ must be asserted to enable the SPIS to receive and transmit. SS_ has two high level functions:

Interrupt or polling CPU interface. Support for clock rates of up to 400 kHz. 7- or 10-bit addressing (through firmware support). SMBus operation (through firmware support). Support for 7-bit hardware address compare. Flexible data buffering schemes. A "no bus stalling" operating mode. A low power bus monitoring mode.
Enhanced features of the I2C Slave Enhanced Module include:

To allow for the selection of a given slave in a multi-slave environment. To provide additional clocking for TX data queuing in SPI modes 0 and 1.
I2C Slave
The I2C slave enhanced communications block is a serial-to-parallel processor, designed to interface the enCoRe V device to a two-wire I2C serial communications bus. To eliminate the need for excessive CPU intervention and overhead, the block provides I2C-specific support for status detection and generation of framing bits. By default, the I2C Slave Enhanced module is firmware compatible with the previous generation of I2C slave functionality. However, this module provides new features that are configurable to implement significant flexibility for both internal and external interfacing. The basic I2C features include:

The I2C block controls the data (SDA) and the clock (SCL) to the external I2C interface through direct connections to two dedicated GPIO pins. When I2C is enabled, these GPIO pins are not available for general purpose use. The enCoRe V CPU firmware interacts with the block through I/O register reads and writes, and firmware synchronization is implemented through polling and/or interrupts. In the default operating mode, which is firmware compatible with previous versions of I2C slave modules, the I2C bus is stalled upon every received address or byte, and the CPU is required to read the data or supply data as required before the I2C bus continues. However, this I2C Slave Enhanced module provides new data buffering capability as an enhanced feature. In the EZI2C buffering mode, the I2C slave interface appears as a 32-byte RAM buffer to the external I2C master. Using a simple predefined protocol, the master controls the read and write pointers into the RAM. When this method is enabled, the slave never stalls the bus. In this protocol, the data available in the RAM (this is managed by the CPU) is valid.
Slave, transmitter, and receiver operation. Byte processing for low CPU overhead.
Figure 5. I2C Block Diagram
I2C Plus Slave
I2C Core
SDA_IN
I2C Basic Configuration
I2C_CFG I2C_SCR I2C_DR
Buffer Module
CPU Port
I2C_BUF
System Bus
To/From GPIO Pins
SCL_IN SDA_OUT SCL_OUT I2C_EN
32 Byte RAM
HW Addr Cmp
I2C_ADDR
Buffer Ctl
I2C_BP
SYSCLK STANDBY
Plus Features
I2C_XCFG I2C_XSTAT
I2C_CP MCU_BP MCU_CP
Document Number: 001-12394 Rev *I
Page 4 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Additional System Resources
System resources, some of which have been previously listed, provide additional capability useful to complete systems. Additional resources include low voltage detection and power on reset. The following statements describe the merits of each system resource.
Development Kits
Development Kits are available online from Cypress at www.cypress.com/shop and through a growing number of regional and global distributors, which include Arrow, Avnet, Digi-Key, Farnell, Future Electronics, and Newark. Under Product Categories, click USB (Universal Serial Bus) to view a current list of available items.
Low Voltage Detection (LVD) interrupts can signal the application of falling voltage levels, while the advanced POR (power on reset) circuit eliminates the need for a system supervisor. The 5V maximum input, 1.8, 2.5, or 3V selectable output, low dropout regulator (LDO) provides regulation for I/Os. A register controlled bypass mode enables the user to disable the LDO. Standard Cypress PSoC IDE tools are available for debugging the enCoRe V family of parts.
Technical Training Modules
Free technical training (on demand, webinars, and workshops) is available online at www.cypress.com/training. The training covers a wide variety of topics and skill levels to assist you in your designs.
Consultants
Certified USB consultants offer everything from technical assistance to completed PSoC designs. To contact or become a PSoC Consultant go to www.cypress.com/cypros.
Getting Started
The quickest path to understanding the enCoRe V silicon is by reading this data sheet and using the PSoC Designer Integrated Development Environment (IDE). This data sheet is an overview of the enCoRe V integrated circuit and presents specific pin, register, and electrical specifications. For in-depth information, along with detailed programming information, reference the PSoC Programmable System-on-Chip Technical Reference Manual, which can be found on http://www.cypress.com/psoc. For up-to-date Ordering, Packaging, and Electrical Specification information, reference the latest enCoRe V device data sheets on the web at http://www.cypress.com.
Technical Support
For assistance with technical issues, search KnowledgeBase articles and forums at www.cypress.com/support. If you cannot find an answer to your question, call technical support at 1-800-541-4736.
Application Notes
Application notes are an excellent introduction to the wide variety of possible PSoC designs. They are located here: www.cypress.com/psoc. Select Application Notes under the Documentation tab.
Document Number: 001-12394 Rev *I
Page 5 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Development Tools
PSoC DesignerTM is a Microsoft(R) Windows-based, integrated development environment for the enCoRe and PSoC devices. The PSoC Designer IDE and application runs on Windows XP and Windows Vista. This system provides design database management by project, an integrated debugger with In-Circuit Emulator, in-system programming support, and built-in support for third-party assemblers and C compilers. PSoC Designer also supports C language compilers developed specifically for the devices in the enCoRe and PSoC families. Assemblers. The assemblers allow assembly code to be merged seamlessly with C code. Link libraries automatically use absolute addressing or are compiled in relative mode, and linked with other software modules to get absolute addressing. C Language Compilers. C language compilers are available that support the enCoRe and PSoC families of devices. The products enable you to create complete C programs for the PSoC family devices. The optimizing C compilers provide all the features of C tailored to the PSoC architecture. They come complete with embedded libraries providing port and bus operations, standard keypad and display support, and extended math functionality. Debugger PSoC Designer has a debug environment that provides hardware in-circuit emulation, allowing you to test the program in a physical system while providing an internal view of the PSoC device. Debugger commands allow the designer to read and program flash, read and write data memory, read and write I/O registers, read and write CPU registers, set and clear breakpoints, and provide program run, halt, and step control. The debugger also allows the designer to create a trace buffer of registers and memory locations of interest. Online Help System The online help system displays online, context-sensitive help for the user. Designed for procedural help and quick reference, each functional subsystem has its own context-sensitive help. This system also provides tutorials and links to FAQs and an Online Support Forum to aid the designer in getting started. In-Circuit Emulator A low cost, high functionality In-Circuit Emulator (ICE) is available for development support. This hardware has the capability to program single devices. The emulator consists of a base unit that connects to the PC by way of a USB port. The base unit is universal and operates with all enCoRe and PSoC devices. Emulation pods for each device family are available separately. The emulation pod takes the place of the PSoC device in the target board and performs full speed (24 MHz) operation.
PSoC Designer Software Subsystems
Chip-Level View The chip-level view is a traditional integrated development environment (IDE) based on PSoC Designer 4.4. You choose a base device to work with and then select different onboard analog and digital components called user modules that use the PSoC blocks. Examples of user modules are ADCs, DACs, Amplifiers, and Filters. You configure the user modules for your chosen application and connect them to each other and to the proper pins. Then you generate your project. This prepopulates your project with APIs and libraries that you can use to program your application. The tool also supports easy development of multiple configurations and dynamic reconfiguration. Dynamic reconfiguration allows for changing configurations at run time. System-Level View The system-level view is a drag-and-drop visual embedded system design environment based on PSoC Designer. Hybrid Designs You can begin in the system-level view, allow it to choose and configure your user modules, routing, and generate code, then switch to the chip-level view to gain complete control over on-chip resources. All views of the project share common code editor, builder, and common debug, emulation, and programming tools. Code Generation Tools PSoC Designer supports multiple third-party C compilers and assemblers. The code generation tools work seamlessly within the PSoC Designer interface and have been tested with a full range of debugging tools. The choice is yours.
Document Number: 001-12394 Rev *I
Page 6 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Designing with PSoC Designer
The development process for the enCoRe V device differs from that of a traditional fixed function microprocessor. Powerful PSoC Designer tools get the core of your design up and running in minutes instead of hours. The development process can be summarized in the following four steps: 1. Select Components 2. Configure Components 3. Organize and Connect 4. Generate, Verify, and Debug
Generate, Verify, and Debug
When you are ready to test the hardware configuration or move on to developing code for the project, you perform the "Generate Configuration Files" step. This causes PSoC Designer to generate source code that automatically configures the device to your specification and provides the software for the system. Both system-level and chip-level designs generate software based on your design. The chip-level design provides application programming interfaces (APIs) with high level functions to control and respond to hardware events at run time and interrupt service routines that you can adapt as needed. The system-level design also generates a C main() program that completely controls the chosen application and contains placeholders for custom code at strategic positions allowing you to further refine the software without disrupting the generated code. A complete code development environment allows you to develop and customize your applications in C, assembly language, or both. The last step in the development process takes place inside PSoC Designer's Debugger (access by clicking the Connect icon). PSoC Designer downloads the HEX image to the In-Circuit Emulator (ICE) where it runs at full speed. PSoC Designer debugging capabilities rival those of systems costing many times more. In addition to traditional single-step, run-to-breakpoint and watch-variable features, the debug interface provides a large trace buffer and allows you to define complex breakpoint events that include monitoring address and data bus values, memory locations and external signals.
Select Components
The chip-level view provides a library of pre-built, pre-tested hardware peripheral components. These components are called "user modules." User modules make selecting and implementing peripheral devices simple, and come in analog, digital, and mixed-signal varieties.
Configure Components
Each of the components you select establishes the basic register settings that implement the selected function. They also provide parameters and properties that allow you to tailor their precise configuration to your particular application. The chip-level user modules are documented in data sheets that are viewed directly in PSoC Designer. These data sheets explain the internal operation of the component and provide performance specifications. Each data sheet describes the use of each user module parameter and contains other information you may need to successfully implement your design.
Organize and Connect
You build signal chains at the chip level by interconnecting user modules to each other and the I/O pins, or connect system-level inputs, outputs, and communication interfaces to each other with valuator functions. In the chip-level view, you perform the selection, configuration, and routing so that you have complete control over the use of all on-chip resources.
Document Number: 001-12394 Rev *I
Page 7 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Document Conventions
Acronyms Used
The following table lists the acronyms that are used in this document. Acronym API CPU GPIO ICE ILO IMO IO LSb LVD MSb POR PPOR PSoC(R) SLIMO SRAM Description application programming interface central processing unit general purpose IO in-circuit emulator internal low speed oscillator internal main oscillator input/output least significant bit low voltage detect most significant bit power on reset precision power on reset Programmable System-on-ChipTM slow IMO static random access memory
Units of Measure
A units of measure table is located in the Electrical Specifications section. Table 7 on page 16 lists all the abbreviations used to measure the enCoRe V devices.
Numeric Naming
Hexadecimal numbers are represented with all letters in uppercase with an appended lowercase `h' (for example, `14h' or `3Ah'). Hexadecimal numbers may also be represented by a `0x' prefix, the C coding convention. Binary numbers have an appended lowercase `b' (for example, 01010100b' or `01000011b'). Numbers not indicated by an `h', `b', or 0x are decimal.
Document Number: 001-12394 Rev *I
Page 8 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Pin Configuration
The enCoRe V USB device is available in a variety of packages which are listed and illustrated in the subsequent tables.
16-Pin Part Pinout
Figure 6. CY7C64315/CY7C64316 16-Pin enCoRe V USB Device
P0[1] 15
P0[3] 14
16
P2[5]
13
P0[7]
P2[3] P1[7] P1[5] P1[1]
1 2 3 4
12 QFN 11 (Top View) 10 9 6 7 D- Vdd D+ 8
P0[4] XRES P1[4] P1[0]
Table 1. 16-Pin Part Pinout (QFN) Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Type I/O IOHR IOHR IOHR Power USB line USB line Power IOHR IOHR Input IOH IOH IOH IOH I/O Name P2[3] P1[7] P1[5] P1[1](1, 2) Vss D+ D- Vdd P1[0](1, 2) P1[4] XRES P0[4] P0[7] P0[3] P0[1] P2[5] Description Digital I/O, Crystal Input (Xin) Digital I/O, SPI SS, I2C SCL Digital I/O, SPI MISO, I2C SDA Digital I/O, ISSP CLK, 12C SCL, SPI MOSI Ground connection USB PHY USB PHY Supply Digital I/O, ISSP DATA, I2C SDA, SPI CLK Digital I/O, optional external clock input (EXTCLK) Active high external reset with internal pull down Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O, Crystal Output (Xout)
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
Notes 1. During power up or reset event, device P1[0] and P1[1] may disturb the I2C bus. Use alternate pins if issues are encountered. 2. These are the in-system serial programming (ISSP) pins that are not High Z at power on reset (POR).
Document Number: 001-12394 Rev *I
Vss
5
Page 9 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
32-Pin Part Pinout
Figure 7. CY7C64343/CY7C64345 32-Pin enCoRe V USB Device
P0[3] P0[5] P0[7] P0[6] P0[4] 26 P0[2] 25 24 23 22 21 20 19 18 11 12 13 14 15 16 17 Vss Vdd
32 31
30
29
P0[1] P2[5] P2[3] P2[1] P1[7] P1[5] P1[3] P1[1]
1 2 3 4 5 6 9 10 7 8
28 27
P0[0] P2[6] P2[4] P2[2] P2[0] P3[2] P3[0] XRES
QFN
( Top View )
P1[2]
P1[4]
Table 2. 32-Pin Part Pinout (QFN) Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 CP Type IOH I/O I/O I/O IOHR IOHR IOHR IOHR Power I/O I/O Power IOHR IOHR IOHR IOHR Reset I/O I/O I/O I/O I/O I/O IOH IOH IOH IOH Power IOH IOH IOH Power Power Name P0[1] P2[5] P2[3] P2[1] P1[7] P1[5] P1[3] P1[1](1, 2) Vss D+ D- Vdd P1[0](1, 2) P1[2] P1[4] P1[6] XRES P3[0] P3[2] P2[0] P2[2] P2[4] P2[6] P0[0] P0[2] P0[4] P0[6] Vdd P0[7] P0[5] P0[3] Vss Vss Description Digital I/O Digital I/O, Crystal Output (Xout) Digital I/O, Crystal Input (Xin) Digital I/O Digital I/O, I2C SCL, SPI SS Digital I/O, I2C SDA, SPI MISO Digital I/O, SPI CLK Digital I/O, ISSP CLK, I2C SCL, SPI MOSI Ground USB PHY USB PHY Supply voltage Digital I/O, ISSP DATA, I2C SDA, SPI CLK Digital I/O Digital I/O, optional external clock input (EXTCLK) Digital I/O Active high external reset with internal pull down Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Supply voltage Digital I/O Digital I/O Digital I/O Ground Ensure the center pad is connected to ground
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
Document Number: 001-12394 Rev *I
P1[0]
P1[6]
Vdd
Vss
D+
D-
Page 10 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
48-Pin Part Pinout
Figure 8. CY7C64355/CY7C64356 48-Pin enCoRe V USB Device
P0[1] Vss P0[3] Vdd P0[6] P0[4] P0[2] 39 P0[5] P0[7] P0[0] NC NC 43
48
47
46
45 44
42 41 40
38 37
NC P2[7] P2[5] P2[3] P2[1] P4[3] P4[1] P3[7] P3[5] P3[3] P3[1] P1[7]
1 2
36 35 34 33 32 31 30 29 28 27
3 4 5 6 7 8 9 10 11 12 13 14 15 16
QFN
(Top View)
17
18
19 20 21
P1[5]
P1[3]
Table 3. 48-Pin Part Pinout (QFN) Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 Type NC I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O IOHR IOHR NC NC IOHR IOHR Power I/O I/O Power IOHR IOHR IOHR IOHR NC P2[7] P2[5] P2[3] P2[1] P4[3] P4[1] P3[7] P3[5] P3[3] P3[1] P1[7] P1[5] NC NC P1[3] P1[1](1, 2) Vss D+ D- Vdd P1[0](1, 2) P1[2] P1[4] P1[6] Pin Name No connection Digital I/O Digital I/O, Crystal Out (Xout) Digital I/O, Crystal In (Xin) Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O, I2C SCL, SPI SS Digital I/O, I2C SDA, SPI MISO No connection No connection Digital I/O, SPI CLK Digital I/O, ISSP CLK, I2C SCL, SPI MOSI Supply ground USB USB Supply voltage Digital I/O, ISSP DATA, I2C SDA, SPI CLK Digital I/O, Digital I/O, optional external clock input (EXTCLK) Digital I/O Page 11 of 32 Description
Document Number: 001-12394 Rev *I
P1[1]
P1[0]
P1[2]
P1[4]
NC NC
D+ DVdd
Vss
22 23 24
26 25
P2[6] P2[4] P2[2] P2[0] P4[2] P4[0] P3[6] P3[4] P3[2] P3[0] XRES P1[6]
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Table 3. 48-Pin Part Pinout (QFN) (continued) Pin No. 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 CP Type XRES I/O I/O I/O I/O I/O I/O I/O I/O I/O I/O IOH IOH IOH IOH Power NC NC IOH IOH IOH Power IOH Power Pin Name Ext Reset P3[0] P3[2] P3[4] P3[6] P4[0] P4[2] P2[0] P2[2] P2[4] P2[6] P0[0] P0[2] P0[4] P0[6] Vdd NC NC P0[7] P0[5] P0[3] Vss P0[1] Vss Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Digital I/O Supply voltage No connection No connection Digital I/O Digital I/O Digital I/O Supply ground Digital I/O Ensure the center pad is connected to ground Description Active high external reset with internal pull down
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
Document Number: 001-12394 Rev *I
Page 12 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Register Reference
The section discusses the registers of the enCoRe V device. It lists all the registers in mapping tables, in address order.
Register Conventions
The register conventions specific to this section are listed in the following table. Table 4. Register Conventions Convention R W L C # Description Read register or bits Write register or bits Logical register or bits Clearable register or bits Access is bit specific
Register Mapping Tables
The enCoRe V device has a total register address space of 512 bytes. The register space is also referred to as IO space and is broken into two parts: Bank 0 (user space) and Bank 1 (configuration space). The XIO bit in the Flag register (CPU_F) determines which bank the user is currently in. When the XIO bit is set, the user is said to be in the "extended" address space or the "configuration" registers.
Document Number: 001-12394 Rev *I
Page 13 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Table 5. Register Map Bank 0 Table: User Space
Name PRT0DR PRT0IE Addr (0,Hex) Access Name 00 RW EP1_CNT0 01 RW EP1_CNT1 02 EP2_CNT0 03 EP2_CNT1 PRT1DR 04 RW EP3_CNT0 PRT1IE 05 RW EP3_CNT1 06 EP4_CNT0 07 EP4_CNT1 PRT2DR 08 RW EP5_CNT0 PRT2IE 09 RW EP5_CNT1 0A EP6_CNT0 0B EP6_CNT1 PRT3DR 0C RW EP7_CNT0 PRT3IE 0D RW EP7_CNT1 0E EP8_CNT0 0F EP8_CNT1 PRT4DR 10 RW PRT4IE 11 RW 12 13 14 15 16 17 18 PMA0_DR 19 PMA1_DR 1A PMA2_DR 1B PMA3_DR 1C PMA4_DR 1D PMA5_DR 1E PMA6_DR 1F PMA7_DR 20 21 22 23 24 PMA8_DR 25 PMA9_DR 26 PMA10_DR 27 PMA11_DR 28 PMA12_DR SPI_TXR 29 W PMA13_DR SPI_RXR 2A R PMA14_DR SPI_CR 2B # PMA15_DR 2C TMP_DR0 2D TMP_DR1 2E TMP_DR2 2F TMP_DR3 30 USB_SOF0 31 R USB_SOF1 32 R USB_CR0 33 RW USBIO_CR0 34 # USBIO_CR1 35 # EP0_CR 36 # EP0_CNT0 37 # EP0_DR0 38 RW EP0_DR1 39 RW EP0_DR2 3A RW EP0_DR3 3B RW EP0_DR4 3C RW EP0_DR5 3D RW EP0_DR6 3E RW EP0_DR7 3F RW Gray fields are reserved; do not access these fields. Addr (0,Hex) Access 40 # 41 RW 42 # 43 RW 44 # 45 RW 46 # 47 RW 48 # 49 RW 4A # 4B RW 4C # 4D RW 4E # 4F RW 50 51 52 53 54 55 56 57 58 RW 59 RW 5A RW 5B RW 5C RW 5D RW 5E RW 5F RW 60 61 62 63 64 RW 65 RW 66 RW 67 RW 68 RW 69 RW 6A RW 6B RW 6C RW 6D RW 6E RW 6F RW 70 71 72 73 74 75 76 77 78 79 7A 7B 7C 7D 7E 7F # Access is bit specific. Name Addr (0,Hex) 80 81 82 83 84 85 86 87 88 89 8A 8B 8C 8D 8E 8F 90 91 92 93 94 95 96 97 98 99 9A 9B 9C 9D 9E 9F A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 AA AB AC AD AE AF B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 BA BB BC BD BE BF Access Name Addr (0,Hex) C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 CA CB CC CD CE CF D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 DA DB DC DD DE DF E0 E1 E2 E3 E4 E5 E6 E7 E8 E9 EA EB EC ED EE EF F0 F1 F2 F3 F4 F5 F6 F7 F8 F9 FA FB FC FD FE FF Access
I2C_XCFG I2C_XSTAT I2C_ADDR I2C_BP I2C_CP CPU_BP CPU_CP I2C_BUF CUR_PP STK_PP IDX_PP MVR_PP MVW_PP I2C_CFG I2C_SCR I2C_DR INT_CLR0 INT_CLR1 INT_CLR2 INT_CLR3 INT_MSK2 INT_MSK1 INT_MSK0 INT_SW_EN INT_VC RES_WDT INT_MSK3
RW R RW R R RW R RW RW RW RW RW RW RW # RW RW RW RW RW RW RW RW RW RC W RW
PT0_CFG PT0_DATA1 PT0_DATA0 PT1_CFG PT1_DATA1 PT1_DATA0 PT2_CFG PT2_DATA1 PT2_DATA0
RW RW RW RW RW RW RW RW RW
CPU_F
RL
CPU_SCR1 CPU_SCR0
# #
Document Number: 001-12394 Rev *I
Page 14 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Table 6. Register Map Bank 1 Table: Configuration Space
Name PRT0DM0 PRT0DM1 Addr (1,Hex) Access Name Addr (1,Hex) Access 00 RW PMA4_RA 40 RW 01 RW PMA5_RA 41 RW 02 PMA6_RA 42 RW 03 PMA7_RA 43 RW PRT1DM0 04 RW PMA8_WA 44 RW PRT1DM1 05 RW PMA9_WA 45 RW 06 PMA10_WA 46 RW 07 PMA11_WA 47 RW PRT2DM0 08 RW PMA12_WA 48 RW PRT2DM1 09 RW PMA13_WA 49 RW 0A PMA14_WA 4A RW 0B PMA15_WA 4B RW PRT3DM0 0C RW PMA8_RA 4C RW PRT3DM1 0D RW PMA9_RA 4D RW 0E PMA10_RA 4E RW 0F PMA11_RA 4F RW PRT4DM0 10 RW PMA12_RA 50 RW PRT4DM1 11 RW PMA13_RA 51 RW 12 PMA14_RA 52 RW 13 PMA15_RA 53 RW 14 EP1_CR0 54 # 15 EP2_CR0 55 # 16 EP3_CR0 56 # 17 EP4_CR0 57 # 18 EP5_CR0 58 # 19 EP6_CRO 59 # 1A EP7_CR0 5A # 1B EP8_CR0 5B # 1C 5C 1D 5D 1E 5E 1F 5F 20 60 21 61 22 62 23 63 24 64 25 65 26 66 27 67 28 68 SPI_CFG 29 RW 69 2A 6A 2B 6B 2C TMP_DR0 6C RW 2D TMP_DR1 6D RW 2E TMP_DR2 6E RW 2F TMP_DR3 6F RW USB_CR1 30 # 70 31 71 32 72 USBIO_CR2 33 RW 73 PMA0_WA 34 RW 74 PMA1_WA 35 RW 75 PMA2_WA 36 RW 76 PMA3_WA 37 RW 77 PMA4_WA 38 RW 78 PMA5_WA 39 RW 79 PMA6_WA 3A RW 7A PMA7_WA 3B RW 7B PMA0_RA 3C RW 7C PMA1_RA 3D RW 7D PMA2_RA 3E RW 7E PMA3_RA 3F RW 7F Gray fields are reserved; do not access these fields. # Access is bit specific. Name Addr (1,Hex) Access Name 80 81 82 83 84 85 86 87 88 89 8A 8B 8C 8D 8E 8F 90 91 92 93 94 95 96 97 98 99 9A 9B 9C IO_CFG 9D OUT_P1 9E 9F A0 OSC_CR0 A1 ECO_CFG A2 OSC_CR2 A3 VLT_CR A4 VLT_CMP A5 A6 A7 A8 IMO_TR A9 ILO_TR AA AB SLP_CFG AC SLP_CFG2 AD SLP_CFG3 AE AF B0 B1 B2 B3 B4 B5 B6 B7 CPU_F B8 B9 BA BB BC BD BE BF Addr (1,Hex) C0 C1 C2 C3 C4 C5 C6 C7 C8 C9 CA CB CC CD CE CF D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 DA DB DC DD DE DF E0 E1 E2 E3 E4 E5 E6 E7 E8 E9 EA EB EC ED EE EF F0 F1 F2 F3 F4 F5 F6 F7 F8 F9 FA FB FC FD FE FF Access
RW RW
RW # RW RW R
W W RW RW RW
RL
Document Number: 001-12394 Rev *I
Page 15 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Electrical Specifications
This section presents the DC and AC electrical specifications of the enCoRe V USB devices. For the most up to date electrical specifications, verify that you have the most recent data sheet available by visiting the company web site at http://www.cypress.com Figure 9. Voltage versus CPU Frequency
5.5V 5.5V
Figure 10. IMO Frequency Trim Options
lid ng Va rati n e io Op eg R
Vdd Voltage
3.0V 3.0V
5.7 MHz CPU Frequency
Vdd Voltage
SLIMO Mode = 01
SLIMO Mode = 00
SLIMO Mode = 10
24 MHz
750 kHz
3 MHz
6 MHz 12 MHz 24 MHz
IMO Frequency
The following table lists the units of measure that are used in this section. Table 7. Units of Measure Symbol oC dB fF Hz KB Kbit kHz k MHz M A F H s V Vrms Unit of Measure degree Celsius decibels femto farad hertz 1024 bytes 1024 bits kilohertz kilohm megahertz megaohm microampere microfarad microhenry microsecond microvolts microvolts root-mean-square Symbol W mA ms mV nA ns nV pA pF pp ppm ps sps V Unit of Measure microwatts milli-ampere milli-second milli-volts nanoampere nanosecond nanovolts ohm picoampere picofarad peak-to-peak parts per million picosecond samples per second sigma: one standard deviation volts
Document Number: 001-12394 Rev *I
Page 16 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Absolute Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the device. User guidelines are not tested. Table 8. Absolute Maximum Ratings Symbol TSTG Description Storage Temperature
[3]
Conditions Higher storage temperatures reduces data retention time. Recommended Storage Temperature is +25C 25C. Extended duration storage temperatures above 85oC degrades reliability.
Min -55
Typ +25
Max +125
Units C
Vdd VIO VIOZ IMIO ESD LU
Supply Voltage Relative to Vss DC Input Voltage DC Voltage Applied to Tristate Maximum Current into any Port Pin Electro Static Discharge Voltage Latch up Current Human Body Model ESD In accordance with JESD78 standard
-0.5 Vss - 0.5 Vss -0.5 -25 2000 -
- - - - - -
+6.0 Vdd + 0.5 Vdd + 0.5 +50 - 200
V V V mA V mA
Operating Temperature
Table 9. Operating Temperature Symbol TAI TAC TJI Description Ambient Industrial Temperature Ambient Commercial Temperature Operational Industrial Die Temperature[4] The temperature rise from ambient to junction is package specific. Refer the table "Thermal Impedances per Package" on page 29. The user must limit the power consumption to comply with this requirement. The temperature rise from ambient to junction is package specific. Refer the table "Thermal Impedances per Package" on page 29. The user must limit the power consumption to comply with this requirement. Conditions Min -40 0 Typ - Max +85 +70 Units C C
-40
-
+100
C
TJC
Operational Commercial Die Temperature
0
+85
C
Notes 3. Higher storage temperatures reduce data retention time. Recommended storage temperature is +25C 25C. Extended duration storage temperatures above 85oC degrade reliability. 4. The temperature rise from ambient to junction is package specific. See Package Handling on page 29. The user must limit the power consumption to comply with this requirement.
Document Number: 001-12394 Rev *I
Page 17 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
DC Electrical Characteristics
DC Chip Level Specifications
Table 10 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 10.DC Chip Level Specifications Symbol Vdd IDD24,3 IDD12,3 IDD6,3 ISB1,3 ISB0,3 VddUSB IDD24,5 IDD12,5 IDD6,5 ISB1,5 ISB0,5 Description Operating Voltage Supply Current, CPU= 24 MHz Conditions No USB Activity. Conditions are Vdd = 3.0V, TA = 25oC, CPU = 24 MHz, No USB/I2C/SPI. Conditions are Vdd = 3.0V, TA = 25oC, CPU = 12 MHz, No USB/I2C/SPI. Conditions are Vdd = 3.0V, TA = 25oC, CPU = 6 MHz, No USB/I2C/SPI. Vdd = 3.0V, TA = 25oC, I/O regulator turned off. Vdd = 3.0V, TA = 25oC, I/O regulator turned off. USB Activity Conditions are Vdd = 5.0V, TA = 25oC, CPU = 24 MHz, IMO = 24 MHz USB Active, No I2C/SPI. Conditions are Vdd = 5.0V, TA = 25oC, CPU = 12 MHz, IMO = 24 MHz USB Active, No I2C/SPI. Conditions are Vdd = 5.0V, TA = 25oC, CPU = 6 MHz, IMO = 24 MHz USB Active, No I2C/SPI Vdd = 5.0V, TA = 25oC, I/O regulator turned off. Vdd = 5.0V, TA = 25oC, I/O regulator turned off. Min 3.0 - Typ - 2.9 Max 5.5 4.0 Units V mA
Supply Current, CPU= 12 MHz
-
1.7
2.6
mA
Supply Current, CPU= 6 MHz
-
1.2
1.8
mA
Standby Current with POR, LVD, and Sleep Timer Deep Sleep Current Operating Voltage Supply Current, CPU= 24 MHz
- - 4.35 -
1.1 0.1 - 7.1
1.5 - 5.25 -
A A V mA
Supply Current, CPU= 12 MHz
-
6.2
-
mA
Supply Current, CPU= 6 MHz
-
5.8
-
mA
Standby Current with POR, LVD, and Sleep Timer Deep Sleep Current
- -
1.1 0.1
- -
A A
Table 11.DC Characteristics - USB Interface Symbol Rusbi Rusba Vohusb Volusb Vdi Vcm Vse Cin Iio Rps2 Rext Description USB D+ Pull Up Resistance USB D+ Pull Up Resistance Static Output High Static Output Low Differential Input Sensitivity Differential Input Common Mode Range Single Ended Receiver Threshold Transceiver Capacitance High Z State Data Line Leakage PS/2 Pull Up Resistance External USB Series Resistor In series with each USB pin On D+ or D- line -10 3 21.78 0.2 0.8 0.8 With idle bus While receiving traffic Conditions Min 0.900 1.425 2.8 Typ 5 22.0 Max 1.575 3.090 3.6 0.3 - 2.5 2.0 50 +10 7 22.22 Units k k V V V V V pF A k
Document Number: 001-12394 Rev *I
Page 18 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
ADC Electrical Specifications
Table 12. ADC User Module Electrical Specifications Symbol Input VIN CIIN RIN Reference VREFADC Conversion Rate FCLK S8 Data Clock Source is chip's internal main oscillator. See AC Chip-Level Specifications for accuracy Data Clock set to 6 MHz. Sample Rate = 0.001/ (2^Resolution/Data Clock) Data Clock set to 6 MHz. Sample Rate = 0.001/ (2^Resolution/Data Clock) Can be set to 8-, 9-, or 10-bit 8 -1 -2 8-bit resolution 10-bit resolution Egain Power IADC PSRR Operating Current Power Supply Rejection Ratio PSRR (Vdd>3.0V) PSRR (Vdd<3.0V) 2.1 24 30 2.6 mA dB dB Gain Error For any resolution 0 0 -5 3.2 12.8 2.25 6 MHz ADC Reference Voltage 1.14 1.26 V Input Voltage Range Input Capacitance Input Resistance Equivalent switched cap input resistance for 8-, 9-, or 10-bit resolution 0 VREFADC 5 1/(500fF* 1/(400fF* 1/(300fF* Data Clock) Data Clock) Data Clock) V pF Description Conditions Min Typ Max Units
8-bit Sample Rate
23.4375
ksps
S10
10-bit Sample Rate
5.859
ksps
DC Accuracy RES DNL INL EOffset Resolution Differential Nonlinearity Integral Nonlinearity Offset Error 10 +2 +2 19.2 76.8 +5 bits LSB LSB LSB LSB %FSR
Document Number: 001-12394 Rev *I
Page 19 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
DC General Purpose IO Specifications
Table 13 lists guaranteed maximum and minimum specifications for the voltage and temperature ranges: 3.0V to 5.5V and package specific temperature range. Typical parameters apply to 5V and 3.3V at 25C. These are for design guidance only. Table 13. 3.0V and 5.5V DC GPIO Specifications Symbol RPU VOH1 VOH2 VOH3 VOH4 VOH5 VOH6 VOH7 VOH8 VOH9 VOH10 VOL Description Pull Up Resistor High Output Voltage Port 2 or 3 Pins High Output Voltage Port 2 or 3 Pins High Output Voltage Port 0 or 1 Pins with LDO Regulator Disabled High Output Voltage Port 0 or 1 Pins with LDO Regulator Disabled High Output Voltage Port 1 Pins with LDO Regulator Enabled for 3V Out High Output Voltage Port 1 Pins with LDO Regulator Enabled for 3V Out High Output Voltage Port 1 Pins with LDO Enabled for 2.5V Out High Output Voltage Port 1 Pins with LDO Enabled for 2.5V Out High Output Voltage Port 1 Pins with LDO Enabled for 1.8V Out High Output Voltage Port 1 Pins with LDO Enabled for 1.8V Out Low Output Voltage Min 4 IOH < 10 A, maximum of 10 mA source Vdd - 0.2 current in all I/Os. IOH = 1 mA, maximum of 20 mA source Vdd - 0.9 current in all I/Os. IOH < 10 A, maximum of 10 mA source Vdd - 0.2 current in all I/Os. IOH = 5 mA, maximum of 20 mA source Vdd - 0.9 current in all I/Os. IOH < 10 A, Vdd > 3.1V, maximum of 4 I/Os all sourcing 5 mA IOH = 5 mA, Vdd > 3.1V, maximum of 20 mA source current in all I/Os IOH < 10 A, Vdd > 3.0V, maximum of 20 mA source current in all I/Os IOH = 2 mA, Vdd > 3.0V, maximum of 20 mA source current in all I/Os IOH < 10 A, Vdd > 3.0V, maximum of 20 mA source current in all I/Os IOH = 1 mA, Vdd > 3.0V, maximum of 20 mA source current in all I/Os IOL = 25 mA, Vdd > 3.3V, maximum of 60 mA sink current on even port pins (for example, P0[2] and P1[4]) and 60 mA sink current on odd port pins (for example, P0[3] and P1[5]). 2.85 Conditions Typ 5.6 - - - Max 8 - - - Units k V V V
-
-
V
3.00
3.3
V
2.20
-
-
V
2.35
2.50
2.75
V
1.90
-
-
V
1.60
1.80
2.1
V
1.20
-
-
V
-
-
0.75
V
VIL VIH VH IIL CPIN
Input Low Voltage Input High Voltage Input Hysteresis Voltage Input Leakage (Absolute Value) Pin Capacitance
Package and pin dependent. Temp = 25oC.
- 2.0 - 0.5
- - 80 0.001 1.7
0.8 1 5
V V mV A pF
Document Number: 001-12394 Rev *I
Page 20 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
DC POR and LVD Specifications
Table 14 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 14. DC POR and LVD Specifications Symbol VPPOR VLVD0 VLVD1 VLVD2 VLVD3 VLVD4 VLVD5 VLVD6 VLVD7 Description Vdd Value for PPOR Trip PORLEV[1:0] = 10b, HPOR = 1 Vdd Value for LVD Trip VM[2:0] = 000b VM[2:0] = 001b VM[2:0] = 010b VM[2:0] = 011b VM[2:0] = 100b VM[2:0] = 101b VM[2:0] = 110b VM[2:0] = 111b
[5]
Conditions
Min - - 2.85 2.95 3.06 -- 4.62
Typ 2.82 - - 2.92 3.02 3.13 - - 4.73
Max 2.95 - - 2.99 3.09 3.20 - - 4.83
Units V V V V V V V V V
DC Programming Specifications
Table 15 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 15. DC Programming Specifications Symbol Description Conditions Min VddIWRITE Supply Voltage for Flash Write Opera1.71 tions IDDP Supply Current During Programming or - Verify VILP Input Low Voltage During Programming See appropriate DC General - or Verify Purpose IO Specifications table VIHP Input High Voltage During Programming 0.65xVddIWRITE or Verify IILP Input Current when Applying Vilp to - P1[0] or P1[1] During Programming or Verify[6] IIHP Input Current when Applying Vihp to - P1[0] or P1[1] During Programming or Verify[6] VOLP Output Low Voltage During - Programming or Verify VOHP Output High Voltage During VddIWRITE Programming or Verify 0.9V FlashENPB Flash Write Endurance[7] 50,000 FlashDR Flash Data Retention[8] 10 Typ - 5 - - - Max 5.25 25 VIL - 0.2 Units V mA V V mA
-
1.5
mA
- - - 20
Vss + 0.75 VddIWRITE - -
V V Cycle s Years
Notes 5. Always greater than 50 mV above VPPOR (PORLEV = 10) for falling supply. 6. Driving internal pull down resistor. 7. Erase/write cycles per block. 8. Following maximum Flash write cycles at Tamb = 55C and Tj = 70C.
Document Number: 001-12394 Rev *I
Page 21 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
AC Electrical Characteristics
AC Chip Level Specifications
The following tables list guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 16. AC Chip Level Specifications Description Conditions Processing Frequency[9] Internal Low Speed Oscillator Frequency Trimmed[10] Internal Low Speed Oscillator (ILO) Untrimmed Frequency) F32K2 Internal Low Speed Oscillator Frequency Untrimmed FIMO24 Internal Main Oscillator Stability for 24 MHz 5%(12) FIMO12 Internal Main Oscillator Stability for 12 MHz[10] FIMO6 Internal Main Oscillator Stability for 6 MHz[10] DCIMO Duty Cycle of IMO DCILO Internal Low Speed Oscillator Duty Cycle SRPOWER_UP Power Supply Slew Rate TXRST External Reset Pulse Width at Power Up After supply voltage is valid [11] Applies after part TXRST2 External Reset Pulse Width after Power Up has booted Table 17.AC Characteristics - USB Data Timings Symbol Tdrate Tdjr1 Tdjr2 Tudj1 Tudj2 Tfdeop Tfeopt Tfeopr Tfst Description Full speed data rate Receiver data jitter tolerance Receiver data jitter tolerance Driver differential jitter Driver differential jitter Source jitter for differential transition Source SE0 interval of EOP Receiver SE0 interval of EOP Width of SE0 interval during differential transition Conditions Average bit rate To next transition To pair transition To next transition To pair transition To SE0 transition Min 11.97 -18.5 -9 -3.5 -4.0 -2 160 82 - Typ 12 - - - - - - - - 14 Max 12.03 18.5 9 3.5 4.0 5 175 Units MHz ns ns ns ns ns ns ns ns Symbol FCPU F32K1 F32K_U Min 5.7 19 13 13 22.8 11.4 5.7 40 40 - 1 10 Typ - 32 32 32 24 12 6.0 50 50 - - - Max 25.2 50 82 82 25.2 12.6 6.3 60 60 250 - - Units MHz kHz kHz kHz MHz MHz MHz % % V/ms ms s
Table 18.AC Characteristics - USB Driver Symbol Tr Tf TR Vcrs Description Transition rise time Transition fall time Rise/fall time matching Output signal crossover voltage Conditions 50 pF 50 pF Min 4 4 90.00 1.3 Typ - - - - Max 20 20 111.1 2.0 Units ns ns % V
Notes 9. Vdd = 3.0V and TJ = 85oC, CPU speed. 10. Trimmed for 3.3V operation using factory trim values. 11. The minimum required XRES pulse length is longer when programming the device (see Table
21 on page 24). Page 22 of 32
Document Number: 001-12394 Rev *I
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
AC General Purpose I/O Specifications
Table 19 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 19. AC GPIO Specifications Symbol FGPIO TRise23 TRise01 TFall Description GPIO Operating Frequency Rise Time, Strong Mode Ports 2, 3 Rise Time, Strong Mode Ports 0, 1 Fall Time, Strong Mode All Ports Conditions Normal Strong Mode, Ports 0, 1 Vdd = 3.0 to 3.6V, 10% - 90% Vdd = 3.0 to 3.6V, 10% - 90% Vdd = 3.0 to 3.6V, 10% - 90% Min 15 10 10 Typ - - - - Max 12 80 50 50 Units MHz ns ns ns
Figure 11. GPIO Timing Diagram
90% GPIO Pin Output Voltage 10%
TRise23 TRise01
TFall
AC External Clock Specifications
Table 20 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 20. AC External Clock Specifications Symbol FOSCEXT - - - Frequency High Period Low Period Power Up IMO to Switch Description Conditions Min 0.750 20.6 20.6 150 Typ - - - - Max 25.2 5300 - - Units MHz ns ns s
Document Number: 001-12394 Rev *I
Page 23 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
AC Programming Specifications
Table 21 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 21. AC Programming Specifications Symbol TRSCLK TFSCLK TSSCLK THSCLK FSCLK TERASEB TWRITE TDSCLK1 TDSCLK2 TXRST3 Description Rise Time of SCLK Fall Time of SCLK Data Setup Time to Falling Edge of SCLK Data Hold Time from Falling Edge of SCLK Frequency of SCLK Flash Erase Time (Block) Flash Block Write Time Data Out Delay from Falling Edge of SCLK, Data Out Delay from Falling Edge of SCLK External Reset Pulse Width after Power Up Conditions Min 1 1 40 40 0 - - - - 263 Typ - - - - - - - - - - Max 20 20 - - 8 18 25 60 85 - Units ns ns ns ns MHz ms ms ns ns s
Vdd > 3.6V 3.0VFigure 12. Timing Diagram - AC Programming Cycle
Document Number: 001-12394 Rev *I
Page 24 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
AC I2C Specifications
Table 22 lists guaranteed maximum and minimum specifications for the entire voltage and temperature ranges. Table 22. AC Characteristics of the I2C SDA and SCL Pins Symbol Description Standard Mode Min Max 0 100 4.0 - 4.7 4.0 4.7 0 250 4.0 4.7 - - - - - - - - - Fast Mode Min Max 0 400 0.6 - 1.3 0.6 0.6 0 100[12] 0.6 1.3 0 - - - - - - - 50 Units kHz s s s s s ns s s ns
FSCLI2C SCL Clock Frequency THDSTAI2C Hold Time (repeated) START Condition. After this period, the first clock pulse is generated TLOWI2C LOW Period of the SCL Clock THIGHI2C HIGH Period of the SCL Clock TSUSTAI2C Setup Time for a Repeated START Condition THDDATI2C Data Hold Time TSUDATI2C Data Setup Time TSUSTOI2C Setup Time for STOP Condition TBUFI2C Bus Free Time Between a STOP and START Condition Pulse Width of spikes are suppressed by the input filter TSPI2C
Figure 13. Definition of Timing for Fast/Standard Mode on the I2C Bus
SDA
TLOWI2C
TSUDATI2C
THDSTAI2C
TSPI2C
TBUFI2C
SCL S THDSTAI2C THDDATI2C THIGHI2C TSUSTAI2C Sr TSUSTOI2C P S
Note 12. A Fast mode I2C bus device can be used in a standard mode I2C bus system, but the requirement tSUDAT 250 ns must then be met. This is automatically the case if the device does not stretch the LOW period of the SCL signal. If such device does stretch the LOW period of the SCL signal, it must output the next data bit to the SDA line trmax + tSUDAT = 1000 + 250 = 1250 ns (according to the standard mode I2C bus specification) before the SCL line is released.
Document Number: 001-12394 Rev *I
Page 25 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Table 23. SPI Master AC Specifications Symbol FSCLK DC TSETUP THOLD TOUT_VAL TOUT_HIGH Description SCLK clock frequency SCLK duty cycle MISO to SCLK setup time SCLK to MISO hold time SCLK to MOSI valid time MOSI high time 60 40 - 40 Conditions Min - Typ - 50 - - - - Max 6 - - - 40 - Units MHz % ns ns ns ns
Table 24.SPI Slave AC Specifications Symbol FSCLK TLOW THIGH TSETUP THOLD TSS_MISO TSCLK_MISO TSS_HIGH TSS_CLK TCLK_SS Description SCLK clock frequency SCLK low time SCLK high time MOSI to SCLK setup time SCLK to MOSI hold time SS high to MISO valid SCLK to MISO valid SS high time Time from SS low to first SCLK Time from last SCLK to SS high 2/SCLK 2/SCLK Conditions Min 0.0469 41.67 41.67 30 50 153 125 50 Typ Max 12 Units MHz ns ns ns ns ns ns ns ns ns
Document Number: 001-12394 Rev *I
Page 26 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Package Diagram
This section illustrates the packaging specifications for the enCoRe V USB device, along with the thermal impedances for each package. Important Note Emulation tools may require a larger area on the target PCB than the chip's footprint. For a detailed description of the enCoRe V emulation tools and their dimensions, refer to the development kit.
Packaging Dimensions
Figure 14. 16-Pin (3 x 3 mm) QFN (001-09116)
001-09116 *D
Document Number: 001-12394 Rev *I
Page 27 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Figure 15. 32-Pin (5 x 5 x 0.55 mm) QFN (001-42168)
001-42168 *C
Figure 16. 48-Pin QFN (7 x 7x 0.90 mm) Sawn (001-13191)
001-13191 *D
Document Number: 001-12394 Rev *I
Page 28 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Package Handling
Some IC packages require baking before they are soldered onto a PCB to remove moisture that may have been absorbed after leaving the factory. A label on the package has details about the actual bake temperature and the minimum bake time to remove this moisture. The maximum bake time is the aggregate time that the parts exposed to the bake temperature. Exceeding this exposure may degrade device reliability. Table 25.Package Handling Parameter TBAKETEMP TBAKETIME Description Bake Temperature Bake Time See package label Minimum Typical 125 Maximum See package label 72 Unit
o
C
hours
Thermal Impedances
Table 26. Thermal Impedances per Package Package 16 QFN 32 QFN[14] 48 QFN[14] Typical JA[13] 32.69 oC/W 19.51 oC/W 17.68oC/W
Capacitance on Crystal Pins
Table 27. Typical Package Capacitance on Crystal Pins Package 32 QFN 48 QFN Package Capacitance 3.2 pF 3.3 pF
Solder Reflow Peak Temperature
Following is the minimum solder reflow peak temperature to achieve good solderability. Table 28.Solder Reflow Peak Temperature Package 16 QFN 32 QFN 48 QFN Minimum Peak Temperature[15] 240oC 240oC 240oC Maximum Peak Temperature 260oC 260oC 260oC
Notes 13. TJ = TA + Power x JA. 14. To achieve the thermal impedance specified for the package, solder the center thermal pad to the PCB ground plane. 15. Higher temperatures may be required based on the solder melting point. Typical temperatures for solder are 220 5C with Sn-Pb or 245 5C with Sn-Ag-Cu paste. Refer to the solder manufacturer specifications.
Document Number: 001-12394 Rev *I
Page 29 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Ordering Information
Table 29.Ordering Code - Commercial Parts Ordering Code CY7C64315-16LKXC CY7C64315-16LKXCT CY7C64316-16LKXC CY7C64316-16LKXCT CY7C64343-32LQXC CY7C64343-32LQXCT CY7C64345-32LQXC CY7C64345-32LQXCT CY7C64355-48LTXC CY7C64355-48LTXCT CY7C64356-48LTXC CY7C64356-48LTXCT Package Information 16-Pin QFN (3x3 mm) 16-Pin QFN (Tape and Reel), (3x3 mm) 16-Pin QFN (3x3 mm) 16-Pin QFN (Tape and Reel), (3x3 mm) 32-Pin QFN (5x5x0.55 mm) 32-Pin QFN (Tape and Reel), (5X5 mm) 32-Pin QFN (5x5x mm) 32-Pin QFN (Tape and Reel), (5x5x mm) 48-Pin QFN (7x7 mm) 48-Pin QFN (Tape and Reel), (7x7 mm) 48-Pin QFN (7x7 mm) 48-Pin QFN (Tape and Reel), (7x7 mm) Flash SRAM No. of GPIOs 16K 16K 32K 32K 8K 8K 16K 16K 16K 16K 32K 32K 1K 1K 2K 2K 1K 1K 1K 1K 1K 1K 2K 2K 11 11 11 11 25 25 25 25 36 36 36 36 Target Applications Mid-tier Full-Speed USB dongle, Remote Control Host Module, Various Mid-tier Full-Speed USB dongle, Remote Control Host Module, Various Feature-rich Full-Speed USB dongle, Remote Control Host Module, Various Feature-rich Full-Speed USB dongle, Remote Control Host Module, Various Full-speed USB mouse, Various Full-speed USB mouse, Various Full-speed USB mouse, Various Full-speed USB mouse, Various Full-speed USB keyboard, Various Full-speed USB keyboard, Various Feature-rich Full-Speed USB keyboard, Various Feature-rich Full-Speed USB keyboard, Various
Table 30.Ordering Code - Industrial Parts Ordering Code CY7C64315-16LKXI CY7C64315-16LKXIT CY7C64343-32LQXI CY7C64343-32LQXIT CY7C64345-32LQXI CY7C64345-32LQXIT CY7C64356-48LTXI CY7C64356-48LTXIT Package Information 16-Pin QFN, Industrial (3x3 mm) 16-Pin QFN, Industrial (Tape and Reel), (3x3 mm) 32-Pin QFN, Industrial (5x5x0.55 mm) 32-Pin QFN, Industrial (Tape and Reel), (5X5 mm) 32-Pin QFN, Industrial (5x5x mm) 32-Pin QFN, Industrial (Tape and Reel), (5x5x mm) 48-Pin QFN, Industrial (7x7 mm) 48-Pin QFN, Industrial (Tape and Reel), (7x7 mm) Flash SRAM No. of GPIOs 16K 16K 8K 8K 16K 16K 32K 32K 1K 1K 1K 1K 1K 1K 2K 2K 11 11 25 25 25 25 36 36 Target Applications Mid-tier Full-Speed USB dongle, Remote Control Host Module, Various Mid-tier Full-Speed USB dongle, Remote Control Host Module, Various Full-speed USB mouse, Various Full-speed USB mouse, Various Full-speed USB mouse, Various Full-speed USB mouse, Various Feature-rich Full-Speed USB keyboard, Various Feature-rich Full-Speed USB keyboard, Various
Document Number: 001-12394 Rev *I
Page 30 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Document History Page
Document Title: CY7C6431x, CY7C6434x, CY7C6435x enCoReTM V Full Speed USB Controller Document Number: 001-12394 Rev. ECN No. ** *A *B 626256 735718 1120404 Orig. of Change TYJ TYJ/ARI ARI Submission Date See ECN See ECN See ECN New data sheet. Filled in TBDs, added new block diagram, and corrected some values. Part numbers updated as per new specifications. Corrected the block diagram and Figure 3, which is the 16-pin enCoRe V device. Corrected the description to pin 29 on Table 2, the Typ/Max values for ISB0 on the DC chip-level specifications, the current value for the latch-up current in the Electrical Characteristics section, and corrected the 16 QFN package information in the Thermal Impedance table. Corrected some of the bulleted items on the first page. Added DC Characteristics-USB Interface table. Added AC Characteristics-USB Data Timings table. Added AC Characteristics-USB Driver table. Corrected Flash Write Endurance minimum value in the DC Programming Specifications table. Corrected the Flash Erase Time max value and the Flash Block Write Time max value in the AC Programming Specifications table. Implemented new latest template. Include parameters: Vcrs, Rpu (USB, active), Rpu (USB suspend), Tfdeop, Tfeopr2, Tfeopt, Tfst. Added register map tables. Corrected a value in the DC Chip-Level Specifications table. Corrected Idd values in Table 6 - DC Chip-Level Specifications. Post to www.cypress.com Updated Ordering Code table: - Ordering code changed for 32-QFN package: From -32LKXC to -32LTXC - Added a new package type - "LTXC" for 48-QFN - Included Tape and Reel ordering code for 32-QFN and 48-QFN packages Changed active current values at 24, 12 and 6MHz in table "DC Chip-Level Specifications" - IDD24: 2.15 to 3.1mA - IDD12: 1.45 to 2.0mA - IDD6: 1.1 to 1.5mA Added information on using P1[0] and P1[1] as the I2C interface during POR or reset events Converted from Preliminary to Final Added operating voltage ranges with USB ADC resolution changed from 10-bit to 8-bit Rephrased battery monitoring clause in page 1 to include "with external components" Included ADC specifications table Included Voh7, Voh8, Voh9, Voh10 specs Flash data retention - condition added to Note [11] Input leakage spec changed to 25 nA max Under AC Char, Frequency accuracy of ILO corrected GPIO rise time for ports 0,1 and ports 2,3 made common AC Programming specifications updated Included AC Programming cycle timing diagram AC SPI specification updated Spec change for 32-QFN package Input Leakage Current maximum value changed to 1 A Updated VOHV parameter in Table 13 Updated thermal impedances for the packages Update Development Tools, add Designing with PSoC Designer. Edit, fix links and table format. Update TMs. Description of Change
*C *D *E
1241024 1639963 2138889
TYJ/ARI AESA TYJ/PYRS
See ECN See ECN See ECN
*F
2583853
TYJ/PYRS/ HMT
10/10/08
Document Number: 001-12394 Rev *I
Page 31 of 32
[+] Feedback
CY7C6431x CY7C6434x, CY7C6435x
Document Title: CY7C6431x, CY7C6434x, CY7C6435x enCoReTM V Full Speed USB Controller Document Number: 001-12394 *G 2653717 DVJA/PYRS 02/04/09 Updated Features, Functional Overview, Development Tools, and Designing with PSoC Designer sections with edits. Removed `GUI - graphical user interface' from Document Conventions acronym table. Removed `O - Only a read/write register or bits' in Table 4 Edited Table 8: removed 10-bit resolution information and corrected units column. Added package handling section Added 8K part `CY7C64343-32LQXC' to Ordering Information.
*H
2714694 DVJA/AESA
06/04/2009 Updated Block Diagram. Added Full Speed USB, 10-bit ADC, SPI, and I2C Slave sections. ADC Resolution changed from 8-bit to 10-bit Updated Table 9 DC Chip Level Specs Updated Table10 DC Char - USB Interface Updated Table 12 DC POR and LDV Specs Changed operating temperature from Commercial to Industrial Changed Temperature Range to Industrial: -40 to 85C Figure 9: Changed minimum CPU Frequency from 750 kHz to 5.7 MHz Table 14: Removed "Maximum" from the FCPU description Ordering Information: Replaced `C' with `I' in all part numbers to denote Industrial Temp Range 09/16/2009 Changed Table 12: ADC Specs Added F32K2 (Untrimmed) spec to Table 16: AC Chip level Specs Changed TRAMP spec to SRPOWER_UP in Table 16: AC Chip Level Specs Added Table 27: Typical Package Capacitance on Crystal Pins
*I
2764460 DVJA/AESA
Sales, Solutions, and Legal Information
Worldwide Sales and Design Support
Cypress maintains a worldwide network of offices, solution centers, manufacturer's representatives, and distributors. To find the office closest to you, visit us at cypress.com/sales.
Products
PSoC Clocks & Buffers Wireless Memories Image Sensors psoc.cypress.com clocks.cypress.com wireless.cypress.com memory.cypress.com image.cypress.com
(c) Cypress Semiconductor Corporation, 2006-2009. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Any Source Code (software and/or firmware) is owned by Cypress Semiconductor Corporation (Cypress) and is protected by and subject to worldwide patent protection (United States and foreign), United States copyright laws and international treaty provisions. Cypress hereby grants to licensee a personal, non-exclusive, non-transferable license to copy, use, modify, create derivative works of, and compile the Cypress Source Code and derivative works for the sole purpose of creating custom software and or firmware in support of licensee product to be used only in conjunction with a Cypress integrated circuit as specified in the applicable agreement. Any reproduction, modification, translation, compilation, or representation of this Source Code except as specified above is prohibited without the express written permission of Cypress. Disclaimer: CYPRESS MAKES NO WARRANTY OF ANY KIND, EXPRESS OR IMPLIED, WITH REGARD TO THIS MATERIAL, INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE. Cypress reserves the right to make changes without further notice to the materials described herein. Cypress does not assume any liability arising out of the application or use of any product or circuit described herein. Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress' product in a life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges. Use may be limited by and subject to the applicable Cypress software license agreement.
Document Number: 001-12394 Rev *I
Revised September 15, 2009
Page 32 of 32
enCoReTM, PSoC DesignerTM and Programmable System-on-ChipTM are trademarks and PSoC(R) is a registered trademark of Cypress Semiconductor Corporation. All other trademarks or registered trademarks referenced herein are property of the respective corporations. Purchase of I2C components from Cypress or one of its sublicensed Associated Companies conveys a license under the Philips I2C Patent Rights to use these components in an I2C system, provided that the system conforms to the I2C Standard Specification as defined by Philips. All products and company names mentioned in this document may be the trademarks of their respective holders.
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY7C6431X0909

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X