Part Number Hot Search : 
CPC1968 BCM5702 C107M D70F35 STBS016 221M16 FG900 ZMM56
Product Description
Full Text Search
 

To Download CNZ1EATTD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CNZ
resistors
zero ohm jumper resistor array
EU
features Manufactured to type RK73Z standards Concave or convex terminations Less board space than individual chip Isolated jumper elements Marking: Concave and CNZ1F8K type has green body with no marking Convex type has black body with white "000" * Products with lead-free terminations meet EU RoHS requirements. Pb located in glass material, electrode and resistor element is exempt per Annex 1, exemption 5 of EU directive 2005/95/EC dimensions and construction
Size Code
a W t a d Protective Coating Resistive Film Inner Electrode C L p b
* * * * *
L
W
C
Dimensions inches (mm) d t a (top)
a (bot.)
b
p (ref.)
CN1J2 .063.006 (1.60.15) .063.004 .126.008 (1.60.1) .012.008 .016.006 CN1J4 (3.20.2) (0.30.2) (0.40.15) .252.008 CN1J8 (6.40.2) .024.004 CN2A2 .100.008 (2.540.2) .079.008 .016.008 (0.60.1) .200.008 (2.00.2) (0.40.2) CN2A4 (5.080.2) .022.006 (0.550.15) .100.008 CN2B2 (2.540.2) .126.008 .020.012 (3.20.2) (0.50.3) CN2B4 .200.008 (5.080.2)
.020.004 .016.006 (0.50.1) (0.40.15)
.031 (0.8)
Electrode
Ceramic Substrate
.006.004 (0.150.1) .031 (0.8) .031 (0.8) .050 (1.27)
CN Concave/ Square Corner
a W
L
Size Code
p b C
L .031.004 (0.80.1) .055.004 (1.40.1) .039.004 (1.00.1) .079.004 (2.00.1) .063.006 (1.60.15) .126.006 (3.20.15) .126.006 (3.20.15) .201.008 (5.10.2)
W .024.004 (0.60.1) .024.003 (0.60.08) .039.004 (1.00.1) .039.004 (1.00.1)
C
Dimensions inches (mm) d t a (ref.) .006 max. (0.150.1) .008.003 (0.20.08) .010 max. (0.250.1) .010 max. (0.250.2) .014.004 (0.350.1) .014.004 (0.30.1) .008.004 (0.20.1)
b (ref.) -- --
p (ref.) .020 (0.5) .016 (0.4) .026 (0.65) .020 (0.5)
CN1H2 CN1H4 CN1E2 CN1E4 CN1J2 CN1J4 CN1J4 CN2B4
.006.004 (0.150.1) .004.003 (0.10.08) .006.004 (0.150.1) .006.008 (0.150.2)
t Protective Coating Electrode Resistive Film Ceramic Substrate
d
.013.004 .007.002 (0.330.1) (0.170.05) .008.006 .006.004 (0.30.15) (0.150.1) .024.006 (0.60.15) .020.006 (0.50.15) .020.006 (0.50.15) .031.008 (0.80.2) .014.004 (0.30.1)
CN___K Convex/Square Corner CN___A Convex/Scalloped Corner
.063.006 (1.60.15)
.012.008 (0.30.2)
.016.004 (0.250.1)
.020.004 (0.50.1)
.014.004 (0.30.1)
.031 (0.8)
.122.008 (3.10.2) .063.004 (1.60.1)
CN1F8K .200.008 CN1FN8K (3.80.1)
.020.008 .014.006 .022.004 (0.50.2) (0.350.15) (0.550.1) .012.004 .012.004 .018.006 (0.30.1) (0.30.1) (0.450.1)
.018.006 (0.450.1) .006 (0.15)
.050 (1.27) .020 (0.5)
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/27/08
66
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
CNZ
zero ohm jumper resistor array ordering information
New Part # CNZ Type 1J Size 1H 1E 1F 1J 2A 2B 4 Elements 2 4 8 A Terminal Style Blank: Concave A: Convex/scalloped K: Convex/square T Termination Material T: Sn (Other termination styles may be available, please contact factory for options) TD Packaging TD: 7" paper tape TE: 7" embossed plastic TDD: 10" paper tape
resistors
For further information on packaging, please refer to Appendix A.
circuit schematic
applications and ratings
Part Designation CNZ1H2K CNZ1H4K CNZ1E2K CNZ1E4K CNZ1J2/CNZ1J2K CNZ1J4/CNZ1J4A/CNZ1J4K CNZ1J8 CNZ2A2 CNZ2A4 CNZ2B2 CNZ2B4/CNZ2B4A CNZ1F8K 1.0 Amps 3.0 Amps 4.0 Amps 2.0 Amps 2.0 Amps 50m -55C to +125C 0.5 Amps 1.0 Amps Current Rating @ 70C (Per Element) Surge Current Rating (For < 1 Sec.) Maximum Resistance Operating Temperature Range
environmental applications Derating Curve
100 80 % Rated Power 60 40 20 0
0
-55
70 Ambient Temperature (C)
125
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
1/08/09
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
67


▲Up To Search▲   

 
Price & Availability of CNZ1EATTD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X