Part Number Hot Search : 
LVC245A 1778845 LX1792 D4KB40 PN29387 SMV20432 AP450 HD1133R
Product Description
Full Text Search
 

To Download C50434101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product SKU: Product Description: Product Category:
C5043.41.01 C5043, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 100% FlexfoilA(R) Bonded +60% Aluminum Braid w/ Waterblock, Polyethylene Jacket - Black - 1000 Ft. Reel Electronics - Coaxial Cable - RG 11/U - Black
Product Construction:
Conductor: Copper clad steel per ASTM B-869 Cellular polyethylene Aluminum braid Flexfoil A(R) shield Jacket: PermalineA(R) polyethylene 1 14 Black Cellular Polyethylene 0.280 Cellular Polyethylene 7.11 100% FlexfoilA(R) Bonded +60% Aluminum Braid w/water block 5.3 Ohm/M PermalineA(R) Black, Orange PE 0.395 PermalineA(R) Black, Orange PE 10.03 Insulation/Core: Shield:
Product Specification:
No. of Conductors: Conductor Size (AWG): Jacket Color: Insulation Material (in): Insulation Material (mm): Shield Coverage Nominal Shield DCR: Nominal Outside Diameter (in): Nominal Outside Diameter (mm):
Nominal Capacitance (pF/ft): Nominal Capacitance (pF/m): Velocity of Propagation %: Nominal Impedance Ohm: Nominal Attenuation MHz/dB per 100 ft:
16.20 53.15 85 75 1/0.30 50/0.90 100/1.30 500/3.00 10/0.70 200/1.90 1000/4.40
Standard Packaging: Standard Package Quantity: UPC #: Footnote: Put-up: SCC-14: Cube: Weight Per Unit of Measure: ColorOption:
1000' Non-returnable Wood Reels 1 079407742042 Moistureguard Direct Burial, Flooded 1000 50079407742044 4011.875 .05 Black
Product Information:
Applications:
CATV Direct burial Drop cable MATV Suitable for RF signal transmission
Packaging:
1000' (305 m) Reels Other put-ups available- consult Customer Service
Unit Conversion Factors Cable Design Equations - Balanced Pair Insulation and Jacket Properties Temperature Conversion Chart Decimal and Unit Conversion Factors Cable Design Equations - Braid Shield AWG Conductor Chart Conduit Capacity Chart Cable Design Equations - Coaxial Cable Engineering Prefixes Coax Connector Cross Reference Glossary
Technical Specifications


▲Up To Search▲   

 
Price & Availability of C50434101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X