Part Number Hot Search : 
AUC16244 CMHZ4616 B800015 2200158 ZMMC2V4 30100 PT6608 MC1406
Product Description
Full Text Search
 

To Download BR2500W05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR2500W - BR2510W
PRV : 50 - 1000 Volts Io : 25 Amperes
FEATURES :
* * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop High case dielectric strength
SILICON BRIDGE RECTIFIERS BR50W
0.732 (18.6) 0.692 (17.5)
1.130 (28.7) 1.120 (28.4)
0.470 (11.9) 0.430 (10.9)
0.21 (5.3) 0.20 (5.1)
* Pb / RoHS Free
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : Plated lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency * Weight : 15.95 grams
0.042 (1.06) 0.038 (0.96) 1.2 (30.5) MIN. 0.310 (7.87) 0.280(7.11)
Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at 12.5 A Maximum DC Reverse Current at Rated DC Blocking Voltage Ta = 25 C Ta = 100 C
SYMBOL
BR BR BR BR BR BR BR 2500W 2501W 2502W 2504W 2506W 2508W 2510W 50 35 50 100 70 100 200 140 200 400 280 400 25 300 375 1.1 10 1.0 2 22 - 40 to + 150 - 40 to + 150 600 420 600 800 560 800 1000 700 1000
UNIT V V V A A A 2S V
VRRM VRMS VDC IF(AV) IFSM I2t VF IR IR(H) RJC RJA TJ TSTG
A mA C/W C/W C C
Typical Thermal Resistance at Junction to Case ( Note 1 ) Typical Thermal Resistance at Junction to Ambient Operating Junction Temperature Range Storage Temperature Range
Notes :
1 ) Thermal resistance from Junction to Case with units mounted on a 5" x 4" x 3" ( 12.7 x 10.2 x 7.3 cm ) Al.-wing plate.
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( BR2500W - BR2510W )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
25 300
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
20
240
TJ = 55 C
15
180
10
120
5.0 P.C. Board Mounted with SINE WAVE R-Load free in AIR 0 0 25 50 75 100 125 150 175
60
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
0
1
2
4
6
10
20
40
60
100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS
100 Pulse W idth = 300 s 1 % Duty Cycle
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
10
TJ = 100 C
FORWARD CURRENT, AMPERES
REVERSE CURRENT, MICROAMPERES
10
1.0
1.0
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01 0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of BR2500W05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X