Part Number Hot Search : 
V495ME04 HD1750JL 78L12 HER101 FOD3120S AZ2085 FM850 1N5937B
Product Description
Full Text Search
 

To Download AZ822-2C-3DE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AZ822
SUBMINIATURE DIP RELAY
FEATURES * * * * * * * * * Low profile for compact board spacing DC coils to 48 VDC Life expectancy to 10 million operations Standard PC 0.1" grid terminal spacing Fits standard 16 pin IC socket Epoxy sealed for automatic wave soldering and cleaning Meets FCC Part 68.302 1500 V lightning surge Meets FCC Part 68.304 1000 V dielectric UL, CUR file E43203
GENERAL DATA
Life Expectancy Mechanical Electrical Operate Time (typical) Minimum operations 1 x 108 5 x 105 at 1 A 30 VDC 5 ms at nominal coil voltage 2 ms at nominal coil voltage (with no coil suppression) Contact to contact: 1.2 pF Contact set to contact set: 1.6 pF Contact to coil: 1.5 pF At 10 mA contact current 2 ms at operate N.O. side 3 ms at operate N.C. side
CONTACTS
Arrangement Ratings DPDT (2 Form C) Bifurcated crossbar contacts Resistive load: Max. switched power: 60 W or 125 VA Max. switched current: 2 A Max. switched voltage: 220 VDC or 250 VAC UL Rating: 1 A at 24 VDC 0.5 A at 120 VAC Material Resistance Silver palladium, gold clad < 50 milliohms initially
Release Time (typical) Capacitance (max.)
Bounce (typical)
Dielectric Strength 1000 Vrms contact to coil (at sea level for 1 min.) 1000 Vrms contact to contact 1000 Vrms between contact sets Insulation Resistance Dropout 1000 megohms min. at 20C, 500 VDC, 50% RH Greater than 5% of nominal coil voltage At nominal coil voltage -55C (-67F) to 90C (194F) -55C (-67F) to 105C (221F) 0.062" DA at 10-55 Hz 20 g P.B.T. polyester (UL94 V-0) Tinned copper alloy, P.C. 270C (518F) 5 seconds 80C (176F) 30 seconds 4.5 grams
COIL
Power At Pickup Voltage (typical) Max. Continuous Dissipation Temperature Rise Temperature 98 mW - Standard coils 74 mW - Sensitive coils 0.94 W at 20C (68F) 15C (27F) at nominal coil voltage Max. 105C (221F)
Ambient Temperature Operating Storage Vibration Shock Enclosure Terminals Max. Solder Temp. Max. Solder Time Max. Solvent Temp.
NOTES
1. All values at 20C (68F). 2. Relay may pull in with less than "Must Operate" value. 3. Relay adjustment may be affected if undue pressure is exerted on relay case. 4. Specifications subject to change without notice.
Max. Immersion Time Weight
3/3/04W
AZ822
RELAY ORDERING DATA
COIL SPECIFICATIONS - STANDARD
Nominal Coil VDC 3 5 6 9 12 24 48 Nominal Coil VDC 3 5 6 9 12 18 24 48 Max. Continuous VDC 6.5 10.8 13.0 19.5 26.5 52.9 103.9 Max. Continuous VDC 7.5 12.5 15.0 22.5 30.0 40.0 52.9 84.9 Coil Resistance 10% 45 125 180 405 720 2880 11520 Coil Resistance 10% 60 167 240 540 960 1620 2880 7680 Must Operate VDC 2.1 3.5 4.2 6.3 8.4 16.8 33.6 Must Operate VDC 2.1 3.5 4.2 6.3 8.4 12.6 16.8 33.6
ORDER NUMBER
AZ822-2C-3DE AZ822-2C-5DE AZ822-2C-6DE AZ822-2C-9DE AZ822-2C-12DE AZ822-2C-24DE AZ822-2C-48DE
COIL SPECIFICATIONS - SENSITIVE ORDER NUMBER
AZ822-2C-3DSE AZ822-2C-5DSE AZ822-2C-6DSE AZ822-2C-9DSE AZ822-2C-12DSE AZ822-2C-18DSE AZ822-2C-24DSE AZ822-2C-48DSE
MECHANICAL DATA
.787 (20) .472 (12) .015 (0.38) .386 (9.8)
.138 (3.5)
.044 (1.11)
.300 (7.61)
.200 (5.07) .200 (5.07)
(.020 .005) (0.5 0.13) TYP
.010 .005 (0.25 0.13) TYP
PC BOARD LAYOUT
0.03 DIA (0.8) (8 HOLES) .047 (1.2) REF
WIRING DIAGRAM
1 4 6 8
.047 (1.2) REF 16 0.1 (2.54) 13 11 9
Viewed toward terminals
Viewed toward terminals
Dimensions in inches with metric equivalents in parentheses. Tolerance: .010"
3/3/04W


▲Up To Search▲   

 
Price & Availability of AZ822-2C-3DE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X