Part Number Hot Search : 
919HD 2SC20 P1345 2SB926 FQU7N20 H1N60U SRF2020 UAA3540
Product Description
Full Text Search
 

To Download AMT203-0512-4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 date
10/2010
page 1 of 6
PART NUMBER: AMT203
THE AMT203 is a high performance absolute encoder based on capacitive sensing technology. The AMT203 utilizes a custom ASIC to create absolute position over a single turn. This encoder is12 bit and communicates via an SPI serial bus for working as a slave to an external microprocessor. Incremental A,B and Index signals are provided for higher speed operation. Incremental A,B signals with a single index pulse per 360 deg are provided for higher speed operation.
DESCRIPTION: FEATURES
-
12 BIT ABSOLUTE ENCODER
12 bit (4096 positions) SPI communication Small Size 37mm Incremental Line count up to 1024 Single pulse index Capacitive ASIC technology Modular locking hub design for ease of installation - SPI adjustable settings - `One Touch' zero position
ELECTRONIC SPECIFICATIONS
parameter power supply current consumption output resolution quadrature resolution incremental output signals incremental output waveform incremental outputs SPI output SPI bus SPI resolution accuracy 96, 192, 200, 250, 384, 400, 500, 512, 768, 800, 1000, 1024 Quadrature A, B signals and Index Z square wave output voltage - sourcing to +5 V @ -32 mA output voltage - sinking to ground @ -32 mA natural binary PIC 16F690 (see datasheet) 12 2 bit incr. 3.8 0.55 V V conditions/description min 4.5 nom 5 8 4,096 max 5.5 10 units V mA incr.
MECHANICAL SPECIFICATIONS
parameter SPI speed mounting options A) 2 each M1.6 on 16 mm (0.63") bolt circle B) 2 each #4 on 19.05 mm (0.75") bolt circle C) 2 each M1.6 or M2 on 20 mm (0.787") bolt circle D) 3 each M1.6 or M2 on 20.9 mm (0.823") bolt circle with washers in option B holes E) 3 each M1.6 or M2 on 22 mm (0.866") bolt circle F) 4 each M1.6 or M2 on 25.4 mm (1") bolt circle conditions/description min nom max 8,000 units RPM
ENVIRONMENTAL SPECIFICATIONS
parameter operating temperature humidity vibration 1.5mm, 3 directions, 2 hours 10 conditions/description min -40 nom max 125 85 55 units C %RH Hz
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
date
10/2010
page 2 of 6
PART NUMBER: AMT203
DESCRIPTION:
12 BIT ABSOLUTE ENCODER
AMT203-V KIT
In order to provide maximum flexibility for our customers, the AMT203 series is provided in kit form standard. This allows the user to implement the encoder into a range of applications using one sku#, reducing engineering and inventory costs.
SLEEVES
8mm
Blue
1/4 inch (6.35mm)
Snow
6mm
Red1
5mm
Green1
3/16 inch (4.76mm)
Yellow1
4mm
Gray60
1/8 inch (3.175mm)
Purple1
3mm
Orange
2mm
Light Sky Blue
TOOL A BASE TOP COVER TOOL C SHAFT ADAPTER
CUSTOM CONFIG KEY
For customers that prefer a specific AMT203 configuration, please reference the custom configuration key below.
AMT203 - XXXX - XXXX
Resolution (ppr): 0096 0192 0200 0250 0400 0500 0512 0640 1024
Sleeve Bore Diameter: 2000 = 2 mm 3000 = 3 mm 3175 = 3.175 mm (1/8") 4000 = 4 mm 4760 = 4.76 mm (3/16") 5000 = 5 mm 6000 = 6 mm 6350 = 6.35 mm (1/4") 8000 = 8 mm
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
date
10/2010
page 3 of 6
PART NUMBER: AMT203
DESCRIPTION:
12 BIT ABSOLUTE ENCODER
ENCODER INTERFACE
PINOUT CONNECTOR 1 FUNCTION # 14 13 12 11 10 9 8 7 6 5 4 3 2 1 SPI T_Bit N/A X N/A A N/A B MOSI 5 V+ SCK GND MISO CSB N/A
B
13 11 9
7
5
3
1
14 12 10 8
6
4
2
DETAIL B SCALE 4 : 1
Encoder Side
1' 0.25" (304.8)
Demo Board Side
Samtec ISDF-07-D
Demo Board Cable
(Cable available without Demo Board Connector)
28 AWG 10 conductor 1.27 mm pitch
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
date
10/2010
page 4 of 6
PART NUMBER: AMT203
DESCRIPTION:
12 BIT ABSOLUTE ENCODER
10.34 0.407 R15.49 0.610 15.30 0.602
15.33 0.604
37.39 1.472
28.58 1.125
10.93 0.430
A (3 PLCS) 22.00 0.866 2.00 0.079 (4 PLCS) 12.60 0.496 2.95 0.116 (2 PLCS) 1.70 0.067 (2 PLCS) 0.55 20.90 0.823 DETAIL A SCALE 4 : 1 TOLERANCE: 0.05mm UNLESS OTHERWISE SPECIFIED
21.45 0.844 R2.10 0.083 19.05 0.750
RoHS
25.48 1.003
16.00 0.630
18.60mm
5.30mm
AMT203 ABS US Patent No. 6892590
SCALE 5:1 R1.20mm
fax 503.612.2380 www.cui.com
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
date
10/2010
page 5 of 6
PART NUMBER: AMT203
DESCRIPTION:
12 BIT ABSOLUTE ENCODER
APPLICATION NOTES
Encoder operational mode * Initialization mode: At power up the encoder goes through an initiation and stabilization procedure. This includes microprocessor stabilization and the program for combining Coarse and Fine channel of the encoder for getting the absolute start position. This takes less than 0.1 seconds. * Tracking mode: Only the Fine channel is active and the MCU internal position register is updated with data from Fine: - MCU 12 bit position register is updated from Fine every 48 s. - For accurate position update without above time delay, outputs for incremental A quad B or Count and Up/Dwn from the Fine channel are provided. These outputs are operational up to 8000 RPM and there is no speed error. There is an acceleration error dependent on an internal filter constant of about 100 s. - When using the incremental output there also is an Index output available, with one index pulse per turn.
Serial Peripheral Interface Commands
The SPI or Serial Peripheral Interface Bus is a standard interface promoted by Motorola and Microchip among others. It consists of 4 signals: MOSI: Master Out Slave In MISO: Master In Slave Out SCK: Serial Clock CSB: Chip Select (active low)
SPI BUS
The SPI bus runs full duplex and transfers multiples of 8 bits in a frame. The SPI type is the most common (CPOL=0, CPHA=0), also known as Microwire. Data is captured on the rising edge of SCK and the output data is changed after the falling edge of SCK.
MISO SCK
MSB
LSB
Terminology
MOSI
MSB
Setup
LSB
MSB = most significant byte LSB = least significant byte msb = most significant bit lsb = least significant bit
CSB
Serial Peripheral Interface Bus (SPI) on AMT203 Figure 7: SPI BUS Timing Diagram The msb data out on MISO is valid soon after CSB goes low. The MOSI data is valid soon after the falling edge of SCK. The Encoder drives data out on MISO as long as CSB is low. Normally, CSB goes low, then after 8 clocks the command is interpreted. CSB high resets the clock counter, and terminates any command sequence.
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2380 www.cui.com
date
10/2010
page 6 of 6
PART NUMBER: AMT203
DESCRIPTION:
12 BIT ABSOLUTE ENCODER
SPI Commands:
The commands are all 8 bits long, the msb is shifted in first, and is the leftmost bit shown in Figure 7. Encoder Protocol Considerations: The Encoder is designed to operate with a high speed SPI link, in full duplex mode. This implies the host can issue commands and read data as quickly as necessary but there has to be an acknowledgement from the slave just before the data is transferred. Essentially the host issues a command, receives zero or more wait sequences (0xA5 or 1010,0101) then the echo of the command followed by an optional payload. So, for example to read the position, the host issues rd_pos (0x10 or 0001,0000), receiving a series of wait sequences (0xA5) then a reflected rd_pos (0x10), then the MSB data followed by the LSB data. It is recommended that the host leave a 20 us gap between reads to avoid extending the read time by forcing wait sequences.
Command 0x00: nop_a5
This command is ignored by the Encoder and simply causes the next data to be read. The encoder responds with 0xA5 if there is nothing else to send.
Command 0x10: rd_pos
This command causes a read of the current position. The sequence is as follows: 1) issue read command, receive idle character 2) issue NOP, receive idle character 0xA5 or 0x10 3) repeat step 2 if it is 0xA5 4) issue NOP and receive MSB position (4 bits valid data) 5) issue NOP and receive LSB position (8 bits valid data) Note that it is possible to overlap commands, so instead of NOP is several steps above the user could start another operation. The read and write FIFOs for the PCI streams are 16 bytes long and it is up to the user to avoid overflow.
Command 0x70: set_zero_point This command sets the current position to zero and saves this setting in the EEPROM. The host should send nop_a5 repeatedly after sending this command, the response will be 0xa5 while update is proceeding and 0x80 is the response when update is finished.
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com


▲Up To Search▲   

 
Price & Availability of AMT203-0512-4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X