Part Number Hot Search : 
15KP110 PR2001G1 2SB1116 LMR61W L9205A S6310MG LVCU0 L9205A
Product Description
Full Text Search
 

To Download ADAM-3920 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCL-720+
64-ch Digital I/O and Counter ISA Card Features
32 TTL-level digital input channels 32 TTL-level digital output channels High-output driving capacity Low-input loading 3 programmable counter/timer channels User configurable clock source Breadboard area for custom circuits
RoHS
2002/95/EC
COMPLIANT
Introduction
The PCL-720+ digital I/O and counter card is PC-compatible add-on cards with 32 digital input channels, 32 digital output channels and three programmable counter/timer channels. Their digital I/O channels are TTL-compatible and use 74LS244 driver/ buffer circuits to provide high output driving capacity. These buffered circuits also require lower input loading current than regular TTL circuits. The cards' 8254 programmable counter/timer provides three flexible 16-bit counter/timer channels. You can generate waves and pulses by programming the 8254. Jumper settings determine the clock crystal frequency. The cards also includes a breadboard area perfect for customized circuits.
Specifications
Digital Input
Channels Compatibility Input Voltage 32 5 V/TTL Logic 0: 0.8 V max. Logic 1: 2.0 V min.
General
Breadboard Area 540 (30 x 18) plated-through "donuts", each with a .036" hole on 0.10" centers. Further, provide +5 V on the left side, and provide GND on the right side Bus Type ISA I/O Connectors 5 x 20-pin box header Dimensions (L x H) 185 x 100 mm (7.3" x 4") Power Consumption +5 V @ 500 mA Operating Temperature 0 ~ 60 C (32 ~ 140 F) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Storage Humidity 5 ~ 95% RH, non-condensing (refer to IEC 68-2-3)
Digital Output
Channels Compatibility Output Voltage Output Capability 32 5 V/TTL Logic 0: 0.5 V max. Logic 1: 2.0 V min. Sink: 0.5 V max. @ 24 mA Source: 2.0 V min. @ 15 mA

Counter/Timer
Channels Resolution Compatibility Max. Input Frequency Reference Clock Internal: External Clock Frequency: Programmable Counter Modes 3 16 bits 5 V/TTL 1 MHz Selectable 1 MHz, 100 kHz, or 10 kHz base clock Jumper selectable divider: x2, x1, x0.5, and x0.25 6
Ordering Information
PCL-720+ PCL-10120-1 PCL-10120-2 PCLD-780 PCLD-782 PCLD-785 PCLD-786 PCLD-885 ADAM-3920 64-ch Digital I/O and Counter ISA Card 20-pin Flat Cable, 1 m 20-pin Flat Cable, 2 m Screw Terminal Board w/ Two 20-pin Flat Cables 16-ch Isolated DI Board w/ 1 m 20-pin Flat Cable 16-ch Relay Board w/ One 1 m 20-pin Flat Cable 8-ch SSR I/O Module Board w/ 20-pin Flat Cable 16-ch Power Relay Board w/ 20p & 50p Flat Cables 20-pin DIN-rail Flat Cable Wiring Board
Data Acquisition Boards


▲Up To Search▲   

 
Price & Availability of ADAM-3920

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X