Part Number Hot Search : 
74271378 SLX24C01 N5404 MMBZ5254 LD2X10 FSA8008 101MH ER500
Product Description
Full Text Search
 

To Download 90800-0020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0908000020 Active
1.27mm (.050") Pitch Picoflex(R) PF-50 Header, Right Angle, Low Profile, with Kinked PC Tails, 20 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-99020-0011 (PDF) RoHS Certificate of Compliance (PDF) Series PCB Headers 90800 Wire-to-Board Low Profile Picoflex(R) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Product Name
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Resin Number of Rows Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 20 Black 30 No No No None Yes Brass Tin Polyester 1 Vertical Yes 0.062 In 1.60 mm Tube 0.050 In 1.27 mm 120 3 120 3 Yes Yes No No No -40C to +105C Through Hole - Kinked Pin
Search Parts in this Series 90800Series Mates With 90327 IDT Connector
Electrical
Current - Maximum per Contact Voltage - Maximum 1.2A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Reference - Drawing Numbers
Product Specification Sales Drawing PS-99020-0011 SDA-90800E
This document was generated on 04/23/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 90800-0020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X