|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0496250582 Active 4.20mm (.165") Wire-to-Wire Upper TPATM for Male Housing, 5 Circuits RoHS Certificate of Compliance (PDF) General Product Family Series Product Name Crimp Housings 49625 N/A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Circuits (maximum) Circuits Detail Color - Resin Gender Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 5 5 Red Male No None Yes Nylon 1 Bag No 0.165 In 4.20 mm Yes No -40C to +105C Material Info Reference - Drawing Numbers Sales Drawing SD-49625-001 Search Parts in this Series 49625Series Mates With 4.20mm (.165") Wire-to-Wire Male TPATM 49623 This document was generated on 04/06/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 49625-0582 |