Part Number Hot Search : 
CLT4150 01N2F8T SKB20440 BF1105R N4403 LV5114 SDH60F 80C58
Product Description
Full Text Search
 

To Download 17D-304PCRP500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 17DE Series
Crimp Type
RoHS Compliant
FEATURE
Connector for crimp-wiring equipped with crimp-type press-contacts (compatible with AWG 22 to 30) Number of contacts : 9, 15, 25 and 37 Ni-plated metal shell surface; beat-process to plug-connector shell Connection of cable and plug can be shielded by a metalize-finished hood, improving resistance against
EMI.
17DE
SPECIFICATION
Voltage Rating Current Rating Dielectric Withstanding Voltage Insulation Resistance Contact Resistance Wire Accommodation Temperature 300V AC (r.m.s.) 3A/Contact 1,000V AC (r.m.s.) for 1 minute 1,000M min. at 500V DC 20m max. Stranded wire of AWG22, 24, 26, 28, 30 Outer diameter of insulator : 0.8 to 1.4 25 to 85
MATERIAL/FINISH
P/N Block Shell Contact Eyelet MATERIAL/FINISH PBT resin/(UL94V-0) color black Steel/Nickel Plating Copper alloy/Gold over Nickel plating Brass/Nickel Plating
1
17DE Series
Unit : mm
Crimp-Type Connector
17DE-13250-C
CONNECTOR STYLE 13 : Socket connector 23 : Pin connector
NO.OF.CONTACTS 09, 15, 25, 37
17DE-230-C
A B C D 2.84 E 2.84 3.1 HOLE 8.25 12.4
17DE-130-C
A B C D E 3.1 HOLE 12.4 7.8 1.5 11.9 6.1
F 3 1
11.9
5.9
7 7 G
7 7
17DE
G
Shape of 9-contacts
1.5
Shape of 9-contacts
No. of Contacts 9 15 25 37
P/N 17DE-23090-C 17DE-23150-C 17DE-23250-C 17DE-23370-C
A 30.7 39.0 52.9 69.2
B 24.99 33.32 47.04 63.50
C 16.80 25.12 38.84 55.30
D 10.98 19.20 33.12 49.68
E (1.37) (1.37) (1.38) (1.38)
F 8 12 20 20
G 16.0 24.4 38.1 54.5
No. of Contacts 9 15 25 37
P/N 17DE-13090-C 17DE-13150-C 17DE-13250-C 17DE-13370-C
A 30.7 39.0 52.9 69.2
B 24.99 33.32 47.04 63.50
C 16.30 24.65 38.35 54.80
D 10.98 19.20 33.12 49.68
E (1.37) (1.37) (1.38) (1.38)
G 16.0 24.4 38.1 54.5
2
17DE Series
Unit : mm
Crimp-Type Contact
17D-203PCR(R10000)
CONTACT PLATING 2 : Mating area : Gold (0.4m) over Nickel Plating Crimp area : Gold Flash over Nickel Plating 3 : Gold Flash over Nickel Plating APPLICABLE WIRE 03 : AWG2630 (standard wire) Outer diameter of insulator : 0.81.2 04 : AWG2224 (standard wire) Outer diameter of insulator : 1.11.4 S : Socket contact P : Pin contact No. OF CONTACTS R10000 : Reel contacts, 10000/reel P500 : Bulk contacts, 500/pack Rear-release type
Pin contact
1.65
Socket contact
1.95
7.62
1.7
7.62
7.9 1.7 2.25 1.92
1.01
17DE
6.9 1.9 2.25
9.9 3.4 1.8
1.52 1
8.5 3.4 1.8
0.85 0.85
P/N 17D-2PCR() 17D-3PCR()
Surface finishing Connecting section Gold (0.4) over Nickel Plating Gold Flash over Nickel Plating Wiring section Gold Flash over Nickel Plating Gold Flash over Nickel Plating
P/N 17D-2SCR() 17D-3SCR()
Surface finishing Connecting section Gold (0.4) over Nickel Plating Gold Flash over Nickel Plating Wiring section Gold Flash over Nickel Plating Gold Flash over Nickel Plating
3
7.62 1.52
7.62
17DE Series
Unit : mm
Tools
Manual wiring tool
P/N : 357J-10422 (For 17D-3CR Contact type) P/N : 357J-15475 (For 17D-4CR Contact type)
Tool for inserting/removing contact
P/N :357J-10309
Tool for erecting contact ratch Designation : 357J-10310 Used to erect ratch after removing contact inserted into insert-block by error.
Semi-automatic crimping machine Stripper crimper Designation : AP-A10424 (including press unit) Power supply : AC100V (0.2kW) Weight : 88kg
Crimper Designation : AP-A10423 (including press unit) Power supply : AC100V Weight : 45kg
17DE
4


▲Up To Search▲   

 
Price & Availability of 17D-304PCRP500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X