Part Number Hot Search : 
FLR190F 1A239 C7SZ1 A1400 XP1217 167BG 24C02SC TDA7565
Product Description
Full Text Search
 

To Download 0805KYCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./:0805KYCT
1Features/
l Emitting Color/Yellow/ l Lens Type/Water Clear/ l Device Outline/3.2x1.6x1.1mm
2Applications/
l Biaclight for MobileMachine Vision LCD Display/
l Backlight in Dashboard and swith of Automive/
3Outline Dimensions/
SPATIAL DISTRIBUTION
1.0 0.9 0.8
0.7 0.5 0.3 0.1 0 0.2 0.4 0.6
www.ledz.com
1/3
Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./:0805KYCT
4Absolute maximum ratings/Ta = 25
Parameter Power Dissipation Reverse Voltage Pulse Current Forward Current Operating Temperature Storage Temperature Symbol Pd VR IFp IFm Topr Tstr Test Condition ---- IR = 30A Duty=0.11kHz ---- ---- ---- Value Min. ---- 5 ---- ---- -40 -40 Max. 48 ---- 100 20 +85 +85 Unit mW V mA mA
5Electrical and optical characteristics/Ta = 25
Parameter Forward Voltage Reverse Current Dominate Wavelength Peak Wavelength Spectral Line half-width Luminous Intensity Viewing Angle Symbol VF IR d p
IV
Test Condition IF =20mA VR=5V IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA
Value Min. ---- ---- 585 ---- ---- 37.2 ---- Typ. 1.9 ---- ---- ---- 20 65 130 Max. 2.4 30 590 ---- ---- ---- ----
Unit V A nm nm nm mcd Deg.
21/2
www.ledz.com
2/3
Hebei I.T. (Shanghai) Co., Ltd.
SMD SPECIFICATION
Part No./:0805KYCT
6Typical electrical/optical characteristic curves/
50 Forward Current(mA) 40 30 20 10 0 1.5 2.1 2.3 1.7 1.9 Forward Voltage(V) 2.5 FORWARD CURRENT Vs FORWARD VOLTAGE 2.5 Luminous Intensity Relative Value at IF=20mA 2.0 1.5 1.0 0.5 0 0 10 20 30 40 IF-Forward Current (mA) 50 LUMINOUS INTENSITY Vs. FORWARD CURRENT
Relative Luminous Intensity
50 Forward Current(mA) 40 30 20 10 0 0
FORWARD CURRENT DERATING CURVE
2.5 2.0 1.5 1.0 0.5 0 -40 -20
LUMINOUS INTENSITY Vs. AMBIENT TEMPERATURE
20
40
60
80
100
Ambient Temperature TA ()
0 20 40 60 80 Ambient Temperature TA ()
100
Relative Luminous Intensity
100 75 50 25 0 450 500 550 650 600 W avelength (nm) 700 750
www.ledz.com
3/3


▲Up To Search▲   

 
Price & Availability of 0805KYCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X