Part Number Hot Search : 
11006 A1406 3121T MC74HC1 LT3763 T93C56 MSC1192 T93C56
Product Description
Full Text Search
 

To Download 0739422000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0739422000 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Backplane Header, Vertical, Solder Tail, Open End, 72 Circuits
Documents: 3D Model Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series
Agency Certification
CSA UL LR19980 E29179
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 73942 Backplane Solder Tail PCB Header hdm HDM(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 72 72 Black, Natural 250 No 94V-0 No None Phosphor Bronze Gold Tin High Temperature Thermoplastic 12 Open Pin Field 6 Vertical 0.098 In 2.50 mm None 0.098 In 2.50 mm Tube 0.079 In 2.00 mm 30 0.75 100 2.5 Yes Yes -55C to +105C
Search Parts in this Series 73942Series Mates With 73632 HDM PLUS(R) Board-to-Board Daughtercard Receptacle. 73780 HDM(R) Board-to-Board Daughtercard Receptacle Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # HDM(R) Backplane 0621001400 Insertion Signal Contact Tool Extraction Tool 0621001000
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Data Rate Voltage - Maximum 1A 1.0 Gbps 250V AC
Material Info Reference - Drawing Numbers
Packaging Specification PK-70873-0818 Sales Drawing SD-73942-001 HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0739422000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X