|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 03/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: Documents: Drawing (PDF) 0512041200 Active HMCTM Rectangular Industrial Female Housing, Multi-Module Type, 12 Circuits RoHS Certificate of Compliance (PDF) Agency Certification CSA TUV UL LR19980 R72081037 E29179 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. General Product Family Series Application Component Type Product Name Type I/O Connectors 51204 Panel-Mount Housing HMCTM N/A Physical Boot Color Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Lock to Mating Part Material - Plating Mating Material - Resin Number of Rows Orientation PCB Locator Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Waterproof / Dustproof Type N/A No N/A 12 Natural 50 94V-0 Plug Yes n/a Nylon 2 Vertical No Bag N/A 0.165 In 4.20 mm 0.165 In 4.20 mm Yes N/A 1 No -55C to +125C N/A Yes IP65 Search Parts in this Series 51204Series Mates With 512031200 Use With 58719 panel-mount bracket, 5556 GSX terminal, 58721 hood bracket Electrical Current - Maximum per Contact Shielded Voltage - Maximum 43A No 300V DC Material Info Reference - Drawing Numbers Product Specification Sales Drawing RPS-51200-003, RPS-58719-004, RPS-58719-007 SD-51204-002 This document was generated on 03/31/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0512041200 |