Part Number Hot Search : 
2SD201 KDV804KS NB4L339 21308 XMG16 SM340AF DG381B IRFU410
Product Description
Full Text Search
 

To Download 0511281601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0511281601 Active
2.50mm (.098") / 3.00mm (.118") Pitch Wire-to-Board Receptacle Housing with Fuse, 16 Circuits
Documents: Drawing (PDF) Product Specification PS-51128-003 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Product Name Crimp Housings 51128 N/A
Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 16 Black Female No Yes Polyphenylene Ether Alloy 2 Bag No 0.098 In, 0.118 In 2.50 mm, 3.00 mm Yes No -40C to +105C
Electrical
Current - Maximum per Contact 10A
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-51128-003, RPS-51128-001, RPS-51128-002, RPS-51128-003 SD-51128-**01
Search Parts in this Series 51128Series Mates With 53526-1611 , 53526-1619 Use With 50350-9001 , 50535-9001
This document was generated on 03/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0511281601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X