Part Number Hot Search : 
L63ID LT1T023C BYV27200 AS300DB B3010 74HC15 TB6552F STDP2550
Product Description
Full Text Search
 

To Download 0441440002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF)
0441440002 Active
modular_plugs_jacks Modular Jack, Right Angle, Low Profile, SMT, 8/6
Product Specification PS-43743-0001 (PDF) RoHS Certificate of Compliance (PDF) Series LR19980 E107635 image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Comments Component Type Magnetic Overview Performance Category Power over Ethernet (PoE) Product Name Modular Jacks/Plugs 44144 Flush Solder Tabs PCB Jack No modular_plugs_jacks 3 N/A RJ45
Physical
Color - Resin Durability (mating cycles max) Flammability Inverted / Top Latch Lightpipes/LEDs Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Orientation PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Ports Positions / Loaded Contacts Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Wire/Cable Type Black 500 94V-0 No None Phosphor Bronze Gold Tin High Temperature Thermoplastic Right Angle (Side Entry) Yes Embossed Tape on Reel 0.050 In 1.27 mm 50 1.25 100 2.5 1 8/6 N/A -40C to +80C Surface Mount N/A
Search Parts in this Series 44144Series Mates With FCC 68 Plugs
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.5A No 125V
Solder Process Data
Lead-free Process Capability Reflow Capable (SMT only)
Process Temperature max. C
235
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-70873-700* PS-43743-0001 SD-44144-001
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0441440002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X