Part Number Hot Search : 
MAX168 APE6312 471ME MC1430 CFD1264P USB22 RAS356 600ETTT
Product Description
Full Text Search
 

To Download 0394220002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0394220002 Active
12.00mm (.472") Pitch BeauTM EuroMaxTM Horizontal Plug, with Retention Screws, 2 Circuits
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Component Type Product Name Type Terminal Blocks 39422 Wire-to-Board Plug EuroMaxTMPluggable Euro Block image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Physical
Circuits (Loaded) Color - Resin Entry Angle Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Retention Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Stackable Temperature Range - Operating Wire Size AWG 2 Black 180 Angle Yes Brass Tin Tin Polyester 1 Horizontal N/A No 0.472 In 12.00 mm 150 3.75 150 3.75 Yes No 130C 10, 12, 14, 3, 4, 6, 8
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 39422Series Mates With 39426-0002 Horizontal PCB Header, with Threaded Retention Inserts
Electrical
Current - Maximum per Contact Voltage - Maximum 85A 600V
Material Info
Old Part Number 424502
Reference - Drawing Numbers
Sales Drawing SD-39422-001
This document was generated on 04/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0394220002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X