Part Number Hot Search : 
NJU6214 PBSS4 203918B 6KE15C EPM1024 HV5812 6KE350 HIN230IB
Product Description
Full Text Search
 

To Download XC6216B20A202EL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 XC6216/XE6216 Series
Voltage Regulators with Stand-by Function - Input Voltage: 28V
ETR0321_005
*XE6216 series are under development
GENERAL DESCRIPTION
XC6216/XE6216 series are positive voltage regulator ICs with 28V of operation voltage. The series consists of a voltage reference, an error amplifier, a current limiter, a thermal shutdown circuit and a phase compensation circuit plus a driver transistor. The output voltage is selectable in 100mV increments within the range of 2.0V to 12V using laser trimming technologies. With external resistors, the output voltage range can be expanded from 2.0V to 23V. The series' output stabilization capacitor (CL) is also compatible with low ESR ceramic capacitors. The over current protection circuit and the thermal shutdown circuit are built-in. These two protection circuits will operate when the output current reaches current limit level or the junction temperature reaches temperature limit level. The CE function enables the output to be turned off and the IC becomes a stand-by mode resulting in greatly reduced power consumption.
APPLICATIONS
Car audio, Car navigation systems Note book computers, PDAs Home appliances Audio visual equipment (Cameras, VCRs, etc.) Cordless phones, Wireless communication equipment
: More than 150mA (200mA limit) (VIN=VOUT(T)+3.0V) Dropout Voltage : 300mV@IOUT=20mA : 2.0V~28.0V Input Voltage Range : 2.0V~12.0V (100mV increments) Output Voltage 2.0V~23V with external resistors Setting Range High Accuracy : Setting Voltage Accuracy 2% (Setting Voltage Accuracy 1% Possible) Low Power Consumption : 5 A Stand-by Current : Less than 0.1 A High Ripple Rejection : 30dB@1kHz Operating Temperature : -40 ~+85 Low ESR Capacitor : Ceramic Capacitor Compatible Current Limit Circuit Built-In Thermal Shutdown Circuit Built-In Small Packages : SOT-25, SOT-89, SOT-89-5, USP-6C, SOT-223, TO-252 Max Output Current
FEATURES
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs. Input Volatage
1/29
XC6216/XE6216 Series
PIN CONFIGURATION
SOT-25 (TOP VIEW)
SOT-89 (TOP VIEW)
SOT-89-5 (TOP VIEW)
USP-6C (BOTTOM VIEW)
* The dissipation pad for the USP-6C package should be solder-plated in recommended mount pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs to be connected to other pins, it should be connected to the VSS (No. 5) pin.
SOT-223 (TOP VIEW)
TO-252 (TOP VIEW)
PIN ASSIGNMENT
XC6216B/XE6216B Series
SOT-25 1 2 3 4 5 PIN NUMBER SOT-89-5 5 2 4 3 1 USP-6C 6 5 4 3 1 2 PIN NAME VIN VSS NC CE VOUT NC FUNCTIONS Power Input Ground No connection ON/OFF Control Output No connection
XC6216C/XE6216C Series
SOT-25 1 2 3 4 5 PIN NUMBER SOT-89-5 5 2 4 3 1 USP-6C 6 5 4 3 1 2 PIN NAME VIN VSS VOFB CE VOUT NC FUNCTIONS Power Input Ground Output Voltage Adjustment ON/OFF Control Output No connection
XC6216D/XE6216D Series
SOT-89 3 2 1 PIN NUMBER SOT-223 3 2 1 TO-252 1 2 3 PIN NAME VIN VSS VOUT FUNCTIONS Power Input Ground Output
2/29
XC6216/XE6216
Series
PRODUCT CLASSIFICATION
Ordering Information
XC6216 DESIGNATOR DESCRIPTION Type and Options of Regulators SYMBOL B C D 20 ~ 99 Output Voltage A, B, C DESCRIPTION : Fixed output voltage, High Active : Output voltage externally set, High Active : Fixed output voltage, No CE function : For the voltage within 2.0V ~9.9V; e.g. 2.5V 25 5.0V 50 : For the voltage above 10.0V; e.g. 10.6V A6 11.2V B2 12.0V C0 : For C type (output voltage externally set), VOFB=2.0V only : Output voltage 100mV increments, within e.g. 2.5V =2, =5, =2 : Output voltage 100mV increments, within e.g. 5.0V =5, =0, =1 : SOT-25 ( for B and C types only) : SOT-89 (for D type only) : SOT-89-5 (for B and C types only) : USP-6C (for B and C types only) : SOT-223 (for D type only) : TO-252 (for D type only) : Embossed tape, standard feed : Embossed tape, reverse feed 2% accuracy 1% accuracy
20 Output Voltage Accuracy 2 1 M P P E F J R L
Packages
Device Orientation
XE6216 DESIGNATOR DESCRIPTION Type and Options of Regulators SYMBOL B C 20 ~ 99 Output Voltage A, B, C DESCRIPTION : Fixed output voltage, High Active : Output voltage externally set, High Active : For the voltage within 2.0V ~9.9V; e.g. 2.5V 25 5.0V 50 : For the voltage above 10.0V; e.g. 10.6V A6 11.2V B2 12.0V C0 : For C type (output voltage externally set), VOFB=2.0V only : Output voltage 100mV increments, Within e.g. 2.5V =2, =5, =2 : Output voltage 100mV increments, Within e.g. 5.0V =5, =0, =1 : SOT-25 ( for B and C types only) : SOT-89 (for D type only) : SOT-89-5 (for B and C types only) : USP-6C (for B and C types only) : Embossed tape, standard feed : Embossed tape, reverse feed 2% accuracy 1% accuracy
20 Output Voltage Accuracy 2 1 M P P E R L
Package
Device Orientation *1: The XE products are under development.
3/29
XC6216/XE6216 Series
BLOCK DIAGRAMS
XC6216B/XE6216B Series (SOT-25, SOT-89-5, USP-6C)
XC6216C/XE6216C Series (SOT-25, SOT-89-5, USP-6C)
XC6216D/XE6216D Series (SOT-89, SOT-223, TO-252)
4/29
XC6216/XE6216
Series
ABSOLUTE MAXIMUM RATINGS
XC6216B Series
PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage SOT-25 Power Dissipation SOT-89-5 USP-6C Operating Temperature Range Storage Temperature Range
*1: IOUT Pd / (VIN-VOUT)
SYMBOL VIN IOUT VOUT VCE Pd Topr Tstg
RATINGS VSS-0.3~30 300 (*1) VSS-0.3~VIN+0.3 VSS-0.3~30 250 500 100 -40~+85 -55~+125
UNIT V mA V V mW (TJ=25 )
XC6216C Series
PARAMETER Input Voltage Output Current Output Voltage CE Input Voltage FB Voltage SOT-25 Power Dissipation SOT-89-5 USP-6C Operating Temperature Range Storage Temperature Range
*1: IOUT Pd / (VIN-VOUT)
SYMBOL VIN IOUT VOUT VCE VOFB Pd Topr Tstg
RATINGS VSS-0.3~30 (*1) 300 VSS-0.3~VIN+0.3 VSS-0.3 ~ 30 VSS-0.3 ~ 30 250 500 100 -40~+85 -55~+125
UNIT V mA V V V mW (TJ=25 )
XC6216D Series
PARAMETER Input Voltage Output Current Output Voltage SOT-89 Power Dissipation SOT-223 TO-252 Operating Temperature Range Storage Temperature Range
*1: IOUT Pd / (VIN-VOUT)
SYMBOL VIN IOUT VOUT Pd Topr Tstg
RATINGS VSS-0.3~30 300 (*1) VSS-0.3~VIN+0.3 500 300 500 -40~+85 -55~+125
UNIT V mA V mW (TJ=25 )
*2: Only SOT-89 package is available for the XE series.
5/29
XC6216/XE6216 Series
ELECTRICAL CHARACTERISTICS
XC6216B Series
PARAMETER Output Voltage Maximum Output Current SYMBOL VOUT(E) CONDITIONS MIN. TYP. E-0 150 100 50 90 MAX. UNIT V mA mA mV Ta = 25 CIRCUIT
Load Regulation
Dropout Voltage 1
Dropout Voltage 2
Supply Current Stand-by Current Line Regulation 1 Line Regulation 2 Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate Short Current CE "H" Level Voltage CE "L" Level Voltage CE "H" Level Current CE "L" Level Current Thermal Shutdown Detect Temperature Thermal Shutdown Release Temperature Hysteresis Range
NOTE:
IOUT=20mA, VCE=VIN VIN=VOUT(T)+3.0V, VCE=VIN (VOUT(T) 3.0V) IOUTMAX VIN=VOUT(T)+3.0V, VCE=VIN (VOUT(T) 3.0V) VIN=VOUT(T)+2.0V, 1mA IOUT 50mA, VCE=VIN, (2.0V VOUT(T) 7.0V) VOUT VIN=VOUT(T)+2.0V, 1mA IOUT 50mA, VCE=VIN, (7.1V VOUT(T) 12.0V) Vdif1 IOUT=20mA, VCE=VIN IOUT=100mA, VIN = VOUT(T)+3.0V, VCE=VIN Vdif2 (VOUT(T)<3.0V) IOUT=100mA, VCE=VIN (VOUT(T)<3.0V) ISS VCE=VIN Istby VCE=VSS VOUT / VOUT(T)+2.0V VIN 28.0V IOUT=5mA, VCE=VIN VIN VOUT(T) VOUT / VOUT(T)+2.0V VIN 28.0V IOUT=13mA, VCE=VIN VIN VOUT(T) VIN IOUT=20mA, VCE=VIN VOUT / Topr VOUT(T) -40 Topr 85 VIN=[VOUT(T)+2.0]V+0.5Vp-pAC PSRR IOUT=20mA, f=1kHz, VCE=VIN Ishort VIN=VOUT(T)+2.0V, VCE=VIN VCEH VIN=28.0V VCEL VIN=28.0V ICEH VIN=VCE=28.0V ICEL VIN=28.0V, VCE=VSS TTSD TTSR TTSD-TTSR Junction Temperature Junction Temperature
-
110 E-1
140
mV mV
E-2
mV
1 0.01 0.03 2.0 1.1 0 -0.1 -0.1 -
5 0.01 0.05 0.15 100 30 30 150 125 25
9 0.10 0.10 0.30 28.0 28.0 0.35 0.1 0.1 -
A A %V %V V ppm/ dB mA V V A A -
-
*1: VOUT(T): Specified output voltage *2: VOUT(E): Effective output voltage (i.e. the output voltage when "VOUT(T)+2.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *3: Vdif={VIN1
{Note 5}
- VOUT1
{Note 4}
}
*4: VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+2.0V} is input. *5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased. *6: Unless otherwise stated, VIN=VOUT(T)+2.0V.
6/29
XC6216/XE6216
Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6216C Series
PARAMETER Output Voltage Divided Resistor Maximum Output Current Load Regulation Dropout Voltage1 Dropout Voltage2 Supply Current Stand-by Current Line Regulation1 SYMBOL VOUT(E) RFB IOUTMAX VOUT Vdif1 Vdif2 ISS Istby VOUT / VIN VOUT(T) VOUT / VIN VOUT(T) VIN VOUT / Topr VOUT(T) PSRR Ishort VCEH VCEL ICEH ICEL CONDITIONS IOUT=20mA, VCE=VIN, VOFB=VOUT VIN=VOUT=5.0V, VCE=VSS VOFB=VOUT VIN=5.0V, VCE=VIN , VOFB=VOUT VIN=4.0V 1mA IOUT 50mA, VCE=VIN, VOFB=VOUT IOUT=20mA, VCE=VIN, VOFB=VOUT IOUT=100mA, VIN=5.0V, VCE=VIN, VOFB=VOUT VCE=VIN, VOFB=VOUT VCE=VSS, VOFB=VOUT 4.0V VIN 28.0V, IOUT=5mA, VCE=VIN, VOFB=VOUT 4.0V VIN 28.0V, IOUT=13mA, VCE=VIN, VOFB=VOUT IOUT=20mA, VCE=VIN, -40 Topr 85 VIN=4.0V+0.5Vp-pAC, IOUT=20mA, f=1kHz, VCE=VIN VOFB=VOUT VIN=4.0V, VCE=VIN, VOFB=VOUT VIN=28.0V, VOFB=VOUT VIN=28.0V, VOFB=VOUT VIN=VCE=28.0V, VOFB=VOUT VIN=28.0V, VCE=VSS VOFB=VOUT Junction Temperature Junction Temperature MIN. 1.96 1.30 100 1 TYP. 2.00 2.09 50 450 1900 5 0.01 0.05 MAX. 2.04 4.40 90 600 26009 0.10 0.10 UNIT V M mA mV mV mV A A %V Ta = 25 CIRCUIT
Line Regulation2 Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate Short Current CE "H" Level Voltage CE "L" Level Voltage CE "H" Level Current CE "L" Level Current Thermal Shutdown Detect Temperature Thermal Shutdown Release Temperature Hysteresis Range
NOTE:
2.0 1.1 0 -0.1 -0.1
0.15 100 30 30 -
0.30 28.0 28.0 0.5 0.1 0.1
%V V ppm/ dB mA V V A A -
TTSD TTSR TTSD-TTSR
-
150 125 25
-
*1: VOUT(T): Specified output voltage *2: VOUT(E): Effective output voltage (i.e. the output voltage when "VOUT(T)+2.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *3: Vdif={VIN1
{Note 5}
- VOUT1
{Note 4}
}
*4: VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+2.0V} is input. *5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased. *6: Unless otherwise stated, VIN=VOUT(T)+2.0V.
7/29
XC6216/XE6216 Series
ELECTRICAL CHARACTERISTICS (Continued)
XC6216D Series
PARAMETER Output Voltage SYMBOL VOUT(E) CONDITIONS IOUT=20mA VIN=VOUT(T)+3.0V, (VOUT(T) 3.0V) VIN=VOUT(T)+3.0V, (VOUT(T) 3.0V) VIN=VOUT(T)+2.0V 1mA IOUT 100mA IOUT=20mA IOUT=100mA, VIN=VOUT(T)+3.0V (VOUT(T) 3.0V) IOUT=100mA, (VOUT(T) 3.0V) 1 VOUT(T)+2.0V VIN 28.0V IOUT=5mA VOUT(T)+2.0V VIN 28.0V IOUT=13mA IOUT=20mA, VCE=VIN -40 Topr 85 VIN=[VOUT(T)+2.0]V+0.5Vp-pAC IOUT=20mA, f=1kHz VIN=VOUT(T)+2.0V Junction Temperature Junction Temperature 2.0 150 100 MIN. TYP. E-0 50 E-1 E-2 5 0.05 0.15 100 30 30 150 125 25 9 0.10 0.30 28.0 90 MAX. UNIT V mA mA mV mV mV A %V %V V ppm/ dB mA Ta = 25 CIRCUIT
Maximum Output Current
IOUTMAX
Load Regulation Dropout Voltage1 Dropout Voltage2 Supply Current Line Regulation1 Line Regulation2 Input Voltage Output Voltage Temperature Characteristics Ripple Rejection Rate Short Current Thermal Shutdown Detect Temperature Thermal Shutdown Release Temperature Hysteresis Range
NOTE: *1: VOUT(T): Specified output voltage *2: VOUT(E): Effective output voltage
VOUT Vdif1 Vdif2 ISS VOUT / VIN VOUT(T) VOUT / VIN VOUT(T) VIN VOUT / Topr VOUT(T) PSRR Ishort TTSD TTSR TTSD-TTSR
(i.e. the output voltage when "VOUT(T)+2.0V" is provided at the VIN pin while maintaining a certain IOUT value.) *3: Vdif={VIN1
{Note 5}
- VOUT1
{Note 4}
}
*4: VOUT1: A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT{VOUT(T)+2.0V} is input. *5: VIN1: The input voltage when VOUT1 appears as input voltage is gradually decreased. *6: Unless otherwise stated, VIN=VOUT(T)+2.0V.
8/29
XC6216/XE6216
Series
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart
PARAMETER OUTPUT VOLTAGE (V) 2% ACCURACY VOUT MIN. 1.960 2.058 2.156 2.254 2.352 2.450 2.548 2.646 2.744 2.842 2.940 3.038 3.136 3.234 3.332 3.430 3.528 3.626 3.724 3.822 3.920 4.018 4.116 4.214 4.312 4.410 4.508 4.606 4.704 4.802 MAX. 2.040 2.142 2.244 2.346 2.448 2.550 2.652 2.754 2.856 2.958 3.060 3.162 3.264 3.366 3.468 3.570 3.672 3.774 3.876 3.978 4.080 4.182 4.284 4.386 4.488 4.590 4.692 4.794 4.896 4.998 MIN. 1.980 2.079 2.178 2.277 2.376 2.475 2.574 2.673 2.772 2.871 2.970 3.069 3.168 3.267 3.366 3.465 3.564 3.663 3.762 3.861 3.960 4.059 4.158 4.257 4.356 4.455 4.554 4.653 4.752 4.851 E-0 OUTPUT VOLTAGE (V) 1% ACCURACY VOUT MAX. 2.020 2.121 2.222 2.323 2.424 2.525 2.626 2.727 2.828 2.929 3.030 3.131 3.232 3.333 3.434 3.535 3.636 3.737 3.838 3.939 4.040 4.141 4.242 4.343 4.444 4.545 4.646 4.747 4.848 4.949 TYP. 450 450 390 390 390 310 310 310 310 310 260 260 260 260 260 260 260 260 260 260 220 220 220 220 220 220 220 220 220 220 E-1 DROPOUT VOLTAGE 1 (mV) IOUT=20mA Vdif1 MAX. 600 600 520 520 520 450 450 450 450 450 360 360 360 360 360 360 360 360 360 360 320 320 320 320 320 320 320 320 320 320 TYP. 1900 1900 1700 1700 1700 1500 1500 1500 1500 1500 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1100 1100 1100 1100 1100 1100 1100 1100 1100 1100 E-2 DROPOUT VOLTAGE 2 (mV) IOUT=100mA Vdif2 MAX. 2600 2600 2200 2200 2200 1900 1900 1900 1900 1900 1700 1700 1700 1700 1700 1700 1700 1700 1700 1700 1500 1500 1500 1500 1500 1500 1500 1500 1500 1500
SETTING VOLTAGE VOUT(T) (V) 2.0 2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9
9/29
XC6216/XE6216 Series
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued)
PARAMETER OUTPUT VOLTAGE (V) 2% ACCURACY VOUT MIN. 4.900 4.998 5.096 5.194 5.292 5.390 5.488 5.586 5.684 5.782 5.880 5.978 6.076 6.174 6.272 6.370 6.468 6.566 6.664 6.762 6.860 6.958 7.056 7.154 7.252 7.350 7.448 7.546 7.644 7.742 7.840 MAX. 5.100 5.202 5.304 5.406 5.508 5.610 5.712 5.814 5.916 6.018 6.120 6.222 6.324 6.426 6.528 6.630 6.732 6.834 6.936 7.038 7.140 7.242 7.344 7.446 7.548 7.650 7.752 7.854 7.956 8.058 8.160 MIN. 4.950 5.049 5.148 5.247 5.346 5.445 5.544 5.643 5.742 5.841 5.940 6.039 6.138 6.237 6.336 6.435 6.534 6.633 6.732 6.831 6.930 7.029 7.128 7.227 7.326 7.425 7.524 7.623 7.722 7.821 7.920 E-0 OUTPUT VOLTAGE (V) 1% ACCURACY VOUT MAX. 5.050 5.151 5.252 5.353 5.454 5.555 5.656 5.757 5.916 5.959 6.060 6.161 6.262 6.363 6.464 6.565 6.666 6.767 6.868 6.969 7.070 7.171 7.272 7.373 7.474 7.575 7.676 7.777 7.878 7.979 8.080 TYP. 190 190 190 190 190 190 190 190 190 190 190 190 190 190 190 170 170 170 170 170 170 170 170 170 170 170 170 170 170 170 170 E-1 DROPOUT VOLTAGE 1 (mV) IOUT=20mA Vdif1 MAX. 280 280 280 280 280 280 280 280 280 280 280 280 280 280 280 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 230 TYP. 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 1000 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 800 E-2 DROPOUT VOLTAGE 2 (mV) IOUT=100mA Vdif2 MAX. 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1300 1150 1150 1150 1150 1150 1150 1150 1150 1150 1150 1150 1150 1150 1150 1150 1150
SETTING VOLTAGE VOUT(T) (V) 5.0 5.1 5.2 5.3 5.4 5.5 5.6 5.7 5.8 5.9 6.0 6.1 6.2 6.3 6.4 6.5 6.6 6.7 6.8 6.9 7.0 7.1 7.2 7.3 7.4 7.5 7.6 7.7 7.8 7.9 8.0
10/29
XC6216/XE6216
Series
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued)
PARAMETER OUTPUT VOLTAGE (V) 2% ACCURACY VOUT MIN. 7.938 8.036 8.134 8.232 8.330 8.428 8.526 8.624 8.722 8.820 8.918 9.016 9.114 9.212 9.310 9.408 9.506 9.604 9.702 9.800 9.898 9.996 10.094 10.192 10.290 10.388 10.486 10.584 10.682 10.780 10.878 10.976 11.074 11.172 11.270 11.368 11.466 11.564 11.662 11.760 MAX. 8.262 8.364 8.466 8.568 8.670 8.772 8.874 8.976 9.078 9.180 9.282 9.384 9.486 9.588 9.690 9.792 9.894 9.996 10.098 10.200 10.302 10.404 10.506 10.608 10.710 10.812 10.914 11.016 11.118 11.220 11.322 11.424 11.526 11.628 11.730 11.832 11.934 12.036 12.138 12.240 MIN. 8.019 8.118 8.217 8.316 8.415 8.514 8.613 8.712 8.811 8.910 9.009 9.108 9.207 9.306 9.405 9.504 9.603 9.702 9.801 9.900 9.999 10.098 10.197 10.296 10.395 10.494 10.593 10.692 10.791 10.890 10.989 11.088 11.187 11.286 11.385 11.484 11.583 11.682 11.781 11.880 E-0 OUTPUT VOLTAGE (V) 1% ACCURACY VOUT MAX. 8.181 8.282 8.383 8.484 8.585 8.686 8.787 8.888 8.989 9.090 9.191 9.292 9.393 9.494 9.595 9.696 9.797 9.898 9.999 10.100 10.201 10.302 10.403 10.504 10.605 10.706 10.807 10.908 11.009 11.110 11.211 11.312 11.413 11.514 11.615 11.716 11.817 11.918 12.019 12.120 TYP. 130 130 130 130 130 130 130 130 130 130 130 130 130 130 130 130 130 130 130 130 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 120 E-1 DROPOUT VOLTAGE 1 (mV) IOUT=20mA Vdif1 MAX. 190 190 190 190 190 190 190 190 190 190 190 190 190 190 190 190 190 190 190 190 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 160 TYP. 700 700 700 700 700 700 700 700 700 700 700 700 700 700 700 700 700 700 700 700 650 650 650 650 650 650 650 650 650 650 650 650 650 650 650 650 650 650 650 650 E-2 DROPOUT VOLTAGE 2 (mV) IOUT=100mA Vdif2 MAX. 950 950 950 950 950 950 950 950 950 950 950 950 950 950 950 950 950 950 950 950 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850 850
SETTING VOLTAGE VOUT(T) (V) 8.1 8.2 8.3 8.4 8.5 8.6 8.7 8.8 8.9 9.0 9.1 9.2 9.3 9.4 9.5 9.6 9.7 9.8 9.9 10.0 10.1 10.2 10.3 10.4 10.5 10.6 10.7 10.8 10.9 11.0 11.1 11.2 11.3 11.4 11.5 11.6 11.7 11.8 11.9 12.0
11/29
XC6216/XE6216 Series
OPERATIONAL EXPLANATION
The voltage divided by resistors R11 & R12 is compared with the internal reference voltage by the error amplifier. The P-channel MOSFET, which is connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT pin is controlled and stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation to the level of output current and heat dissipation. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
The XC6216/XE6216 series includes a current fold-back circuit as a short circuit protection. When the load current reaches the current limit level, the current fold-back circuit operates and output voltage drops. The output voltage drops further and output current decreases. When the output pin is shorted, a current of about 30mA flows. The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6216/XE6216 series. In shutdown mode, output at the VOUT pin will be pulled down by R11 and R12 to the VSS level. Note that as the XC6216/XE6216 series is `High Active/No pull down', operations will become unstable with the CE pin open. We suggest that you use this IC with either a VIN voltage or a VSS voltage input at the CE pin. If this IC is used with the correct specifications for the CE pin, the operational logic is fixed and the IC will operate normally. However, supply current may increase as a result of through current in the IC's internal circuitry if a medium voltage is applied. When the junction temperature of the built-in driver transistor reaches the temperature limit level (150 TYP.), the thermal shutdown circuit operates and the driver transistor will be set to OFF. The IC resumes its operation when the thermal shutdown function is released and the IC's operation is automatically restored because the junction temperature drops to the level of the thermal shutdown release voltage. For the stable operation of the IC, over 2.0V of input voltage is necessary. The output voltage may not be generated normally if the input voltage is less than 2.0V.
12/29
XC6216/XE6216
Series
NOTES ON USE
Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be exceeded. 2 Where wiring impedance is high, operations may become unstable due to the noise and/or phase lag depending on output current. Please strengthen VIN and VSS wiring in particular. 3. Phase compensation inside the IC is performed in the XC6216/XE6216 series. Therefore, an abnormal oscillation does not occur even if there is no output capacitor CL. An input capacitor CIN around 0.1uF~1.0uF between the VIN pin and the VSS pin is required for input stability. Also, the output voltage fluctuation such as under shoot or over shoot, which occurs because of the load change can be controlled by placing the output capacitor CL around 0.1uF~1.0uF between the VOUT pin and VSS pin. The input capacitor (CIN) and the output capacitor (CL) should be placed to the IC as close as possible with a shorter wiring. 4. Notes on Setting Output Voltage Externally (C type) Topr=25 1
The output voltage can be set externally by the following equation: VOUT=2.0V x (Rxx + Ryy) / Ryy ................................................................................. Although the output voltage can be set freely by the above equation, resistance values can be calculated by the following equations in case considering output voltage accuracy. Ixx = IFB + Iyy ................................................................................. Iyy = 2.0V / Ryy ................................................................................. If the equation (3) is assigned to the equation (2), the equation becomes as below: Ixx =IFB + 2.0V / Ryy ................................................................................. For this, the following equation can be used for setting output voltage externally: VOUT=2.0V + Rxx Ixx ................................................................................. And the equation (4) will be; VOUT=2.0V + Rxx (IFB + 2.0V / Ryy) ................................................................................. =2.0V x (1 + Rxx / Ryy) + Rxx IFB ................................................................................. The second term of the equation (6), Rxx IFB, is the cause of the output accuracy error. The IFB can be calculated by the following equation: IFB=2.0V / RFB ................................................................................. The cause of the output accuracy error, Rxx IFB can be calculated by the equation below; Rxx IFB = Rxx 2.0V / Ryy = 2.0V x Rxx RFB ................................................................................. Accordingly, if Rxx is smaller than RFB, the output voltage error becomes minute.
(1) (2) (3) (4) (5) (6) (7) (8)
Setting Resistance-Dependant of XC6216 Series' Output Voltage
13/29
XC6216/XE6216 Series
TEST CIRCUITS
Circuit XC6216B/XE6216B Series XC6216C/XE6216C Series
XC6216D/XE6216D Series
Circuit XC6216B/XE6216B Series XC6216C/XE6216C Series
XC6216D/XE6216D Series
Circuit XC6216B/XE6216B Series XC6216C/XE6216C Series
XC6216D/XE6216D Series
Circuit XC6216C/XE6216C Series
14/29
XC6216/XE6216
Series
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Output Current
XC6216B/C/D 202 2.5
VIN=VCE=5.0V, Ta=25, CIN=CL=1.0F (ceramic)
XC6216B/C/D 202 2.5
Ta=25, CIN=CL=1.0F (ceramic)
Output Voltage: VOUT (V)
1.5
Output Voltage: VOUT (V)
2.0
2.0
1.5
1.0 Ta=-40 0.5 Ta=25 Ta=85 0.0 0 50 100 150 200 250 300 Output Current: IOUT (mA) XC6216B/D 332 4.0 3.5
VIN=VCE=6.3V, Ta=25, CIN=CL=1.0F (ceramic)
1.0 VIN=3V 0.5 VIN=4V VIN=5V 0.0 0 50 100 150 200 250 300 Output Currrent: IOUT (mA) XC6216B/D 332 4.0 3.5
Ta=25, CIN=CL=1.0F (ceramic)
Output Voltage : VOUT (V) Output Voltage: VOUT (V)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 50 100 150 200 Ta=-40 Ta=25 Ta=85 250 300
Output Voltage: VOUT (V) Output Voltage: VOUT(V)
3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 50 100 150 200 250 Output Current: IOUT (mA) IOUT (mA) XC6216B/D 502 6.0 5.0 4.0 3.0 2.0 VIN=6V 1.0 0.0 VIN=7V VIN=8V
Ta=25, CIN=CL=1.0F (ceramic)
VIN=4.3V VIN=5.3V VIN=6.3V 300
Output Current: IOUT Output Current : IOUT (mA) XC6216B/D 502 6.0 5.0 Output Voltage : VOUT (V) Output Voltage: VOUT 4.0 3.0 2.0 Ta=-40 1.0 0.0 0 50 100 150 200 250 Output Current : IOUT (mA) Output Current: IOUT (mA) 300 Ta=25 Ta=85 0 50
VIN=VCE=8.0V, Ta=25, CIN=CL=1.0F (ceramic)
Output Voltage: VOUT (V) Output Voltage : VOUT (V)
100 150 200 250 Output Current: IOUT Output Current : IOUT (mA)
300
15/29
XC6216/XE6216 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(1) Output Voltage vs. Output Current (Continued)
XC6216B/D C02 14 12 Output Voltage : VOUT (V) Output Voltage: VOUT 10 8 6 4 2 0 0 50 100 150 200 250 Output Current: IOUT Output Current : IOUT (mA) 300 Output Voltage : VOUT(V) Output Voltage: VOUT (V)
VIN=VCE=15.0V, Ta=25, CIN=CL=1.0F (ceramic)
XC6216B/D C02 14 12 10 8 6 4 2 0 0 50 100 150 200 250 Current: IOUT (mA) Output Current : IOUT (mA) 300 VIN=13V VIN=14V VIN=15V
Ta=25, CIN=CL=1.0F (ceramic)
Ta=-40 Ta=25 Ta=85
(2) Output Voltage vs. Input Voltage
XC6216B/C/D 202 2.1 2.0 Output Voltage : VOUT (V) Output Voltage: VOUT 1.9 1.8 1.7 IOUT=1mA 1.6 1.5 1.5 2 2.5 3 Input Voltage: VIN (V) Input Voltage: VIN (V) Input Voltage: VIN (V) 3.5 4 IOUT=10mA IOUT=30mA 1.5 4 8 12 16 20 24 28 Input Voltage: VIN (V) Input Voltage : VIN (V) Output Voltage: VOUT Output Voltage : VOUT (V)
Ta=25, CIN=CL=1.0F (ceramic)
XC6216B/C/D 202 2.1 2.0 1.9 1.8 1.7 1.6
Ta=25, CIN=CL=1.0F (ceramic)
IOUT=1mA IOUT=10mA IOUT=30mA
XC6216B/D 332
Ta=25, CIN=CL=1.0uF(ceramic)
XC6216B/D 332
Ta=25, CIN=CL=1.0uF(ceramic)
3.4 3.3 Output Voltage : VOUT (V) 3.2 3.1 3
IOUT=1mA
3.4 3.3 Output Voltage : VOUT (V) 3.2 3.1 3
IOUT=1mA
2.9 2.8 2.8 3.3 3.8 4.3
IOUT=10mA IOUT=30mA
2.9 2.8
IOUT=10mA IOUT=30mA
4.8
5.3
4
8
12
16
20
24
28
Input Voltage : VIN (V)
Input Voltage : VIN (V)
16/29
XC6216/XE6216
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
XC6216B/D 502 5.2 5.0 Output Voltage: VOUT (V) Output Voltage : VOUT(V) 4.8 4.6 4.4 IOUT=1mA 4.2 4.0 4 4.5 5 5.5 6 6.5 Input Voltage: VIN (V) Input Voltage : VIN (V) IOUT=10mA IOUT=30mA 4.0 8 12 Output Voltage: VOUT (V) Output Voltage : VOUT(V)
Ta=25, CIN=CL=1.0F (ceramic)
XC6216B/D 502 5.2 5.0 4.8 4.6 4.4 IOUT=1mA 4.2 IOUT=10mA IOUT=30mA 16 20 24 28
Ta=25, CIN=CL=1.0F (ceramic)
Input Voltage: VIN (V) Input Voltage : VIN (V)
XC6216B/D C02 13.0 12.5 Output Voltage: VOUT (V) Output Voltage : VOUT (V) 12.0 11.5 11.0 IOUT=1mA 10.5 10.0 10 11 12 13 Input Voltage: VIN (V) Input Voltage : VIN (V) 14 IOUT=10mA IOUT=30mA 10.0 14 16 18 Output Voltage: VOUT (V) Output Voltage : VOUT (V)
Ta=25, CIN=CL=1.0F (ceramic)
XC6216B/D C02 12.5
Ta=25, CIN=CL=1.0F (ceramic)
12.0
11.5
11.0 IOUT=1mA 10.5 IOUT=10mA IOUT=30mA
20
22
24
26
28
Input Voltage : VIN (V) Input Voltage: VIN (V)
(3) Dropout Voltage vs. Output Current
XC6216B/C/D 202 3.0 Input/Output Difference Voltage (V) Dropout Voltage : VDIF : VDIF (V) 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 150 Output Current: IOUT (mA) Output Current : IOUT (V) Ta=-40 Ta=25 Ta=85
CIN=CL=1.0uF (ceramic)
XC6216B/D 332 3.0 Dropout Voltage VDIF (V) Input/Output Difference :Voltage : VDIF (V) 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 Output Current : IOUT (mA) Output Current: IOUT (V) 150 Ta=-40 Ta=25 Ta=85
CIN=CL=1.0uF (ceramic)
17/29
XC6216/XE6216 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(3) Dropout Voltage vs. Output Current
XC6216B/D 502 3.0 Dropout Voltage: VDIF : VDIF (V) Input/Output Difference Voltage(V) Ta=-40 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 Output Current : IOUT (V) Output Current: IOUT (mA) 150 Ta=25 Ta=85
CIN=CL=1.0uF(ceramic)
XC6216B/D C02 3.0 Input/Output Difference Voltage (V) Dropout Voltage : VDIF : VDIF (V) 2.5 2.0 1.5 1.0 0.5 0.0 0 25 50 75 100 125 150 Output Current : IOUT (V) Output Current: IOUT (mA) Ta=-40 Ta=25 Ta=85
CIN=CL=1.0uF (ceramic)
(4) Supply Current vs. Input Voltage
XC6216B/C/D 202 10 9 8 Supply Current : ISS (A) Current: ISS (uA) 7 6 5 4 3 2 1 0 0 4 8 12 16 20 Input Voltage : VIN (V) Input Voltage:
XC6216B/D 332 10 9 Supply Current : ISS (uA) Supply Current: ISS (A) Supply Current : ISS (A) Current: ISS (uA) 8 7 6 5 4 3 2 1 0 0 4 8 12 16 20 24 28 Input Voltage: VIN (V) Input Voltage : VIN (V) Ta=-40 Ta=25 Ta=85 10 9 8 7 6 5 4 3 2 1 0 -40 -20 0 20 40 60 80 100
XC6216B/C/D 202 10 9 Supply Current: IS:SISS (uA) Supply Current (A) 8 7 6 5 4 3 2 1 0 -40 -20 0 20 40 60 80 Ambient Temprature: Ta ()
XC6216B/D 332
VIN=5.3V
VIN=4.0V
Ta=-40 Ta=25 Ta=85 24 28
100
Ambient Temprature: Ta ()
18/29
XC6216/XE6216
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(4) Supply Current vs. Input Voltage (Continued)
XC6216B/D 502 10 9 Supply Current: :ISISS (uA) Supply Current S (A) 8 7 6 5 4 3 2 1 0 28 -40 -20 0 20 40 60 80 100 Ambient Temperature: Ta ( )
VIN=7.0V
XC6216B/D 502 10 9 Supply Current : ISS (uA) Supply Current: ISS (A) 8 7 6 5 4 3 2 1 0 0 4 8 12 16 Ta=-40 Ta=25 Ta=85 20 24
Input Voltage : VIN (V) Input Voltage: VIN (V)
XC6216B/D C02 10 9 8 Supply Current :ISS (A) Current: ISS (uA) 7 6 5 4 3 2 1 0 0 4 8 12 16 20 24 28 Input Voltage : VIN (V) Input Voltage: (V) Ta=-40 Ta=25 Ta=85 Supply Current::ISS (A) Current ISS (uA) 10 9 8 7 6 5 4 3 2 1 0 -40 -20 0
XC6216B/D C02
VIN=14.0V
20
40
60
80
100
Ambient Temprature: Ta ( )
(5) Output Voltage vs. Ambient Temperature
XC621B/C/D 202 2.20 2.15 Output Voltage: VOUT (V) (V) Output Voltage : VOUT Voltage: VOUT (V) Output Voltage : VOUT (V) 2.10 2.05 2.00 1.95 1.90 1.85 1.80 -50 -25 0 25 50 75 Ambient Temperature: Ta ( 100 IOUT=1mA IOUT=10mA IOUT=20mA
CIN=CL=1.0F (ceramic)
XC6216B/D 332 3.50 3.45 3.40 3.35 3.30 3.25 3.20 3.15 3.10 -50 -25 0 25 50 75 Ambient Temperature: Ta ( ) 100 IOUT=1mA IOUT=10mA IOUT=20mA
CIN=CL=1.0F (ceramic)
19/29
XC6216/XE6216 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(5) Output Voltage vs. Ambient Temperature
XC6216B/D 502 5.20 5.15 Output Voltage :VOUT (V) Voltage: VOUT (V) 5.10 5.05 5.00 4.95 4.90 4.85 4.80 -50 -25 0 25 50 75 Ambient Temperature: Ta () 100 IOUT=1mA IOUT=10mA IOUT=20mA Output Voltage :VOUT (V) Voltage: VOUT (V)
CIN=CL=1.0F (ceramic)
XC6216B/D C02 12.20 12.15 12.10 12.05 12.00 11.95 11.90 11.85 11.80 -50 -25 0 25 50 75 Ambient Temperature: Ta ( 100 IOUT=1mA IOUT=10mA IOUT=20mA
CIN=CL=1.0F (ceramic)
(6) Line Transient Response
XC6216B/C/D 202
IOUT=1mA, tr=tf =5s
XC6216B/C/D 202 2.4 2.3 Voltage VOUT (V) Output Voltage: :VOUT (V) 6.0 5.0 Voltage VIN Input Voltage: :V IN (V) 4.0 3.0 Output Voltage 2.0 1.0 0.0 Time (1ms/div)
XC6216B/D 332
IOUT=30mA, tr=tf =5s
6.0 5.0 Input Voltage: V VIN (V) Input Voltage : IN (V) 4.0 3.0
CL=1F (ceramic), Ta=25
IOUT=30mA, tr=tf =5s CL=1F (ceramic), Ta=25
2.4 2.3
Input Voltage
2.2 2.1
Input Voltage
2.2 2.1 2.0 1.9 1.8
Output Voltage 2.0 1.0 0.0 Time (1ms/div)
XC6216B/D 332
IOUT=1mA, tr=tf =5s
2.0 1.9 1.8
7.0 6.0 Input Voltage VIN (V) Input Voltage::V IN (V)
CL=1F (ceramic), Ta=25
3.7 3.6 Output Voltage : VOUT (V) Output Voltage: VOUT (V) 3.5 3.4 3.3 3.2 3.1 Input Voltage: V VIN(V) Input Voltage : IN (V)
7.0 6.0
CL=1F (ceramic), Ta=25
3.7 3.6
Input Voltage 5.0 4.0 3.0 2.0 1.0 Time (1ms/div)
Input Voltage 5.0 4.0 3.0 2.0 1.0 Time (1ms/div) 3.5 3.4 3.3 3.2 3.1
Output Voltage
Output Voltage
20/29
Output Voltage::VOUT (V) Voltage VOUT (V)
Output Voltage : VOUT(V) Output Voltage: VOUT (V)
XC6216/XE6216
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(6) Line Transient Response (Continued)
XC6216B/D 502
IOUT=1mA, tr=tf =5s
XC6216B/D 502
IOUT=30mA, tr=tf =5s
9.0 8.0 Input Voltage :V IN (V) Voltage: VIN
CL=1F (ceramic), Ta=25
5.4 5.3 Output Voltage: VOUT (V) Output Voltage : VOUT (V) Input Voltage : VIN (V) Input Voltage: V IN (V)
9.0 8.0
CL=1F (ceramic), Ta=25
5.4 5.3
Input Voltage 7.0 6.0 5.0 4.0 3.0 Time (1ms/div) 5.2 5.1 5.0 4.9 4.8
Input Voltage 7.0 6.0 5.0 4.0 3.0 Time (1ms/div) 5.2 5.1 5.0 4.9 4.8
Output Voltage
Output Voltage
XC6216B/D C02
IOUT=1mA, tr=tf =5s
XC6216B/D C02
IOUT=30mA, tr=tf =5s
16.0 15.0 Input Voltage : V IN (V) Input Voltage: VIN (V)
CL=1F (ceramic), Ta=25
12.4 12.3 Output Voltage: VOUT (V) Output Voltage : VOUT (V) Voltage VIN Input Voltage: :V IN (V)
16.0 15.0
CL=1F (ceramic), Ta=25
12.4 12.3
Input Voltage 14.0 13.0 12.0 11.0 10.0 Time (1ms/div) 12.2 12.1 12.0 11.9 11.8
Input Voltage 14.0 13.0 12.0 11.0 10.0 Time (1ms/div) 12.2 12.1 12.0 11.9 11.8
Output Voltage
Output Voltage
(7) Load Transient Response
XC6216B/C/D 202
VIN=4.0V, tr=tf=5us CIN=CL=1.0uF(ceramic), Ta=25
XC6216B/D 332
VIN=5.3V, tr=tf=5us CIN=CL=1.0uF(ceramic), Ta=25
5
150
5
150
Output Current : IOUT (mA)
Output Voltage : VOUT (V)
Output Voltage 3 90
Output Voltage 3 90
2
30
60 Output Current 30
2
30m
60 Output Current 30
1
1m
1
1m
0 Time (1ms/div)
0
0 Time (1ms/div)
0
21/29
Output Current : IOUT (mA)
Output Vltage : VOUT (V)
4
120
4
120
Output Voltage: VOUT (V) Output Voltage : VOUT(V)
Output Voltage: VOUT (V) Output Voltage : VOUT (V)
XC6216/XE6216 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) Load Transient Response (Continued)
XC6216B/D 502
VIN=7.0V, tr=tf=5us CIN=CL=1.0uF(ceramic), Ta=25
XC6216B/D C02
VIN=14.0V, tr=tf=5us CIN=CL=1.0uF(ceramic), Ta=25
7
150
14
150
Output Current : IOUT (mA)
Output Voltage 5 90
Output Voltage 12 90
4
30m
60 Output Current 30
1m
11
30
60 Output Current 30
3
10
1m
2 Time (1ms/div)
0
9
0 Time (1ms/div)
(8) Input Rise Time
XC6216B/C/D 202
VIN=4.0V, tr=5s IOUT=1mA, CL=1F (ceramic),Ta=25
XC6216B/C/D 202
VIN=4.0V, tr=5s IOUT=30mA, CL=1F (ceramic),Ta=25
6 4 Input Voltage: VVIN(V) Input Voltage : IN (V) 2 0
6 5 4 3
6 4 Input Voltage : V IN (V) Input Voltage: VIN (V) 2 0 -2 -4 -6
6 5 4 3 2 1 0
Input Voltage Output Voltage :V OUT (V) Output Voltage: VOUT (V)
Input Voltage Output Voltage : OUT (V) Output Voltage: V VOUT (V)
Output Voltage : VOUT (V)
Output Voltage -2 -4 -6 Time(1ms/div)
XC6216B/D 332
VIN=4.0V, tr=5s IOUT=1mA, CL=1F (ceramic),Ta=25
Output Voltage
2 1 0
Time (1ms/div)
XC6216B/D 332
VIN=4.0V, tr=5s IOUT=30mA, CL=1uF (ceramic),Ta=25
8 6 Input Voltage : VIN (V) 4 2 0 -2 -4 -6 -8
8 7 Input Voltage : VIN (V) 6 5 Output Voltage : VOUT (V)
8 6 4 2 0 -2 -4 -6 -8
8 7 6 5
Input Voltage
Input Voltage
Output Voltage
4 3 2 1 0
Output Voltage
4 3 2 1 0
Time (1ms/div)
Time(1ms/div)
22/29
Output Current : IOUT (mA)
Output Voltage : VOUT (V)
Output Voltage : VOUT (V)
6
120
13
120
XC6216/XE6216
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) Input Rise Time (Continued)
XC6216B/D 502
VIN=4.0V, tr=5s
XC6216B/D 502
VIN=4.0V, tr=5s
8 6 Input Voltage : VIN (V) Input Voltage: V IN (V) 4 2 0 -2 -4 -6 -8
IOUT=1mA, CL=1F (ceramic),Ta=25
8 7 Output Voltage: V OUT Output Voltage : VOUT (V) 6 5 Input Voltage : VININ (V) Input Voltage: V (V)
8 6 4 2 0 -2 -4 -6 -8
IOUT=30mA, CL=1F (ceramic),Ta=25
8 7 6 5 Output Voltage : VOUT (V) Output Voltage: V OUT (V)
Input Voltage
Input Voltage
Output Voltage
4 3 2 1 0
Output Voltage
4 3 2 1 0
Time (1ms/div)
Time (1ms/div)
XC6216B/D C02
VIN=4.0V, tr=5s
XC6216B/D C02
VIN=4.0V, tr=5s
15 10 Voltage: VIN Input Voltage : V IN (V) 5
IOUT=1mA, CL=1F (ceramic),Ta=25
18 15 Output Voltage : V OUT (V) Output Voltage: VOUT (V) Input Voltage: V IN (V) Input Voltage : VIN (V) 12
15 10 5 0 -5 -10 -15
IOUT=30mA, CL=1F (ceramic),Ta=25
18 15 12 Output Voltage : VOUT (V) Output Voltage: V OUT (V)
Input Voltage
Input Voltage
Output Voltage 0 -5 -10 -15 Time (1ms/div) 9 6 3 0
Output Voltage
9 6 3 0
Time (1ms/div)
(9) CE Rise Time
6 4 CE Input Voltage : V CE (V) CE Input Voltage: VCE (V) 2 0
XC6216B/C/D 202
VIN=4.0V, tr=5s IOUT=1mA, CL=1F (ceramic),Ta=25
XC6216B/C/D 202
VIN=4.0V, tr=5s
6 5 Output Voltage : VOUT (V) Output Voltage: V OUT (V) 4 3 CE Input Voltage : VCE (V) CE Input Voltage: V CE (V)
6 4 2 0
IOUT=30mA, CL=1F (ceramic),Ta=25
6 5 4 3
CE Input Voltage
CE Input Voltage Output Voltage: V OUT (V) Output Voltage : VOUT (V)
Output Voltage -2 -4 -6 Time (1ms/div) 2 1 0
Output Voltage -2 -4 -6 Time(1ms/div) 2 1 0
23/29
XC6216/XE6216 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) CE Rise Time (Continued)
XC6216B/D 332
VIN=5.3V, tr=5s
XC6216B/D 332
VIN=5.3V, tr=5s
8 6 CE Input Voltage : CE (V) CE Input Voltage: V VIN(V) 4 2 0 -2 -4 -6 -8
IOUT=1mA, CL=1F (ceramic),Ta=25
8 7 Output Voltage : V OUT (V) Output Voltage: VOUT (V) 6 5 CE Input Voltage : VCE (V) CE Input Voltage: V CE
8 6 4 2 0 -2 -4 -6 -8
IOUT=30mA, CL=1F (ceramic),Ta=25
8 7 6 5 4 Output Voltage: V OUT (V) Output Voltage : VOUT (V)
CE Input Voltage
CE Input Voltage
Output Voltage
4 3 2 1 0
Output Voltage
3 2 1 0
Time (1ms/div)
XC6216B/D 502
VIN=7.0V, tr=5s
Time (1ms/div)
XC6216B/D 502
VIN=7.0V, tr=5s
8 6 CE Input Voltage: V CE (V) CE Input Voltage : VCE (V) 4 2 0 -2 -4 -6 -8
IOUT=1mA, CL=1F (ceramic),Ta=25
8 7 Output Voltage VOUT (V) Output Voltage: :V OUT (V) CE Input Voltage :V CE (V) Voltage: VCE (V) 6 5
8 6 4 2 0 -2 -4 -6 -8
IOUT=30mA, CL=1F (ceramic),Ta=25
8 7 6 5 Output Voltage : VOUT (V) Output Voltage: V OUT (V)
CE Input Voltage
CE Input Voltage
Output Voltage
4 3 2 1 0
Output Voltage
4 3 2 1 0
Time (1ms/div)
XC6216B/D C02
VIN=14.0V, tr=5s
Time (1ms/div)
XC6216B/D C02
VIN=14.0V, tr=5s
15 10 CE Input Voltage : VCE (V) CE Input Voltage: V CE (V) 5 0 -5 -10 -15
IOUT=1mA, CL=1F (ceramic),Ta=25
18 15 12
15 10 5 0 -5 -10 -15
IOUT=30mA, CL=1F (ceramic),Ta=25
18 15 12 9 6 3 0
CE Input Voltage Output Voltage : VOUT (V) Output Voltage: V OUT (V) CE Input Voltage : VCE (V) CE Input Voltage: V CE (V)
CE Input Voltage Output Voltage : VOUt (V) Output Voltage: V OUT (V)
Output Voltage
9 6 3 0
Output Voltage
Time (1ms/div)
Time (1ms/div)
24/29
XC6216/XE6216
Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Ripple Rejection Rate
XC6216B/C/D 202
VIN=4.0Vdc+0.5Vp-p, IOUT=1mA
XC6216B/C/D 202
VIN=4.0Vdc+0.5Vp-p, IOUT=30mA
90 Ripple Rejection Rate: PSRR (dB Ripple Rejection Rate: PSRR (dB) 80 70 60 50 40 30 20 10 0 0.01 0.1 1
CL=1F (ceramic),Ta=25
90 PSRR (dB) Ripple Rejection Rate: PSRR (dB) 80 70 60 50 40 30 20 10 0 0.01 0.1 1
CL=1F (ceramic),Ta=25
10
100
10
100
Ripple Frequency:(kHz) Frequency : f f (kHz)
XC6216B/D 332
VIN=5.3Vdc+0.5Vp-p, IOUT=1mA
Ripple Frequency:(kHz) Frequency : f f (kHz)
XC6216B/D 332
VIN=4.0Vdc+0.5Vp-p, IOUT=30mA
90 Ripple Rejection(dB) PSRR (dB) PSRR Rate: 80 70 60 50 40 30 20 10 0 0.01
CL=1F (ceramic),Ta=25
90 Ripple Rejection Rate: PSRR (dB) PSRR (dB) 80 70 60 50 40 30 20 10 0 0.01
CL=1F (ceramic),Ta=25
0.1
1
10
100
0.1
1
10
100
Frequency : f (kHz) Ripple Frequency: f (kHz)
Ripple Frequency: f (kHz) Frequency : f (kHz)
XC6216B/D 502
VIN=7.0Vdc+0.5Vp-p, IOUT=1mA
XC6216B/D 502
VIN=7.0Vdc+0.5Vp-p, IOUT=30mA
90 Ripple Rejection Rate: PSRR (dB) PSRR (dB) 80
CL=1F (ceramic),Ta=25
90 80 Ripple Rejection Rate: PSRR (dB) PSRR (dB) 70 60 50 40 30 20 10 0 0.01
CL=1F (ceramic),Ta=25
70 60 50 40 30 20 10 0 0.01
0.1
1 Ripple Frequency: f (kHz) Frequency : f (kHz)
10
100
0.1
1
10
100
Ripple Frequency: f (kHz) Frequency : f (kHz)
25/29
XC6216/XE6216 Series
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) Ripple Rejection Time (Continued)
XC6216B/D C02
VIN=VCE=14.0Vdc+0.5Vp-p, IOUT=1mA
XC6216B/D C02
VIN=VCE=14.0Vdc+0.5Vp-p, IOUT=30mA
90 Ripple Rejection Rate: PSRR (dB) PSRR (dB) 80 70 60 50 40 30 20 10 0 0.01
CL=1F (ceramic),Topr=25
90 Ripple Rejection (dB) PSRR (dB) PSRR Rate: 80 70 60 50 40 30 20 10 0 0.01
CL=1F (ceramic),Topr=25
0.1
1
10
100
0.1
1
10
100
Ripple Frequency: f (kHz) Frequeency : f (kHz)
Ripple Frequency: f (kHz) Frequency : f (kHz)
26/29
XC6216/XE6216
Series
PACKAGING INFORMATION
SOT-25
2.90 .2 0.4
+0.1 -0.05
SOT-89-5
4.50.1 1.6 + 0 .1 5 - 0 .2 0.420.06 0.420.06 0.420.06 1.00.2 0.4 - 0 .0 2
+ 0 .0 3
5
4
0 .0 50 .0 5 2 .80 .2
5
(0.4)
2
4
1 .6
MIN 0 .2
1.0 4.250.25 2.50.1
1
(0 .9 5 )
2
1 .90 .2
3
0 .1 5 -0.05
+0.1
1
1 .1 50.1 5 1 .1 0.1
2
0.470.06
3
1.00.2
5
5
+0.2 -0.1
0.420.06
0.420.06
0.4 - 0 .0 2
+ 0 .0 3
8
8 (0.1) 1.50.1 1.50.1
USP-6C
USP-6C Recommended Pattern Layout
USP-6C Recommended Metal Mask Design
1.50.1
27/29
XC6216/XE6216 Series
PACKAGING INFORMATION (Continued)
SOT-223 SOT-89
.
TO-252
6. 550. 2 5 30. 2 . 1. 10. 25 0. 5 0 1 .
6. 1 0. 15 0. 750. 15 0. 750. 15 0. 750. 15 0. 850 25 .
.
9. 90. 55
0. 5 0 1 .
0. 2. 3 + 1 -1 0. 5
M I N . 32 4
.
2. 28
2. 28
28/29
XC6216/XE6216
Series
1. The products and product specifications contained herein are subject to change without notice to improve performance characteristics. Consult us, or our representatives before use, to confirm that the information in this catalog is up to date. 2. We assume no responsibility for any infringement of patents, patent rights, or other rights arising from the use of any information and circuitry in this catalog. 3. Please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this catalog. 4. The products in this catalog are not developed, designed, or approved for use with such equipment whose failure of malfunction can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. Atomic energy; aerospace; transport; combustion and associated safety equipment thereof.) 5. Please use the products listed in this catalog within the specified ranges. Should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. We assume no responsibility for damage or loss due to abnormal use. 7. All rights reserved. No part of this catalog may be copied or reproduced without the prior permission of Torex Semiconductor Ltd.
29/29


▲Up To Search▲   

 
Price & Availability of XC6216B20A202EL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X