Part Number Hot Search : 
FF600 TDZ27J L7805T 1UC12 6020169 YAAMUA BD45231 ML9266
Product Description
Full Text Search
 

To Download VC020103V101WP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature 0201 MLV
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
GENERAL DESCRIPTION
AVX 0201 Multi-Layer Varistors are designed for circuits where board space is a premium. 0201 MLV offer bi-directional ESD protection in the smallest package available today. The added advantage is EMI/RFI attenuation. 0201 MLV can replace 2 diodes and the EMC capacitor for a one chip solution. The miniature size and one chip solution team to offer designers the best in ESD protection and EMI filtering in one ultra compact device.
FEATURES
* * * * * * Capacitance 15pF to 150pF Low VB Version Bi-Directional protection Fastest response time to ESD strikes Multi-strike capability Ultra compact 0201 case size
TVS Dodes XCVR
APPLICATIONS
* * * * * * Cell phone PDA Camera modules Embedded components Hearing aid Any circuit with space constraints
MultiLayer Varistors (MLVs) XCVR BUS
BUS EMC CAP
MLV PROTECTION METHOD SINGLE COMPONENT SOLUTION TVS & EMI
DIODE PROTECTION METHOD THREE COMPONENT SOLUTION TVS + EMI
HOW TO ORDER
VC
Varistor Chip
0201
Chip Size
0201
03
Working Voltage
03 = 3.5V
V
Energy Rating
V = 0.02J
151
Capacitance
151 = 150pF
W
Packaging
W = 7" 10kpcs
P
Termination
P = Ni Barrier/ 100% Sn (matte)
AVX Part Number
VC020103V101WP VC020103V121WP VC020103V151WP VC020105T150WP VC020105T330WP VC020105T500WP VC020105T101WP VC020105V101WP VC020107V101WP
VW (DC)
3.5 3.5 3.5 5.6 5.6 5.6 5.6 5.6 7.0
VW (AC)
2.0 2.0 2.0 4.0 4.0 4.0 4.0 4.0 5.6
VB
4.76 min 8.84 max 4.76 min 8.84 max 4.76 min 8.84 max 10.0 min 15.6 max 10.0 min 15.6 max 10.0 min 15.6 max 10.0 min 15.6 max 6.4 min 9.6 max 9.6 min 14.4 max
VC
14max 14max 14max 35max 35max 35max 35max 17max 20max
IVC
1 1 1 1 1 1 1 1 1
IL
50 50 50 50 50 50 50 50 50
ET
0.02 0.02 0.02 0.01 0.01 0.01 0.01 0.02 0.02
IP
10 10 10 2 4 5 5 4 5
Cap
100pF 30% 125pF 30% 150pF 30% 15pF 30% 33pF 30% 50pF 30% 100pF 30% 100pF 30% 100pF 30%
VW(DC) VW(AC) VB VC IVC
DC Working Voltage [V] AC Working Voltage [V] Breakdown Votage [V @ 1mADC] Clamping Votage [V @ IVC] Test Current for VC [A, 8x20S]
IL ET IP Cap
Maximum leakage current at the working voltage [A] Transient Energy Rating [J, 10x1000S] Peak Current Rating [A, 8x20S] Capacitance [pF] @ 1KHz specified and 0.5VRMS
11
Miniature 0201 MLV
AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
PHYSICAL DIMENSIONS: mm (inches)
T t t
Size (EIA) 0201 Lenght (L) 0.600.03 (0.024.001) Width (W) 0.300.03 (0.0110.001) Max Thickness (T) 0.33 max. (0.013 max.) Terminal (t) 0.150.05 (0.0060.002)
W L
VOLTAGE/CURRENT CHARACTERISTICS
40
TRANSMISSION CHARACTERISTICS
0 -5 -10
30
Insertion Loss (dB)
-15 -20 -25 -30 -35 -40 -45 -50
Volt (V)
20
10
0 1.E-09
0.1
1
10
100
1000
10000
1.E-06 Current (A)
1.E-03
1.E+00
Frequency (MHz)
15 pF
33 pF
50 pF
100 pF
15 pF
33 pF
50 pF
100 pF
TYPLICAL 8 KV ESD PERFORMANCE
40.0 Vb IL 30.0 1.E+01 Leakage @ 5.6 V (uA) 1.E+03
IMPEDENCE VS. FREQUENCY CHARACTERISTICS
10000 1000
Vb (Volts)
100
20.0
1.E-01
10
10.0
1.E-03
1
0.0 0 1 10 # Pulses 100
1.E-05 1000
0.1 0.1 1 10 Frequency (MHz) 15 pF 33 pF 50 pF 100 pF 100 1000 10000
12


▲Up To Search▲   

 
Price & Availability of VC020103V101WP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X