Part Number Hot Search : 
30FQ045 FM220 KIC7SZ04 CA556 CA556 FIP11F10 GRM21 M3501
Product Description
Full Text Search
 

To Download TC4W-10D4805 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T
TRUMPower
DC/DC CONVERTERS
TC4W Series
4:1 Input, 10 Watt
MODEL NUMBER OUTPUT VOLTAGE 3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC OUTPUT CURRENT 2000 mA 2000 mA 830 mA 666 mA 1000 mA 415 mA 333 mA OUTPUT POWER 6.6W 10W 10W 10W 10W 10W 10W 9-36 VDC IN TC4W-7S243.3 TC4W-10S2405 TC4W-10S2412 TC4W-10S2415 TC4W-10D2405 TC4W-10D2412 TC4W-10D2415 18-72 VDC IN TC4W-7S483.3 TC4W-10S4805 TC4W-10S4812 TC4W-10S4815 TC4W-10D4805 TC4W-10D4812 TC4W-10D4815
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25C, Nominal Line, and Full Load Unless Otherwise Noted. INPUT SPECIFICATIONS Nominal Line, 9-36V Input.................................24 VDC 18-72V Input...............................48 VDC Input Filter........................................................Pi Filter Reverse Voltage Protection............Internal Shunt Diode Use External Fuse OUTPUT SPECIFICATIONS Voltage Accuracy.......................................1.0%, Max. Line Regulation..........................................0.2%, Max. Load Regulation, FL-25%FL.......................1.0%, Max. Minimum Load.........................................Not Required Ripple and Noise, 20MHz BW................75mVp-p, Max. Short Circuit Protection...............................Continuous GENERAL SPECIFICATIONS Efficiency.....................................................76% - 82% Isolation Voltage, Input to Output.............500 VDC, Min. Switching Frequency................................200 KHz, Typ. Operating Temperature Range...............-25C to +71C Case Temperature......................................100C Max. Derating................................................................None Storage Temperature Range................-40C to +100C Cooling...........................................Free Air Convection EMI/RFI........................Six-Sided Shielded Metal Case Conducted EMI....Meets FCC Class A, EN55022 Class A Case Material..............Metal with Non-Conductive Base
1.00 (25.4) 0.40 (10.2) 0.40 (10.2) 0.10 (2.54) 0.22 (5.6)
+OUT COM -OUT /NP* BOTTOM VIEW +IN -IN 0.60 (15.2) 0.20 (5.1) 0.80 (20.3) 2.00 (50.8)
0.60 (15.2)
0.40 (10.2)
* NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.04 INCH (1.0 mm) DIA. ALL DIMENSIONS IN INCHES (mm)
-01/2008-
Tumbler Technologies + TRUMPower * Santa Clara, CA * 408-988-6616 * sales@trumpower.com * www.TRUMPower.com


▲Up To Search▲   

 
Price & Availability of TC4W-10D4805

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X