Part Number Hot Search : 
TMS77C82 2907A TV24I 6V265 LM7805CT M5S25BJ UPA1570H CNY64A
Product Description
Full Text Search
 

To Download SMD150F3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: SMD150F
DOCUMENT: SCD 25640 PCN: 888758 REV LETTER: B REV DATE: MARCH 28, 2005 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Ratings
Operating Voltage / Interrupt Current
C
15V / 40A 12V / 60A 5V / 125A Marking:
H
B G D A E F
Notes: 1. All metal surfaces are tin plated. 2. Devices cannot be wave soldered. 3. Drawing not to scale.
TABLE I. DIMENSIONS:
A MIN MAX mm: 8.00 9.40 in*: (0.315) (0.370) B MIN --C D E F G H MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN 3.00 6.0 6.71 0.56 0.71 0.56 0.71 3.68 3.94 0.66 1.37 0.43 (0.118) (0.236) (0.264) (0.022) (0.028) (0.022) (0.028) (0.145) (0.155) (0.026) (0.054) (0.017)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS** TIME TO TRIP** RESISTANCE VALUES OHMS AT 20C MIN MAX* 0.060 0.250 TRIPPED-STATE POWER DISSIPATION** WATTS AT 20C MAX 1.9
AMPS AT 0C HOLD TRIP 1.80 3.60
AMPS AT 20C HOLD TRIP 1.50 3.00
AMPS SECONDS AT AT 60C 20C, 8.0A HOLD TRIP MAX 0.99 1.98 5.0
* Maximum resistance is measured both 1 hour post reflow and 1 hour post trip. ** Values specified were determined using PCB's with 0.070"X1.5 ounce copper traces. Agency Recognition: Reference Documents: Precedence: Effectivity: CAUTION: UL, CSA, TUV PS300, E.N. SMD 1.0x This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant ELV Compliant Pb-Free
(c) 2005 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of SMD150F3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X