Part Number Hot Search : 
C16C554 4850A 39054 A4FSD02 RCA34W 82M53 GOG96017 MB90F
Product Description
Full Text Search
 

To Download SB2200H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E
L
E
C
T
R
O
N
I
C
SB2150H~SB2200H
Power Schottky Rectifier - 2Amp 150~200Volt
Features
-Low forward voltage drop -High current capability -High reliability -High surge current capability -Epitaxial construction -Halogen-Free
DO-41
Mechanical data
-CaseMolded plastic -EpoxyUL 94V-0 rate flame retardant -LeadAxial leads, solderable per MIL-STD-202,method 208 guaranteed -PolarityColor band denotes cathode end -Mounting positionAny -Weight0.34 grams
.107(2.7) .080(2.0)
.034(0.9) .028(0.7)
Maximum ratings and Electrical characteristics
TYPE Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at 2.0A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance Typical Thermal Resistance RJA Operating Temperature Range TJ Storage Temperature Range TSTG Note: Pulse Test : 380s pulse width, 2% duty cycle
June 2009 / Rev.6.4
SB2150H 150 105 150 2.0 50 0.88 0.01 10 170 30 -50 to +175 -50 to +150
SB2200H 200 140 200
1.0(25.4)
.205(5.2) .166(4.2)
1.0(25.4)
UNIT V V V A A
0.90
V mA pF C/W C C
Ta = 25C Ta = 100C
http:// www.sirectsemi.com
1
SB2150H~SB2200H
2.8
AVERAGE FORWARD CURRENT AMPERES
2.4 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 200
100
INSTANTANEOUS FORWARD CURRENT , (A)
10
1
AMBIENT TEMPERATURE ,
Figure 1. Forward Current Derating Curve
0.1
Tj=25 Pulse Width 300us 1% Duty Cycle
50
PEAK FORWARD SURGE CURRENT AMPERES
0.01
40
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
FORWARD VOLTAGE , VOLTS
30
Figure 4. Typical Forward Characteristics
20
10
Single Half-Sine-Wave (JEDEC METHOD)
100
0 1 2 5 10 20 50 100
NUMBER OF CYCLES AT 60Hz
REVERSE LEAKAGE CURRENT , (mA)
10
Figure 2. Maximum Non-repetitive Surge Current
700 600
1 Tj = 75
CAPACITANCE , (pF)
500 400 300 200 100
0.1 Tj = 25
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE , (%)
0 0.01 0.1 1 10 100
Figure 5. Typical Reverse Characteristics
REVERSE VOLTAGE , VOLTS
Figure 3. Typical Junction Capacitance
Sirectifier Global Corp., Delaware, U.S.A. U.S.A.: sgc@sirectsemi.com France: ss@sirectsemi.com Taiwan: se@sirectsemi.com Hong Kong: hk@sirectsemi.com China: st@sirectsemi.com ...Thailand: th@sirectsemi.com Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com
http:// www.sirectsemi.com
2


▲Up To Search▲   

 
Price & Availability of SB2200H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X