Part Number Hot Search : 
MC13144 BAR63 LUMBERG D103C IN74H TC60AM 2000314 SA701D
Product Description
Full Text Search
 

To Download PAT2010E1000BST1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PAT
Vishay Thin Film
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
FEATURES
* Resistance range: 10 to 3 M * AEC-Q200 qualified * AEC-Q200 ESD rated class 1C (2 kV) * Laser trimmed to any value * Moisture resistant to MIL-STD-202, method 202 * Tantalum nitride resistor film on high purity alumina substrate * 100 % visual inspected per MIL-PRF-55342 * Laser-trimmed tolerances to 0.1 % * Load life stability < 0.05 % at 1000 h at 70 C * Very low noise and voltage coefficient (< - 30 dB, < 0.1 ppm/V) * Compliant to RoHS directive 2002/95/EC
These chip resistors are available in wraparound terminations styles in 8 case sizes. They incorporate self passivated enhanced tantalum nitride resistor film to give superior performance on moisture resistance, electrostatic discharge, voltage coefficient, power handling and resistance stability. The terminations consist of an adhesion layer, a leach resistant nickel barrier, and solder coating (lead (Pb)-free). This product will out-perform all requirements of AEC-Q200.
CONSTRUCTION
Passivation Tantalum Nitride Resistive Film Solder Coating Nickel Barrier High Purity Alumina Substrate Adhesion Layer
TYPICAL PERFORMANCE
ABSOLUTE TCR TOL. 25 0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material Resistance Range TCR: Absolute Tolerance: Absolute Stability: Absolute Stability: Ratio Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Shelf Life Stability: Absolute SPECIFICATIONS Tantalum nitride 10 to 3 M 25 ppm/C to 100 ppm/C 0.1 % to 1.0 % 0.05 % Not applicable Less than 0.1 ppm/V 75 V to 200 V - 55 C to + 150 C - 55 C to + 150 C < - 30 dB 100 ppm CONDITIONS - 55 C to + 125 C + 25 C 2000 h at 70 C rated power 1 year at 25 C
COMPONENT RATINGS
CASE SIZE 0402 0603 0805 1206 1505 2208 2010 2512 POWER RATING (mW) 50 150 200 400 400 750 800 1000 WORKING VOLTAGE (V) 75 75 100 200 150 150 200 200 RESISTANCE RANGE () 20 to 35K 10 to 80K 10 to 301K 10 to 1M 10 to 1M 10 to 1.75M 10 to 2M 10 to 3M
** Please see document "Vishay Material Category Policy": www.vishay.com/doc?99902 Document Number: 60024 Revision: 25-Aug-10 For technical questions, contact: thinfilm@vishay.com www.vishay.com 81
PAT
Vishay Thin Film
DIMENSIONS in inches
D T D W E L L T
Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating
CASE SIZE 0402 0603 0805 1206 1505 2010 2208 2512
L 0.042 0.008 0.064 0.006 0.080 0.006 0.126 0.008 0.155 0.007 0.209 0.009 0.230 0.007 0.259 0.009
W 0.022 0.005 0.032 0.005 0.050 0.005 0.063 0.005 0.050 0.005 0.098 0.005 0.075 0.005 0.124 0.005
T 0.015 0.003 0.015 0.003 0.015 0.003 0.015 0.003 0.015 0.003 0.015 0.003 0.015 0.003 0.015 0.003
D E 0.010 0.005 0.010 0.005 0.012 0.005 0.015 0.005 0.015 0.005 0.015 0.005 0.020 + 0.005, - 0.010 0.020 + 0.005, - 0.010 0.015 0.005 0.015 0.005 0.020 0.005 0.020 0.005 0.020 0.005 0.020 0.005 0.020 0.005 0.020 0.005
ENVIRONMENTAL TESTS (Vishay Performance vs. AEC-Q200 Requirements)
LIMITS TYPICAL VISHAY PER AEC-Q200 PERFORMANCE Resistance Temperature Characteristic - 55 C to + 125 C 50 ppm/C 35 ppm/C Max. Ambient Temp. at Rated Wattage + 70 C + 70 C Max. Ambient Temp. at Power Derating + 150 C + 150 C High Temperature Storage R MIL-STD-202, 108, 1000 h at 125 C 0.1 % + 0.016 % Temperature Cycling R JESD22, JA-104, 1000 cycles, - 55 C to + 125 C 0.15 % + 0.013 % Moisture Resistance R MIL-STD-202, 106 0.20 % + 0.0010 % Biased Humidity R MIL-STD-202, 103, 1000 h at 85 C, 85 % RH, 10 % P 0.10 % + 0.0297 % Life R MIL-STD-202, 108 at 125 C, 1000 h 0.1 % + 0.0220 % Mechanical Shock R MIL-STD-202, method 213, condition C 0.1 % + 0.0130 % Vibration R MIL-STD-202 method 204, 10 Hz to 2 kHz 0.1 % + 0.0030 % Resistance to Soldering Heat R MIL-STD-202, 204, condition B 0.10 % + 0.0150 % Electrostatic Discharge R AEC-Q200-002 at 2 kV, human body 0.10 % - 0.032 % Solderability Visual J-STD-002, method B and B1 95 % Acceptable Terminal Strength R AEC-Q200-006 at 1 kg for 60 s 0.10 % + 0.012 % Flame Retardance Visual AEC-Q200-001 para 4.0 Acceptable ENVIRONMENTAL TEST CONDITIONS
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: PAT1206E1002BST1
P
GLOBAL MODEL PAT
A
CASE SIZE 0402 0603 0805 1206 1505 2010 2208 2512
T
1
2
0
6
E
1
0
0
2
B
S
T
1
TCR CHARACTERISTIC E = 25 ppm/C H = 50 ppm/C K = 100 ppm/C
RESISTANCE The first 3 digits are significant figures and the last digit specifies the number of zeros to follow. "R" designates the decimal point. Example: 10R0 = 10 1000 = 100 1002 = 10 k
TOLERANCE B = 0.1 % D = 0.5 % F = 1.0 % G = 2.0 % J = 5.0 %
TERMINATION S = Wraparound lead (Pb)-free solder w/nickel barrier
PACKAGING TAPE AND REEL T1 = 1000 min., 1000 mult (1) TF = Full reel TS = 100 min., 1 mult
Note (1) Preferred packaging code www.vishay.com 82 For technical questions, contact: thinfilm@vishay.com Document Number: 60024 Revision: 25-Aug-10
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of PAT2010E1000BST1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X