Part Number Hot Search : 
BYT53C UD4015 BT10809 CA258A 0GA120 74F10PC 2SK1960 7311D
Product Description
Full Text Search
 

To Download NZ2520S08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Crystal Clock Oscillator
n Model name
NZ2520SD Frequency stability of 50 x 10-6.
NEW
Low Phase Noise Type
NZ2520S Series
n Application
l For wireless LAN
Pb Free
n Features
l Low phase noise, low voltage, low consumption current, and high stability, make this product ideal for wireless LAN. l Compact and light. Dimensions and weight: 2.5 x 2.0 mm, 0.9 mm, and 0.02 g. l Automatic mounting by taping and IR reflow (lead-free) are possible. l Lead-free.
Absolute maximum rating Power supply voltage (VDD) -0.6 to +6.0 V Storage temperature range -55 to +125 C
n Specifications
Item Output level Frequency range
*1
Model
NZ2520SD C-MOS
(MHz) (C) (x10-6)
20 F < 30 -40 to +85 50 4.5 10 0.1 VDD/0.9 VDD 6/6 45 to 55 15 4 Available (tristate)
30 F 40
Operating temperature range *2 Frequency Stability
Current During operation +3.3 V, 25 C (mA) consumption During standby +3.3 V, 25 C (A) max VOL max/VOH min Tr max/Tf max Duty Cycle min. to max. Load (CL) max Oscillation start time max Standby function Phase noise +3.3 V, 25 C (V) (ns) (%) (pF) (ms)
5.5
Fout1 kHz : -145 (Typ) Fout100 kHz : -158 (Typ)
*1: If you require a product with a frequency not given above, please contact us. *2: If you require a product with an operating temperature range not given above, please contact us.
n List of Codes for Placing an Order
List of Codes for Placing an Order Power supply voltage [VDD] (V) NSA3449E +3.30.33
cc30_081201_NZ2520SD_50_e
Crystal Clock Oscillator
n Dimensions
2.500.10 0.3
NEW
Low Phase Noise Type
NZ2520S Series
n Output Waveform
mm
0.9VDD
0.6
Tr
Tf VOH
2.000.10
PAD
#1 #2
Connection
Standby GND OUTPUT VDD
1/2VDD 0.1VDD VOL t T Duty Cycle = t/T x 100 [%] 0V
0.9 max
#3 #4
0.80.1 #1 #2
Reference land pattern
0.70.1 1.00
1.250.1
n Standby Function
#1 Input Level H (0.7 VDD VIH VDD) or OPEN is selected. Level L (VIL 0.3 VDD) is selected. #3 Output Oscillation output ON High impedance
#4
1.650.1
#3
1.10
0.75
1.10
Mount an approx. 0.01 F bypass capacitor between VDD and GND (close to the product)
n How to Specify an Order
When ordering our products, specify them with an "Ordering Code" that consists of the following: Model name - Frequency (up to 9 digits) M - Number for specifying an order Example : When ordering a product with model name: NZ2520SD, frequency: 20 MHz, frequency stability: 50 x 10-6, and power supply voltage: 3.3 V Ordering Code: NZ2520SD - 20.000000M - NSA3449E If you have any queries concerning our standard frequencies and numbers for specifying orders, please contact our sales representatives or visit our homepage (http://www.ndk.com/).
1.00
0.45
cc31_081201_NZ2520SD_50_e


▲Up To Search▲   

 
Price & Availability of NZ2520S08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X