Part Number Hot Search : 
GP50B60P 5KP75A 2SA1823S ZS115L SB144 AH083F1 NTHS5443 MAN3900A
Product Description
Full Text Search
 

To Download MMV-120C3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMV-120A3/C3
Simplex FM Video
Three-channel One-way (FM) Video in 10- and 30-MHz Bandwidths The MMV-120 A3 and C3 versions are simplex Video transmission systems with three channels of Video in either 10-MHz or 30-MHz bandwidth. The MMV-120 is ideal for CGA, EGA or CCTV extensions. Power status is monitored via LED. System Design All units come in a small module or Insert Card vesrion. The cards can be inserted into our 18-slot, 19" rackmountable card cage (CC-18-80W), or one of our smaller Desk Top Card Racks (DTCR series). The Desk Top Card Racks can handle one, two, four, or seven cards, allowing for greater flexibility and future expansion. They can sit on a flat surface as a larger stand-alone unit, or can be surface mounted with the flanges provided. Each one of our card housings operates with an appropriate power supply. The regulated switching power supply has short circuit protection and an input operating voltage of 85-265 VAC.
Video
Audio
Data
Features * Multimode or singlemode operation over one fiber * 10-MHz or 30-MHz video bandwidth * True DC restoration * Flat frequency response * Complies with RS-170 and RS-170A EIA video standards * Compatible with NTSC, PAL and SECAM * No EMI or RFI and no ground loops * Stand Alone or Rack Mount * Ideal for CCTV CGA, EGA or CCTV extensions
865
1310
1550
Type LED
Mode MM MM SM SM
Wavelength Suffix L0 L1 L2 L3
Fiber Type 50 /125 62.5/125 50 /125 62.5/125 09/125 09/125
Output Power -16 dBm -16 dBm -10 dBm -10 dBm
Receiver Sensitivity -34 dBm -34 dBm -36 dBm -36 dBm
Optical Loss Budget 18 dB 18 dB 26 dB 26 dB
Range* 3 km 4 km 25 km 40 km
Conn Type ST ST FC FC
* * * * * *
LED Laser Laser
* Chromatic dispersion and additional losses should be taken into account.
800-867-8426 * info@opticomm.com * www.opticomm.com * Contact Opticomm for custom requirements.
Composite Video, Audio & Data
Video Video in/out impedance Video in/out level Video bandwidth (120-A) Video bandwidth (120-C) Differential gain Differential phase Linearity Tilt Compatibility Signal to noise ratio FM carrier frequency Connector type General Dimensions & Weight
Operating temperature Storage temperature Humidity Operating voltage Vibration Shock
75 1 volt peak to peak, 1.5 volts max 5 Hz to 10 MHz @ -3dB 5 Hz to 30 MHz @ -3dB < 1.0 % typical < 1.0 typical 1.1 % typical 0.5 % typical NTSC, PAL, SECAM, RS-170, RS-170A >60 dB using RS-250C standards @ 1 km 150 MHz BNC
OptivaTM Multi-Signal OptivaTM Configurable Transmission Platform Communication Platform Network Management Network Management SDI and HD-SDI SDI & HD-SDI Composite Video, Composite Video, Audio & Data Audio & Data Audio/FSK/Intercom RGB/VGA/DVI RGB/VGA/DVI Audio/FSK/Intercom Data (Ethernet/Serial/USB) Data (Ethernet/Serial/USB) CATV/RF & L-Band CATV/RF & L-Band 39 oz 16 oz Optical Switching, Routing Optical Switching, Routing & Redundancy & Redundancy Passive Multiplexing Passive Multiplexing Solutions Solutions Enclosures, Racks Enclosures, Racks & Frames & Frames Power Supplies Power Supplies and Accessories & Accessories
Stand Alone/DTCR-1: 7.16" L x 5.21" W x .94" H Insert Card (IC): 6.3" L x 0.8" W x 4.0" H -20 C to +70 C -30 C to +85 C 0 to 95% non-condensing 12 VDC (200 mA) or 9-24 VAC (6W) Up to 5 g's Up to 12 g's
Diagnostics
Status monitoring LED indication
Sample Configuration
Emissions: FCC Part 15, ICES-003, AS/NZS, 3548, EN55022 Immunity: ENVS0204, EN61000-4-2,3,4,5,6,11 Safety: UL1950, CAN/CSA 22.2, NO.950-95
MADE IN THE USA


▲Up To Search▲   

 
Price & Availability of MMV-120C3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X