Part Number Hot Search : 
NJU6319A BCR14809 UGZ10JF M68000 M68000 29GL512P 1MM30S 1MM30S
Product Description
Full Text Search
 

To Download MASWSS0192SMB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASWSS0192
GaAs SPDT Switch DC - 3.0 GHz
Features
* Test and Measurement and Low/Medium Power Telecommunication Applications * Low Insertion Loss: 0.18 dB @ 1 GHz * Moderate Isolation: 25 dB @ 1 GHz * Low Power Consumption: < 2 A @ 2.5 V * Fast Settling for Low Gate Lag Requirements * Lead-Free SC-70 (SOT-363) Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * RoHS* Compliant and 260C Reflow Compatible Rev. V1
Functional Schematic
C=39pF
V1
RFC
V2
Description
M/A-COM's MASWSS0192 is a GaAs PHEMT MMIC SPDT switch in a lead-free SC-70 (SOT-363) surface mount plastic package. The MASWSS0192 is ideally suited for applications where very small size and low cost are required. The MASWSS0192 can be used for low / medium power, low loss requirements in all systems operating up to 3 GHz, including PCS, GSM, DCS, Blue Tooth, T&M, and other receive chain applications. The MASWSS0192 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
RF1 GND RF2
PIN 1
C=39pF C=39pF
Pin Configuration
Pin No.
1 2 3 4 5 6
Pin Name
RF1 GND RF2 V2 RFC V1
Description
RF Port 1 Ground RF Port 2 Control 2 RF Input Control 1
Ordering Information
Part Number
MASWSS0192 MASWSS0192TR-3000 MASWSS0192SMB 1.
1
Package
Bulk Packaging 3000 piece reel Sample Board
Absolute Maximum Ratings 2,3
Parameter
Input Power (0.5 - 3.0 GHz) 2.5 V Control 5.0 V Control Operating Voltage Operating Temperature Storage Temperature 2. 3.
Absolute Maximum
+25 dBm +34 dBm +8.5 volts -40 C to +85 C -65 C to +150 C
Reference Application Note M513 for reel size information.
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0192
GaAs SPDT Switch DC - 3.0 GHz
Electrical Specifications: TA = 25C, VC = 0 V / 2.5 V 4, PIN = +10 dBm, Z0 = 50 5
Parameter
Insertion Loss 6 Isolation VSWR IP2 IP3 P1dB Trise, Tfall Ton, Toff Transients Control Current RON Gate Lag 4. 5. 6.
Rev. V1
Test Conditions
DC - 1.0 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 3.0 GHz 1 GHz, Two Tone, +7 dBm / tone, 20 MHz Spacing, 3 V 1 GHz, Two Tone, +7 dBm / tone, 20 MHz Spacing, 3 V VC = 0.2 V / 2.7 V VC = 0.2 V / 3.0 V 10% to 90% RF and 90% to 10% RF 50% control to 90% RF, 50% control to 10% RF In-band -- t > 90 mS after OFF to ON Switching (settled) |Ron| between 15 S and 90 mS after OFF to ON Switching
Units
dB dB dB dB Ratio Ratio dBm dBm dBm dBm nS nS mV A
Min.
-- -- 20.0 9.5 -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.18 0.35 24.0 13.5 1.1:1 1.2:1 93 53 27.5 28.5 22 5 36 0.20 2.50 0.15
Max.
0.40 0.60 -- -- -- -- -- -- -- -- -- -- -- 5 4.7 0.7
Alternate voltage operation of VC = 0 V / 5 V or -5 V / 0 V will yield similar insertion loss, isolation, VSWR, switching, RON, and gate lag results. For positive voltage control, external DC blocking capacitors are required on all RF ports. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Truth Table 7,8
Control V1
1 0 7. 8.
Qualification
RFC-RF1
On Off
Control V2
0 1
RFC-RF2
Off On
Qualified to M/A-COM specification REL-201, Process Flow -2.
Handling Procedures
Please observe the following precautions to avoid damage:
Differential voltage, V (state 1) - V (state 0), must be 2.5 V minimum, but must not exceed 8.5 V. 0 = 0 V to 0.5 V; 1 = 2.5 V to 5 V or 0 = -5 V to -2.5 V, 1 = -0.5 to 0 V.
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MASWSS0192
GaAs SPDT Switch DC - 3.0 GHz
Typical Performance Curves
Insertion Loss
2.0
Rev. V1
Isolation
45 40
+25C -40C +85C
1.5
+25C -40C +85C
35 30
1.0
25 20 15
0.5
0.0 0 1 2 3 4 5 6
10 0 1 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
S11, S22
-5
S22 (dB) S11 (dB)
Gate Lag (RON vs. Time) Including VCTL, 0-3 V Step
5.0
Vcontrol
-10
4.5
-15
4.0
Ron (Ohm)
-20
3.5
-25
3.0
-30
2.5
-35 0 1 2 3 4 5 6
2.0 0.00
0.02
0.04
0.06
0.08
0.10
0.12
Frequency (GHz)
Time (S)
Lead-Free SC-70 (SOT-363)
3
Reference Application Note M538 for lead-free solder reflow recommendations.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASWSS0192SMB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X