Part Number Hot Search : 
20PFI CAD12 LA112 60215 BPC1010 PP2368 LPC2109 SM300
Product Description
Full Text Search
 

To Download LA317LS8-XX-AR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 100mA Adjustable Positive Voltage Regulator LA317L
100mA Adustable Positive Voltage Regulator
General Description
* The LA317L is an adjustable 3-terminal positive voltage regulator capable of supplying 100mA over a 1.2V to 12V output range. This voltage regulator is exceptionally easy to use and requires only tow external resistors to set the output voltage. * The LA317L is available in standard TO-92 and SOP-8 packages.
TO-92
SOP-8
Features
* * * * * * * * * Adjustable output down to 1.2V Guaranteed 100mA output current Output short circuit protected Line regulation: 0.01%/V Load regulation: 0.1% Constant current limit over temperature Standard 3-lead transistor package Input ripple rejection: 70dB RoHS Compliance
Applications
* * * * High Efficiency Linear Regulators Post Regulation for Switching Supplies Microprocessor Power Supply Mother Board I/O Power Supply
Ordering Information
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: Fax: (800)-TAITRON (800)-824-8766 (800)-TAITFAX (800)-824-8329 (661)-257-6060 (661)-257-6415
Rev. A/DX 2007-06-04 Page 1 of 9
100mA Adjustable Positive Voltage Regulator LA317L
Pin Configuration
Outline: Z TO-92
Outline: S8 SOP-8
Block Diagram
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 2 of 9
100mA Adjustable Positive Voltage Regulator LA317L
Absolute Maximum Ratings (Ta=25 C, unless otherwise specified)
Symbol VIN-VOUT IO TJ TOPR TSTG PD TLEAD Description Input - Output Voltage Differential Max. Output Current Operating Junction Temperature Operating Temperature Range Storage Temperature Range Power Dissipation Lead Temperature (Soldering, 4sec.) Ratings 40 100 150 -20 ~ 85 -65 ~ 150 700 260 Unit V mA C C C mW C
Electrical Characteristics
(VIN-VOUT=5V, IOUT=40mA,PD625mW, 0C TJ125C, unless otherwise specified) Symbol Description LA317L
Min. Typ. Max.
Unit
Conditions TJ=25, 3VVIN-VOUT15V, IOUT20mA (Note) 3VVIN-VOUT15V, IOUT20mA (Note) TJ=25, 5mAIOUT100mA (Note) 5mAIOUT101mA (Note)
VOUT/VOUT Line Regulation VOUT Load Regulation Thermal Regulation IADJ IADJ VREF ILIMIT IL(MIN) PSRR Adjustable Pin Current Adjustable Pin Current Change Reference Input Voltage Current Limit Minimum Load Current for Regulation Ripple Rejection Temperature Stability 1.20 100 60 -
0.01 0.02 0.1 0.3 0.04 50 0.2 1.25 200 3.5 62 70 0.65
0.04 %/V 0.07 0.5 1.5 0.2 100 5 1.30 300 5 % %
%/W TJ=25, 10ms Pulse A A V mA mA dB % 3VVIN-VOUT15V,
5mAIOUT100mA
3VVIN-VOUT15V,
5mAIOUT100mA
3VVIN-VOUT13V 3VVIN-VOUT13V VOUT=10V, f=120Hz, CADJ=0F VOUT=10V, f=120Hz, CADJ=10F 0 C TJ125 C
Rev. A/DX 2007-06-04
www.taitroncomponents.com
Page 3 of 9
100mA Adjustable Positive Voltage Regulator LA317L
Symbol Description Long Term Stability RMS Output Noise (% of VOUT) Thermal Resistance Junction to Case LA317L
Min. Typ. Max.
Unit % %
C/W
Conditions TJ=125 C, 1000 Hours TJ=125 C, 10Hzf10KHz TO-92 SOP-8
-
0.3 0.003 185 175
-
Note: Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification of thermal regulation.
Typical Characteristics Curves
Fig.1- Load Regulation vs. Temperature Output Voltage Deviation (V) Fig.2- Output Voltage vs. Input Voltage
Output Voltage (V)
Temperature ( C) Fig.3- Reference Voltage vs. Temperature Adjust Pin Current (A) Reference Voltage (V)
Input Voltage (V) Fig.4- Adjust Pin Current vs. Temperature
Temperature ( C)
Temperature ( C)
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 4 of 9
100mA Adjustable Positive Voltage Regulator LA317L
Typical Characteristics Curves (Continued)
Fig.5- Dropout Voltage vs. Temperature Input-Output Differential (V) Quiescent Current (mA) Fig.6- Minimum Operating Current
Temperature ( C)
Input-Output Differential (V)
Fig.7- Ripple Rejection vs. Output Voltage Ripple Rejection (dB)
Fig.8- Ripple Rejection vs. Frequency
Ripple Rejection (dB)
Output Voltage (V)
Frequency (Hz)
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 5 of 9
100mA Adjustable Positive Voltage Regulator LA317L
Typical Characteristics Curves (Continued)
Fig.9- Load Transient Response (Conditions: VIN=10.25V, VOUT=5.25V, CIN=0.1F, COUT=1F, TA=25) VOUT (200mV/Div) VOUT (200mV/Div) Fig.10- Line Transient Response (Conditions: VIN=10.25 to 11.25V, IOUT=40mA, VOUT=5.25V, CIN=0.1F, COUT=1F, TA=25)
IOUT (50mA/Div)
VIN (0.5V/Div)
Time (200s/Div)
Time (200s/Div)
Typical Application
Fig.11- 5V Logic Regulator with Electronic Shutdown (Minimum output=1.2V)
Fig.12- Adjustable Regulator with Improved Ripple Rejection Note: Discharge C1 if output is shorted to ground
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 6 of 9
100mA Adjustable Positive Voltage Regulator LA317L
Typical Application (Continued)
Fig.13- Slow Turn-on 15V Regulator
Dimensions in mm (inches)
TO-92
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 7 of 9
100mA Adjustable Positive Voltage Regulator LA317L
Dimensions in mm (inches) (Continued)
SOP-8
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 8 of 9
100mA Adjustable Positive Voltage Regulator LA317L
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKAWAY, VALENCIA, CA 91355-4162 Tel: (800) TAITRON (800) 824-8766 (661) 257-6060 Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415 Email: taitron@taitroncomponents.com Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P. 42970 MEXICO Tel: +52-55-5560-1519 Fax: +52-55-5560-2190
TAITRON COMPONETS INCORPORATED E REPRESENTACOES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAUDE - SAO PAULO-SP 04035-001 BRAZIL Tel: +55-11-5574-7949 Fax: +55-11-5572-0052
TAITRON COMPONETS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
CROSS REGION PLAZA, 899 LINGLING ROAD, SUITE 18C, SHANGHAI, 200030, CHINA Tel: +86-21-5424-9942 Fax: +86-21-5424-9931
Rev. A/DX 2007-06-04 www.taitroncomponents.com Page 9 of 9


▲Up To Search▲   

 
Price & Availability of LA317LS8-XX-AR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X