Part Number Hot Search : 
ENA13 UZ5132 SLY2016 MBU102 2SA1899 4H560838 G4A5M MJD29
Product Description
Full Text Search
 

To Download KG156199105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power entry modules without line filter
KG-Bowdencable
www.schurter.com/pg05
Medical fuse drawer
IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole, Bowden-Line Switch 2-pole and Voltage Selector
C14
70 C -PanelMount: Screw-onversionfromfrontorrearside,snap-inversionfromfront side -4Functions: ApplianceInlet,ProtectionclassILineswitchforbowdencableactuation,2-poleFuseholderwithinterchangeablefusedrawerforFuse-links 5x20mmor6.3x32mm,VoltageSelectors -Quickconnectterminals4.8x0.8mm -Alternative:versionwithlinefilterCG-Bowdencable
Description
Characteristics
-Allsingleelementsarealreadypartiallywired -Foraddedsafety"Extra-Safe"fusedrawersareavailable FusedrawermeetsrequirementsofmedicalstandardIEC/EN60601-1 Thefusedrawercanonlybeopenedwiththeaidofatool Thefuseholderisaccessiblefromtheequipmentfront -QualifiedforuseinequipmentaccordingIEC/EN60950
Other versions on request
-ForprotectionclassII
Approvals
References Weblinks
-VDELicenseNumber:40011909 -ULLicenseNumber:E93617 -CSALicenseNumber:38456
GeneralProductInformation Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store, Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC RatingsUL/CSA AllowableOperationTemp. DegreeofProtection ProtectionClass Terminal PanelThicknesss 6A/250VAC;50Hz 8A/125VAC;60Hz -25Cto70C fromfrontsideIP40acc.toIEC60529 Suitableforapplianceswithprotection class1acc.toIEC61140 Quickconnectterminals4.8x0.8mm Screw:max8mm Mountingscrewtorquemax0.5Nm Snap-in:1.5/2/2.5mm Thermoplastic,black,UL94V-0 ApplianceInlet C14acc.toIEC/EN60320-1, UL498,CSAC22.2no.42(forcold conditions)pin-temperature70C,10A, ProtectionClass1 1or2pole,ShocksafecategoryPC2 acc.toIEC60127-6, forfuse-links5x20or6.3x32mm 5x20:2.5W(1pole)/2W(2-pole)per pole 6.3x32:3.15W(1pole)/2.5W(2-pole) perpole Admissiblepoweracceptanceathigherambienttemperatureseederating curves Switchforbowdencable2-pole,nonilluminated,acc.toIEC61058-1 Technicaldetails series-parallel,4,3or2switchpositions orusableas2-polechange-overswitch
Fuseholder
RatedPowerAcceptance@ Ta23C
Material:Housing
PowerAcceptance@Ta> 23C LineSwitch
VoltageSelectors
Connectors
KG-Bowdencable
www.schurter.com/pg05 Dimensions Screw on PCB mounting
30 R6 o 3.2 R 4.5 4.8x0.8 55 M3/o 3.6
Power entry modules without line filter
97mm
o 6.3x90
230
80
89 0.15
79.7
97 89
+0.3 0
> R = 0.5 34.3 12.3 R 3 -0.2 18 R 3.1 27.2 78 27.5 2 2.2 27.5
+0.2 0 0
18 0.1
Panel cut-out for the actuating part
Snap-in mounting
30 R 4.5 4.8x0.8 55 S 0.1
82.5
230
79.7
80
+0.3 0
> R = 0.5 32.6 12.3 R 3 -0.2 18 27.5 78 2 2.2 27.5
+0.2 0 0
18 0.1
R 3.1 27.2
Panel cut-out for the actuating part
Diagrams with partial wired
with partial wired
1-pole
2-pole
Connectors
Power entry modules without line filter
KG-Bowdencable
www.schurter.com/pg05 Fuses 6.3 x 32 mm (2-pole, per pole)
2.5
Derating Curves Fuses 6.3 x 32 mm (1-pole)
3.15
Admissible power acceptance in Watt
Admissible power acceptance in Watt per pole
2.5 2.0 1.5 1.0 0.5 0.0
0 20 40 60 80 100
2.0 1.5 1.0 0.5 0.0 0 20 40 60 80 100 I = 1.0 In I = 0.7 In I = < < In
I = 1.0 In I = 0.7 In I = << In
Ambient air temperature Ta C
Ambient air temperature Ta C
Variants
Bowdencablemustbeorderedseparately
Type KG-Bowdencable KG-Bowdencable KG-Bowdencable KG-Bowdencable KG-Bowdencable KG-Bowdencable KG-Bowdencable KG-Bowdencable Panel mounting Screw Screw Snap-in Snap-in Snap-in Snap-in Snap-in Snap-in Panel Thickness s [mm] 1.5 2 2.5 1.5 2 2.5 Fuseholder 1-pole 2-pole 1-pole 1-pole 1-pole 2-pole 2-pole 2-pole Line Switch Switch for bowdencable Switch for bowdencable Switch for bowdencable Switch for bowdencable Switch for bowdencable Switch for bowdencable Switch for bowdencable Switch for bowdencable Order Number KG15.6199.151 KG10.6199.151 KG15.6199.105 KG15.6199.107 KG15.6199.109 KG10.6199.105 KG10.6199.107 KG10.6199.109
Packaging unit Required Accessory
10Pcs
Description
Bowdencables incl. accessory Bowden Cable for Power Entry Modules
Jumper Wire 1 Connection with Stranded Cable Type B, 100 Type B, 100 Type A, 100 Type A, 100 Fusedrawer 1 Fusedrawer for Fuse Links 5x20mm resp.. 6.3x32mm 5 x 20, 2-pole 5 x 20, 1-pole 6.3 x 32, 2-pole 6.3 x 32, 1-pole 4305.0001 4305.0006 4305.0011 4305.0016 ... 0881.0074 0881.0075 0881.0076 0881.0077
Connectors
KG-Bowdencable
www.schurter.com/pg05
Description Voltage Selectors Insert 1 Voltage Selector Insert to KE, CE, KG, CG 3 or 4 switch positions 1, 3 or 4 switch positions, 100, 120, 220, 240 3, 3 or 4 switch positions, 130, 110, 240, 220 2, 2 switch positions, 110, 220
Power entry modules without line filter
4305.0048.00 4305.0048.01 4305.0048.02 4305.0048.03 ...
Accessories
Cord retaining kits Cord retaining strain relief Flat head, A 4700.0001
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal Appliance Outlet further types to KG-Bowdencable Connector Overview complete IEC Connector C15, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Straight IEC Connector C15A, Rewireable, Angled IEC Connector C13, Rewireable, Angled Connector further types to KG-Bowdencable Power Cord Overview complete Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13, Angled Power Cord with IEC Connector C13 Power Cord further types to KG-Bowdencable 0311 3011 3012 3013 3020 ... 0101 0102 0102-G 0112 4012 ... 4787 4788 5091 5092
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Connectors currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of KG156199105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X