Part Number Hot Search : 
BSX59 89E515AE AP9963 40AB8B 1N5447C TC105 12015 2SJ387
Product Description
Full Text Search
 

To Download HMC28100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MICROWAVE CORPORATION
v02.0500
HMC281
GaAs MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
Features
Excellent Noise Figure: 2.5 dB Stable Gain vs. Temperature: 22 dB 2 dB Wideband Performance: 18 - 32 GHz Small Size: 0.97 mm x 1.67 mm
1
AMPLIFIERS - CHIP
Typical Applications
The HMC281 LNA is ideal for: * Millimeterwave Point-to-Point Radios * LMDS * VSAT & SATCOM
Functional Diagram
General Description
The HMC281 chip is a three stage GaAs MMIC Low Noise Amplifier (LNA) which covers the frequency range of 18 to 32 GHz. The chip can easily be integrated into Multi-Chip Modules (MCMs) due to its small (1.62 mm2) size. The chip utilizes a GaAs PHEMT process offering 22 dB gain from a bias supply of +3.5V @ 60mA with a noise figure of 2.5 dB. All data is with the chip in a 50 ohm test fixture connected via ribbon bonds of minimal length. The HMC281 may be used in conjunction with HMC143, HMC203, HMC258, HMC264, or HMC265 mixers to realize a microwave or millimeterwave system receiver.
Electrical Specifications, TA = +25 C, Vdd= +3.5V*, ldd = 60 mA
Parameter Frequency Range Gain Gain Flatness (Any 1 GHz BW) Noise Figure Input Return Loss Output Return Loss Reverse Isolation Output Power for 1 dB Compression (P1dB) S a t u r a t e d O u t p u t Po w e r ( P s a t ) Output Third Order Intercept (IP3) Supply Current (I d d)(Vdd = +3.5V, Vgg = -0.15V Typ.) 40 5 8 17 17 Min. Typ. 18 - 24 22 1 2.5 13 10 45 9 12 22 60 100 42 6 8.5 20 4 15 Max. Min. Typ. 24 - 32 20 1 3.2 6 7 52 10 12 25 60 100 4.7 Max. Units GHz dB dB dB dB dB dB dBm dBm dBm mA
*Vdd = Vd1, 2, 3 connected to +3.5V, adjust Vgg = Vg1, 2 between -2.0 to +0.4V to achieve ldd =60 mA typical.
1 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
MICROWAVE CORPORATION
v02.0500
HMC281
GaAs MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
GaAs MMIC SUB-HARMONICALLY Noise FigureMIXER 17 - 25 PUMPED vs. Temperature Gain vs. Temperature
30 28 26 24 GAIN (dB) 22 20 18 16 14 12 10 10 15 20 25 30 35 40 FREQUENCY (GHz) +25 C -55 C NOISE FIGURE (dB) 6 5 4 3 2 +85 C 8 7
GHz
1
AMPLIFIERS - CHIP
1 - 57
+85 C
+25 C
-55 C 1 0 15 20 25 FREQUENCY (GHz) 30 35
Input Return Loss
0 -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 10 15 20 25 30 35 40 FREQUENCY (GHz)
Output Return Loss
0 OUTPUT RETURN LOSS (dB) -2 -4 -6 -8 -10 -12 -14 -16 -18 -20 10 15 20 25 30 35 40 FREQUENCY (GHz)
INPUT RETURN LOSS (dB)
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
MICROWAVE CORPORATION
v02.0500
HMC281
GaAs MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
1
AMPLIFIERS - CHIP
GaAs Isolation
0 -10
MMIC SUB-HARMONICALLY Output IP3 @ Vdd = +3V - 25 GHz PUMPED MIXER 17
35 -55 C 30
ISOLATION (dB)
-20 IP3 (dBm) -30 -40 -50 15 -60 -70 10 15 20 25 30 35 40 FREQUENCY (GHz) 10 10 15 20 25 30 35 40 FREQUENCY (GHz) 25
20 +25 C +85 C
P1dB @ Vdd = +3V
16 14 -55 C 12
P1dB (dBm)
10 8 6 4 2 0 10 15 20 25 30 35 40 +85 C +25 C
FREQUENCY (GHz)
1 - 58
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
MICROWAVE CORPORATION
v02.0500
HMC281
GaAs MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
Absolute Maximum Ratings
Supply Voltage (Vdd) Supply Current (ldd) Gate Bias Voltage (Vgg) DC Gate Current (mA) Input Power (RFin) (Vdd = +3V) Channel Temperature (Tc) Thermal Resistance ( (Channel Backside) Storage Temperature Operating Temperature jc) +5 Vdc 120 mA -2 to +0.4V 4 mA -5 dBm 175 C 74 C/W
1
AMPLIFIERS - CHIP
1 - 59
-65 to +150 C -55 to +85 C
Outline Drawing
ALL DIMENSION IN MILLIMETERS (INCHES) ALL TOLERANCES ARE 0.025 (0.001) DIE THICKNESS IS 0.100 (0.004) BACKSIDE IS GROUND BOND PADS ARE 0.100 (0.004) SQUARE BACKSIDE METALLIZATION: GOLD BOND PAD METALLIZATION: GOLD
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v02.0500
MICROWAVE CORPORATION
HMC281
GaAs MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
1
AMPLIFIERS - CHIP
Mounting & Bonding Techniques for Millimeterwave GaAs MMICs
The die should be attached directly to the ground plane eutectically or with conductive epoxy (see HMC general Handling, Mounting, Bonding Note). 50 Ohm Microstrip transmission lines on 0.127 mm (5 mil) thick alumina thin film substrates are recommended for bringing RF to and from the chip (Figure 1). If 0.254 mm (10 mil) thick alumina thin film substrates must be used, the die should be raised 0.150 mm (6 mils) so that the surface of the die is coplanar with the surface of the substrate. One way to accomplish this is to attach the 0.102 mm (4 mil) thick die to a 0.150 mm (6 mil) thick molybdenum heat spreader (moly-tab) which is then attached to the ground plane (Figure 2). Microstrip substrates should be brought as close to the die as possible in order to minimize bond wire length. Typical die-to-substrate spacing is 0.076 mm (3 mils). Gold ribbon of 0.076 mm x 0.013 mm (3 mil x 0.5 mil) is recommended to minimize inductance on the RF ports. 0.025 mm (1 mil) diameter ball or wedge bonds are acceptable for DC bias connections. RF bypass capacitors should be used on the Vdd & Vgg inputs. 100 pF single layer capacitors (mounted eutectically or by conductive epoxy) placed no further than 0.762 mm (30 mils) from the chip are recommended.
1 - 60
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com
v02.0500
MICROWAVE CORPORATION
HMC281
GaAs MMIC LOW NOISE AMPLIFIER, 18 - 32 GHz
Handling Precautions
Follow these precautions to avoid permanent damage. Cleanliness: Handle the chips in a clean environment. DO NOT attempt to clean the chip using liquid cleaning systems. Static Sensitivity: Follow ESD precautions to protect against > 250V ESD strikes. Transients: Suppress instrument and bias supply transients while bias is applied. Use shielded signal and bias cables to minimize inductive pick-up. General Handling: Handle the chip along the edges with a vacuum collet or with a sharp pair of bent tweezers. The surface of the chip has fragile air bridges and should not be touched with vacuum collet, tweezers, or fingers.
1
AMPLIFIERS - CHIP
1 - 61
Mounting
The chip is back-metallized and can be die mounted with AuSn eutectic preforms or with electrically conductive epoxy. The mounting surface should be clean and flat. Eutectic Die Attach: A 80/20 gold tin preform is recommended with a work surface temperature of 255 deg. C and a tool temperature of 265 deg. C. When hot 90/10 nitrogen/hydrogen gas is applied, tool tip temperature should be 290 deg. C. DO NOT expose the chip to a temperature greater than 320 deg. C for more than 20 seconds. No more than 3 seconds of scrubbing should be required for attachment. Epoxy Die Attach: Apply a minimum amount of epoxy to the mounting surface so that a thin epoxy fillet is observed around the perimeter of the chip once it is placed into position. Cure epoxy per the manufacturer's schedule.
Wire Bonding
Ball or wedge bond with 0.025 mm (1 mil) diameter pure gold wire (DC Bias) or ribbon bond (RF ports) 0.076 mm x 0.013 mm (3 mil x 0.5 mil) size is recommended. Thermosonic wirebonding with a nominal stage temperature of 150 deg. C and a ball bonding force of 40 to 50 grams or wedge bonding force of 18 to 22 grams is recommended. Use the minimum level of ultrasonic energy to achieve reliable wirebonds. Wirebonds should be started on the chip and terminated on the package or substrate. All bonds should be as short as possible <0.31 mm (12 mils).
For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 12 Elizabeth Drive, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Visit us at www.hittite.com, or Email at sales@hittite.com


▲Up To Search▲   

 
Price & Availability of HMC28100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X