Part Number Hot Search : 
CS7620 K2420 BPR4050J F1AD00 1006F 18650 P102G 18650
Product Description
Full Text Search
 

To Download HD74LVC16374A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HD74LVC16374A
16-bit D-type Flip Flops with 3-state Outputs
REJ03D0367-0400Z (Previous ADE-205-122B (Z)) Rev.4.00 Jul. 30, 2004
Description
The HD74LVC16374A has sixteen edge trigger D type flip flops with three state outputs in a 48 pin package. Data at the D inputs meeting set up requirements are transferred to the Q outputs on positive going transitions of the clock input. When the latch enable goes low, data at the D inputs will be retained at the outputs until latch enable returns high again. When a high logic level is applied to the output control input, all outputs go to a high impedance state, regardless of what signals are present at the other inputs and the state of the storage elements. Low voltage and highspeed operation is suitable at the battery drive product (note type personal computer) and low power consumption extends the life of a battery for long time operation.
Features
* VCC = 2.0 V to 5.5 V * All inputs VIH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V) * All outputs VOUT (Max.) = 5.5 V (@VCC = 0 V or output off state) * Typical VOL ground bounce < 0.8 V (@VCC = 3.3 V, Ta = 25C) * Typical VOH undershoot > 2.0 V (@VCC = 3.3 V, Ta = 25C) * High output current 24 mA (@VCC = 3.0 V to 5.5 V) Ordering Information
Part Name HD74LVC16374ATEL Package Type TSSOP-48 pin Package Code TTP-48DBV Package Abbreviation T Taping Abbreviation (Quantity) EL (1,000 pcs/reel)
Function Table
Inputs G H L L L H: L: X: Z: : Q0 : CK X L D X L H X Output Q Z L H Q0
High level Low level Immaterial High impedance Low to high transition Level of Q before the indicated steady input conditions were established.
Rev.4.00 Jul. 30, 2004 page 1 of 8
HD74LVC16374A
Pin Arrangement
1G 1 1Q1 2 1Q2 3 GND 4 1Q3 5 1Q4 6 VCC 7 1Q5 8 1Q6 9 GND 10 1Q7 11 1Q8 12 2Q1 13 2Q2 14 GND 15 2Q3 16 2Q4 17 VCC 18 2Q5 19 2Q6 20 GND 21 2Q7 22 2Q8 23 2G 24
G Q G Q CK D CK D G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q G Q CK D CK D CK D CK D CK D CK D CK D CK D CK D CK D CK D CK D
48 1CK 47 1D1 46 1D2 45 GND 44 1D3 43 1D4 42 VCC 41 1D5 40 1D6 39 GND 38 1D7 37 1D8 36 2D1 35 2D2 34 GND 33 2D3 32 2D4 31 VCC 30 2D5 29 2D6 28 GND 27 2D7 26 2D8 25 2CK
CK D CK D
(Top view)
Rev.4.00 Jul. 30, 2004 page 2 of 8
HD74LVC16374A
Absolute Maximum Ratings
Item Supply voltage Input diode current Input voltage Output diode current Output voltage Output current VCC, GND current / pin Storage temperature Symbol VCC IIK VI IOK VO IO ICC or IGND Tstg Ratings -0.5 to 6.0 -50 -0.5 to 6.0 -50 50 -0.5 to VCC +0.5 -0.5 to 6.0 50 100 -65 to +150 Unit V mA V mA V mA mA C Conditions VI = -0.5 V VO = -0.5 V VO = VCC +0.5 V Output "H" or "L" Output "Z" or VCC:OFF
Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of which may be realized at the same time.
Recommended Operating Conditions
Item Supply voltage Input / output voltage Symbol VCC VI VO Ta IOH IOL Input rise / fall time *1 tr, tf Ratings 1.5 to 5.5 2.0 to 5.5 0 to 5.5 0 to VCC 0 to 5.5 -40 to 85 -12 -24*2 12 24*2 10 Unit V V V C mA mA ns/V Conditions Data hold At operation G, CK, D Output "H" or "L" Output "Z" or VCC:OFF VCC = 2.7 V VCC = 3.0 V to 5.5 V VCC = 2.7 V VCC = 3.0 V to 5.5 V
Operating temperature Output current
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.
2. Duty cycle 50%
Rev.4.00 Jul. 30, 2004 page 3 of 8
HD74LVC16374A
Electrical Characteristics
Ta = -40 to 85C Item Input voltage Symbol VIH VIL Output voltage VOH VCC (V) 2.7 to 3.6 4.5 to 5.5 2.7 to 3.6 4.5 to 5.5 2.7 to 5.5 2.7 3.0 3.0 4.5 2.7 to 5.5 2.7 3.0 4.5 0 to 5.5 2.7 to 5.5 0 2.7 to 3.6 2.7 to 5.5 3.0 to 3.6 Min 2.0 VCCx0.7 -- -- VCC-0.2 2.2 2.4 2.2 3.8 -- -- -- -- -- -- -- -- -- -- Max -- -- 0.8 VCCx0.3 -- -- -- -- -- 0.2 0.4 0.55 0.55 5.0 5.0 20 20 20 500 Unit V V V IOH = -100 A IOH = -12 mA IOH = -24 mA V IOL = 100 A IOL = 12 mA IOL = 24 mA VIN = 5.5 V or GND VIN = VCC, GND VOUT = 5.5 V or GND VIN / VOUT = 5.5 V VIN / VOUT = 3.6 to 5.5 V VIN = VCC or GND VIN = one input at(VCC-0.6)V, other inputs at VCC or GND Test Conditions
VOL
Input current Off state output current Output leak current Quiescent supply current
IIN IOZ IOFF ICC ICC
A A A A A
Rev.4.00 Jul. 30, 2004 page 4 of 8
HD74LVC16374A
Switching Characteristics
Ta = -40 to 85C Item Maximum clock frequency Symbol fmax VCC (V) 2.7 3.30.3 5.00.5 2.7 3.30.3 5.00.5 2.7 3.30.3 5.00.5 2.7 3.30.3 5.00.5 2.7 3.30.3 5.00.5 2.7 3.30.3 5.00.5 2.7 3.30.3 5.00.5 2.7 3.30.3 5.00.5 2.7 2.7 Min 80.0 100.0 125.0 -- 1.5 -- -- 1.5 -- -- 1.5 -- 2.0 2.0 2.0 1.5 1.5 1.5 3.0 3.0 3.0 -- -- -- -- -- Typ -- 150.0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 3.0 15.0 Max -- -- -- 7.7 7.0 5.5 8.0 7.0 6.0 8.0 7.0 6.0 -- -- -- -- -- -- -- -- -- -- 1.0 1.0 -- -- Unit MHz From (Input) To (Output)
Propagation delay time
tPLH tPHL tZH tZL tHZ tLZ tsu
ns
CK
Q
Output enable time
ns
G
Q
Output disable time
ns
G
Q
Setup time
ns
Hold time
th
ns
Pulse width
tw
ns
Between output pins skew tOSLH *1 tOSHL Input capacitance Output capacitance Note: CIN CO
ns
pF pF
1. This parameter is characterized but not tested.
tosLH = | tPLHm - tPLHn |, tosHL = | tPHLm - tPHLn |
Rev.4.00 Jul. 30, 2004 page 5 of 8
HD74LVC16374A
Test Circuit
VCC VCC Output Input 1G, 2G 1Q1 to 2Q8 CL = 50 pF 1D1 to 2D8 S1
Vcc=2.7V, 3.30.3V Vcc=5.00.5V
500 S1 450 50 Scope
Pulse Generator Zout = 50 Input
See Function Table
OPEN *1 See under table GND
Symbol 1CK, 2CK t PLH / t PHL t su / t h / t w t ZH/ t HZ t ZL / t LZ
Pulse Generator Zout = 50
OPEN GND 6V
OPEN GND 2xVcc
Note:
1. CL includes probe and jig capacitance.
Waveforms - 1
tr Input CK 10 % tr Input D 90 % 10 % t PLH Output Q Vref 90 % 90 % Vref 10 % tf 90 % 10 % t PHL Vref VOL Vref GND VIH GND VOH tf VIH
Rev.4.00 Jul. 30, 2004 page 6 of 8
HD74LVC16374A Waveforms - 2
tr Input CK 10 % tw tsu Input D Vref th VIH Vref GND 90 % 90 % Vref Vref 10 % tw tf VIH Vref GND
Waveforms - 3
tf Input G 90 % Vref 10 % t ZL Waveform - A t ZH Waveform - B Vref Vref t HZ VOH - 0.3 V tr 90 % Vref 10 % t LZ VIH GND V OH1 VOL + 0.3 V VOL VOH V OL1 TEST VIH Vref VOH1 VOL1
Vcc=2.7V, 3.30.3V Vcc=5.00.5V
2.7 V 1.5 V 3V GND
Vcc 50%Vcc Vcc GND
Notes:
1. tr = 2.5 ns, tf = 2.5 ns 2. Input waveform : PRR = 10 MHz, duty cycle 50% 3. Waveform - A shows input conditions such that the output is "L" level when enable by the output control. 4. Waveform - B shows input conditions such that the output is "H" level when enable by the output control.
Rev.4.00 Jul. 30, 2004 page 7 of 8
HD74LVC16374A
Package Dimensions
As of January, 2002
12.5 12.7 Max 48 25
Unit: mm
1 *0.19 0.05
0.50
24
0.08 M 8.10 0.20 0 - 8
6.10
1.0
0.65 Max
*0.15 0.05
0.10
0.10 0.05
1.20 Max
0.50 0.1
*Pd plating
Package Code JEDEC JEITA Mass (reference value)
TTP-48DBV -- -- 0.20 g
Rev.4.00 Jul. 30, 2004 page 8 of 8
Sales Strategic Planning Div.
Keep safety first in your circuit designs!
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
1. Renesas Technology Corp. puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur with them. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of nonflammable material or (iii) prevention against any malfunction or mishap. Notes regarding these materials 1. These materials are intended as a reference to assist our customers in the selection of the Renesas Technology Corp. product best suited to the customer's application; they do not convey any license under any intellectual property rights, or any other rights, belonging to Renesas Technology Corp. or a third party. 2. Renesas Technology Corp. assumes no responsibility for any damage, or infringement of any third-party's rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. 3. All information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by Renesas Technology Corp. without notice due to product improvements or other reasons. It is therefore recommended that customers contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor for the latest product information before purchasing a product listed herein. The information described here may contain technical inaccuracies or typographical errors. Renesas Technology Corp. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. Please also pay attention to information published by Renesas Technology Corp. by various means, including the Renesas Technology Corp. Semiconductor home page (http://www.renesas.com). 4. When using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. Renesas Technology Corp. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. 5. Renesas Technology Corp. semiconductors are not designed or manufactured for use in a device or system that is used under circumstances in which human life is potentially at stake. Please contact Renesas Technology Corp. or an authorized Renesas Technology Corp. product distributor when considering the use of a product contained herein for any specific purposes, such as apparatus or systems for transportation, vehicular, medical, aerospace, nuclear, or undersea repeater use. 6. The prior written approval of Renesas Technology Corp. is necessary to reprint or reproduce in whole or in part these materials. 7. If these products or technologies are subject to the Japanese export control restrictions, they must be exported under a license from the Japanese government and cannot be imported into a country other than the approved destination. Any diversion or reexport contrary to the export control laws and regulations of Japan and/or the country of destination is prohibited. 8. Please contact Renesas Technology Corp. for further details on these materials or the products contained therein.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, 1 Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2730-6071 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 2713-2999 Renesas Technology (Shanghai) Co., Ltd. Unit2607 Ruijing Building, No.205 Maoming Road (S), Shanghai 200020, China Tel: <86> (21) 6472-1001, Fax: <86> (21) 6415-2952 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001
http://www.renesas.com
(c) 2004. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .2.0


▲Up To Search▲   

 
Price & Availability of HD74LVC16374A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X