Part Number Hot Search : 
SF602 IRFP460 2SD18 S4805 BZX84C18 2SC2983 IRFP460 11001
Product Description
Full Text Search
 

To Download EMR29DX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
EMR29DX
www.SunLED.com
15mmx15mm LIGHT BAR
Features
UNIFORM LIGHT EMITTING AREA. EASILY MOUNTED ON P.C. BOARDS OR INDUSTRY STANDARD SOCKETS. FLUSH MOUNTABLE. EXCELLENT ON/OFF CONTRAST. CAN BE USED WITH PANELS AND LEGEND MOUNTS. MECHANICALLY RUGGED. I.C. COMPATIBLE. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (peak) 1/10Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature Lead Solder Temperature [2mm below package base] VR IF iFS PT TA Tstg MR (GaAlAs) 5 30 155 75 -40 ~ +85 -40 ~ +85
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=20mA) Unit V mA mA mW C Forward Voltage (Max.) (IF=20mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=20mA) Wavelength Of Dominant Emission (Typ.) (IF=20mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=20mA) Capacitance (Typ.) (VF=0V, f=1MHz) VF VF IR
MR (GaAlAs) 1.85 2.5 10
Unit V V uA
P
660
nm
D
640
nm
20
nm
260C For 3~5 Seconds
C
45
pF
Part Number
Emitting Color
Emitting Material
Lens-color
Luminous Intensity (IF=20mA) mcd min. typ. 297
Wavelength nm P
EMR29DX
Red
GaAlAs
Red Diffused
70
660
Published Date : MAR 13,2008
Drawing No : SDSA3861
V3
Checked : Shin Chi
P.1/4
Part Number:
EMR29DX
www.SunLED.com
15mmx15mm LIGHT BAR
MR
Published Date : MAR 13,2008
Drawing No : SDSA3861
V3
Checked : Shin Chi
P.2/4
Part Number:
EMR29DX
www.SunLED.com
15mmx15mm LIGHT BAR
Remarks: If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous intensity / luminous flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 13,2008
Drawing No : SDSA3861
V3
Checked : Shin Chi
P.3/4
Part Number:
EMR29DX
www.SunLED.com
15mmx15mm LIGHT BAR
PACKING & LABEL SPECIFICATIONS
EMR29DX
Published Date : MAR 13,2008
Drawing No : SDSA3861
V3
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of EMR29DX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X