Part Number Hot Search : 
162244 AT83C DTA144W 2N4361 0NF03L FCD860 W1900 SN74L
Product Description
Full Text Search
 

To Download CWX-H12-XGATE-KX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8-/16-bit Microcontrollers
CodeWarriorTM Development Studio
for FreescaleTM HCS12(X) Microcontrollers
Overview
The comprehensive, highly visual CodeWarriorTM Development Studio for FreescaleTM HCS12(X) Microcontrollers enables engineers to build and deploy HCS12 or HCS12X/XGATE systems quickly and easily. This tool suite provides the capabilities required by every engineer in the development cycle: from board bring-up to firmware development to final application development. With a common project-based development environment reuse becomes a natural by-product as each team builds on the work already completed by the previous team. Whether the application is targeted at consumer white goods, industrial control or automotive body controllers, the CodeWarrior environment provides you everything you need to exploit the capabilities of the HCS12 and HCS12X/XGATE architectures. The award-winning CodeWarrior IDE goes well beyond basic code generation and debugging, streamlining applications design from the moment you open the box. It features an intuitive, state-of-the-art project manager and build system, a highly optimized compiler, a graphical, source-level debugger, integrated profiling capabilities, a cycle-accurate, instruction-set simulator and more.
Features
* Sophisticated project manager * Build system with optimizing C/C++/cC++/EC++ compilers for HCS12 CPU, HCS12X CPU and XGATE module * Macro-assembler (absolute and relocatable) supporting HCS12 CPU, HCS12X CPU and XGATE module * Linker support for HCS12 CPU code, HCS12X CPU code, or HCS12X CPU and XGATE module code
* Graphical, source-level debugger support for HCS12 CPU or HCS12X CPU and XGATE module concurrently * Flash programming support * Cycle-accurate simulator with code coverage, and profile analysis * Data visualization and I/O stimulation * C source code encryption support * Processor Expert(R) and Bean Wizard from Unis
Why develop applications with CodeWarrior tools? Get to Market Fast
Speed your time-to-market by creating, compiling, linking, assembling and debugging within a single, integrated development environment. Use our tightly-integrated tools to speed your development time or plug in familiar third-party editors, compilers and debuggers. Skip the endless debug cycles at the end of a project and the frantic search through the silicon documentation to find the single bit that is set incorrectly, causing your application to crash. Just define the functionality you need for your application and Processor Expert within CodeWarrior Studio generates tested, optimized C-code tuned for your application and the particular 68HC(S)12 derivative you have chosen.
designed to take full advantage of the HCS12 and HCS12X/XGATE architectures, with more than 60-advanced optimization strategies specifically designed to boost performance and reduce code size. So, you can extract maximum performance from lower cost silicon and reduce your overall product cost.
Develop Software Ahead of Hardware
Start software development immediately. The cycle-accurate simulator in CodeWarrior Development Studio provides the most powerful tool short of actual hardware. Long before hardware is available you can detect and repair design and requirement errors with the simulator and integrated data visualization, code coverage and profile analysis. These tools provide you with clear, meaningful insight into your program's run-time behavior. Armed with this data, you can tailor your application for optimum performance and reliability.
Maximize Performance/Minimize Silicon Cost
Create the most highly optimized code in the market with our industry leading ANSI C/C++ and compact C++ compilers. These compilers are
Build System Processor Expert from UNIS
Processor Expert is a rapid application design tool (RAD) that combines easy-touse component-based application creation with an expert knowledge system. CPU, on-chip peripherals, external peripherals and software functionality are encapsulated into components called Embedded Beans. You can tailor each component's functionality to fit your application requirements by modifying the component's properties, methods and events. When you build the project, Processor Expert automatically generates highly optimized C-code and places the files into your CodeWarrior project. Endless troubleshooting cycles are a thing of the past! Processor Expert's knowledge base only provides valid choices and immediately flags potential resource conflicts, allowing you to resolve the problems during the initial design phase. Processor Expert also makes porting a breeze. Simply select the new MCU and Processor Expert maps the software and peripheral components that describe your application's functionality to the resources available on the new MCU. All you have to do is resolve any problems flagged by Processor Expert and you're finished. Develop applications with the smallest code size and fastest execution time.
Features Include
* Industry-leading ANSI C/C++ and compact C++ compilers, which support EC++ guidelines for embedded C++ development and generate ELF/DWARF files for execution and debugging * More than 60 optimization strategies
Processor Expert Features Include
* An intuitive, graphical user interface tightly integrated with CodeWarrior tools * Ready-to-use, tested hardware and software components with complete documentation * Hardware independence and inheritance, which make your applications portable * A knowledge base that is constantly checking CPU-dependent settings * Automatic C-code generator * Bean Wizard, which allows you to encapsulate your own software IP and build a library of reusable components
* Compiler optimization menu that allows you to easily define the optimization level with sliders for code density, execution speed, complexity, compilation time and information * Macro assembler * Linker dead-strips unused code
Graphical Source-Level Debugger
The CodeWarrior IDE includes a state-of-the-art source-level debugger with a wide array of sophisticated features that help you troubleshoot and repair your application faster. The debugger provides the power you need with the simplicity of a Windows(R)-based pointand-click environment for fast and easy execution. * Graphical display of complex data structures and expressions to speed run-time analysis * Fast, flexible and comprehensive run-control capabilities for complete target control * Precise breakpoints help solve sophisticated problems
CodeWarrior Development Studio provides the capabilities required by every engineer in the development cycle: from board bring-up to firmware development to final application development.
Feature IDE Project Wizard Program Manager > Projects > Sub Projects Build Tools Macro Assembler
For specific optimizations only you can provide.
HCS12(X): ASM - Unlimited XGATE: ASM - Unlimited HCS12(X): C - 32K HCS12(X): C++ - 1K XGATE: C - 512 bytes XGATE: C++ - 512 bytes HCS12(X): ASM - Unlimited XGATE: ASM - Unlimited HCS12(X): C - Unlimited HCS12(X): C++ - 1K XGATE: C - Unlimited XGATE: C++ - 512 bytes Yes HCS12(X): ASM - Unlimited XGATE: ASM - Unlimited HCS12(X): C - Unlimited HCS12(X): C++ - Unlimited XGATE: C - Unlimited XGATE: C++ - Unlimited Yes
Benefit
Special Edition
Standard Edition
Professional Edition
Gets you up and programming fast. Eliminates confusing and often complex make files with visual preference panels.
Yes
Yes
Yes
Up to 32 files* No*
Unlimited Yes
Unlimited Yes
Optimizing Compiler
Reduces code size and maximizes the capabilities of the microcontroller to achieve top performance.
Libmaker Debug Tools Source-Level Debugger
Allows reuse and maintenance of code through libraries.
Speeds debug cycles by viewing the source code as it executes.
HCS12(X): ASM - Unlimited HCS12(X): C - 32K HCS12(X): C++ - 1K XGATE: ASM - Unlimited XGATE: C - 512 bytes XGATE: C++ - 512 bytes Yes
HCS12(X): ASM - Unlimited HCS12(X): ASM - Unlimited HCS12(X): C - Unlimited HCS12(X): C - Unlimited HCS12(X): C++ - Unlimited HCS12(X): C++ - 1K XGATE: ASM - Unlimited XGATE: ASM - Unlimited XGATE: C - Unlimited XGATE: C - Unlimited XGATE: C++ - Unlimited XGATE: C++ - 512 bytes Yes Yes
Flash Programming
Fully integrated flash programming improves the build-debug cycle because it automates your downloads. Reduces costs and eliminates possible hardware issues during development. Let's you see how your program effects peripherals and responds to outside input. Allows you create listings of ELF files. Ready to work with OSEK, for RTOS-aware debug capabilities. Automates repetitive debug cycles during program validation.
Simulator Data Visualization and I/O Stimulation Decoder OSEK Awareness
Yes
Yes
Yes
1 components/ 3 elements
Unlimited
Unlimited
Yes
Yes Yes
Session Record and Play
Yes
Advanced Tools Processor Expert > Basic Beans > Software Beans > Advanced Beans Bean Wizard
Abstracts the hardware layer and generates optimized, microcontroller-specific code tailored to your application, so you can concentrate on design. Allows you to create reusable software components, which can be easily retargeted to any Freescale Hybrid, HC(S)08 or HCS12(X) microcontroller. Gives you visibility into your running program to allow fine tuning and better quality metrics. Ensures compliance with MISRA and other code quality and style guidelines.
Yes
Yes Yes
Yes Yes Yes Yes
Profile Analysis and Code Coverage PC-Lint Plug-In
Yes
Yes
* Program Manager limitation removed when 64K compiler installed
Specifications
* IDE Version: 5.7 * Host Platforms: Windows 98 SE/2000/XP
(R)
Board Support
* Freescale MC68HC9S12DP256 Evaluation Board * Elektronik-Laden HCS12 T-Board * Future Electronics 9S12 Badge Board * Axiom CML125-DP256 Board * Axiom MC9S12XDT512 Demo Board * SofTec MC9S12XDP512 Evaluation Board * M68EVB912C32 * M68EVB912DP256 * Technological Arts HCS12 Boards * inDART-HCS12 Series Starter kits * PK-HCS12 Series Starter kits
* Language support: Assembly, C/C++, cC++, EC++ * Build tools output formats: ELF/DWARF 2.0, Hiware, Freescale SRecord, Intel hex, binary
(R)
Support Policy
* Online help and documentation * 12-month maintenance contract * Additional 12-month maintenance contracts available * Free 30-day evaluation license available
System Requirements
* 200 MHz Intel Pentium(R) II processor or AMD-K6(R) class processor, * Microsoft Windows(R) 98 SE (Second Edition)/2000/XP * 128 MB of RAM, and CD-ROM drive * Depending on host-target connection: parallel port, 9-pin serial port or USB port
Host Connections
* USB Multilink 12 * Cyclone Pro * SofTec BDM12 * Abatron BDI1000(R) (Professional Edition only)
Device Support
* MC9S12X families: A, D, DG, DP, DT * MC9S12 families: A, B, C, D, DB, DG, DJ, DP, DT, E, GC, H, KG, KT, NE, T and U * MC68HC812: A4 * MC68HC912 families: B, D, DG, DT
Part Numbers
Products CodeWarrior for HC12, Special Edition (also includes CodeWarrior for HC08, Special Edition) CodeWarrior for HC12, Standard Edition CodeWarrior for HC12, Professional Edition Upgrades HC12 64K C Compiler Upgrade HC12 C++/cC++/EC++ Compiler Only Edition HC12 Upgrade to Standard Edition HC12 Upgrade to Professional Edition Add-On Options for Standard Edition HC12 Enhanced Compiler Option XGATE Tools Option CWX-H12-ENHNC-KX CWX-H12-XGATE-KX CWS-H12-C64K-CX CWS-HC12-CC-CX CWS-H12-STDED-UX CWS-H12-PROED-UX Part# CWX-HXX-SE CWS-H12-STDED-CX CWS-H12-PROED-CX
Learn More:
For current information about Freescale products and documentation, please visit www.freescale.com.
You can also find more information about Fast Track, Freescale's online support services center, at www.freescale.com/fasttrack.
FreescaleTM and the Freescale logo are trademarks of Freescale Semiconductor, Inc. All other product or service names are the property of their respective owners. (c) Freescale Semiconductor, Inc. 2007 950-00088 REV E


▲Up To Search▲   

 
Price & Availability of CWX-H12-XGATE-KX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X