Part Number Hot Search : 
F9630S 100TS CP2125 00AXC C2104 324015P VISHAY F7103
Product Description
Full Text Search
 

To Download CPC1016N1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CPC1016N
4-Pin SOP OptoMOS(R) Relay
Parameter Blocking Voltage Load Current Max On-resistance
Rating 100 100 16
Units VP mA
Description
CPC1016N is a miniature, low-voltage, low on-resistance 1-Form-A solid state relay in a 4-Pin SOP package. The relay uses optically coupled MOSFET technology to provide 1500Vrms of input/output isolation. The efficient MOSFET switches and photovoltaic die use Clare's patented OptoMOS architecture. The optically-coupled output is controlled by a highly efficient GaAIAs infrared LED. The CPC1016N uses Clare's state of the art double-molded vertical construction packaging to produce a very compact solid state relay. The CPC1016N is ideal for replacing larger, less-reliable reed and electromechanical relays.
Features
* 100% Solid State * Low Drive Power Requirements (TTL/CMOS Compatible) * Arc-Free With No Snubbing Circuits * 1500Vrms Input/Output Isolation * No EMI/RFI Generation * Machine Insertable, Wave Solderable * Tape & Reel Version Available
Approvals Applications
* Instrumentation * Multiplexers * Data Acquisition * Electronic Switching * I/O Subsystems * Meters (Watt-Hour, Water, Gas) * Medical Equipment--Patient/Equipment Isolation * Security Systems * Aerospace * Industrial Controls * Reed Relay Replacement * UL Recognized Component File #: E76270 * EN/IEC 60950-1 compliant * CSA Certified Component: Certificate # 1172007
Ordering Information
Part # CPC1016N CPC1016NTR Description 4-Pin SOP (100/tube) 4-Pin SOP (2000/reel)
Pin Configuration
1 + Control 2 3 Load 4 Load
- Control
Switching Characteristics of Normally Open (Form A) Devices
Control
ILOAD
+ 90% 10%+ tOFF tON
Pb
RoHS
2002/95/EC
e3
www.clare.com 1
DS-CPC1016N-R06
CPC1016N
Absolute Maximum Ratings
Parameter Blocking Voltage Reverse Input Voltage Input Control Current Peak (10ms) Input Power Dissipation Total Power Dissipation 1 Isolation Voltage Input to Output Operational Temperature Storage Temperature
1
Ratings 100 5 50 1 70 400 1500 -40 to +85 -40 to +125
Units VP V mA A mW mW Vrms C C
Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied.
Derate Linearly 3.33 mw / C
Electrical absolute maximum ratings are at 25C
Electrical Characteristics
Parameter Output Characteristics @ 25C Load Current Continuous 1 Peak On-Resistance 2 Off-State Leakage Current Switching Speeds Turn-On Turn-Off Output Capacitance Input Characteristics @ 25C Input Control Current Input Dropout Current Input Voltage Drop Reverse Input Current Common Characteristics @ 25C Capacitance Input to Output
1 2
Conditions
Symbol
Min
Typ
Max
Units
t=10ms IL=100mA VL=100VP
IL ILPK RON ILEAK tON tOFF COUT IF IF VF IR CI/O
0.3 0.9 -
25 0.5 0.4 1.2 1
100 350 16 1 2 0.5 2 1.4 10 -
mA A ms ms pF mA mA V A pF
IF=5mA, VL=10V 50V; f=1MHz IL=100mA IF=5mA VR=5V -
Load current derates linearly from 100mA @ 25C to 80mA @ 85C. Measurement taken within 1 second of on time.
2
www.clare.com
R06
CPC1016N
PERFORMANCE DATA*
CPC1016N Typical LED Forward Voltage Drop (N=50, TA=25C, IF=5mADC) CPC1016N Typical On-Resistance Distribution (N=50, TA=25C, IL=100mA) CPC1016N Typical Blocking Voltage Distribution (N=50, TA=25C)
35 30
Device Count (N)
35 30 Device Count (N) 25 20 15 10 5 0
35 30 Device Count (N) 25 20 15 10 5 0
25 20 15 10 5 0 1.17 1.19 1.21 1.23 1.25 LED Forward Voltage Drop (V)
6.8
6.9
7.0
7.1
7.2
7.3
7.4
106
109
On-Resistance ()
112 115 118 121 Blocking Voltage (VP)
124
25 20 15 10 5 0
CPC1016N Typical IF for Switch Operation (N=50, TA=25C, IL=100mA)
25 20 15 10 5 0
CPC1016N Typical IF for Switch Dropout (N=50, TA=25C, IL=100mA)
25 20 15 10 5 0
CPC1016N Typical Turn-On Time (N=50, TA=25C, IL=100mA, IF=5mA)
Device Count (N)
Device Count (N)
Device Count (N)
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.25
0.30
0.35
0.40
0.45
0.50
0.55
LED Current (mA)
LED Current (mA)
Turn-On (ms)
25 20 15 10 5 0
CPC1016N Typical Turn-Off Time (N=50, TA=25C, IL=100mA, IF=5mA)
Load Current (mA)
CPC1016N Typical Maximum Load Current vs. Temperature
120 115 110 105 100 95 90 85 80 75 Leakage (A) 0.016 0.014 0.012 0.010 0.008 0.006 0.004 0.002 0 -40
CPC1016N Typical Leakage vs. Temperature (Measured Across Pins 3 & 4) (VL=100VP)
Device Count (N)
IF=10mA IF=5mA
-40 -20 0 20 40 60 80 Temperature (C) 100 120
0.21
0.22
0.23
0.24
0.25
0.26
0.27
-20
0
20
40
60
80
100
Turn-Off (ms)
Temperature (C)
CPC1016N Typical Blocking Voltage vs. Temperature
122 Blocking Voltage (VP) 121 Turn-On (ms) 120 119 118 117 116 115 -40 -20 0 20 40 60 Temperature (C) 80 100 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 -40
CPC1016N Typical Turn-On vs. Temperature (IL=80mA)
IF=5mA
IF=10mA -20 0 20 40 60 Temperature (C) 80 100
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 -40
CPC1016N Typical Turn-Off vs. Temperature (IL=80mA)
Turn-Off (ms)
IF=10mA IF=5mA -20 0 20 40 60 Temperature (C) 80 100
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
R06
www.clare.com
3
CPC1016N
PERFORMANCE DATA*
CPC1016N Typical LED Forward Voltage Drop vs. Temperature
LED Forward Voltage Drop (V) 1.8 1.6 1.4 Turn-On (ms)
IF=50mA
1.2 1.0 0.8 -40 -20 0 20 40 60 80 Temperature (C) 100 120
IF=10mA IF=5mA IF=2mA
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0
CPC1016N Typical Turn-On vs. LED Forward Current (IL=80mA)
0.7 0.6 Turn-Off (ms) 0.5 0.4 0.3 0.2 0.1 0
CPC1016N Typical Turn-Off vs. LED Forward Current (IL=80mA)
0
5
10 15 20 25 30 35 40 LED Forward Current (mA)
45
50
0
5
10 15 20 25 30 35 40 LED Forward Current (mA)
45
50
14 12 On-Resistance () 10
CPC1016N Typical On-Resistance vs. Temperature (IL=Max Rated @ Temperature)
IF=5mA IF=10mA Steady State LED Current (mA)
CPC1016N Typical IF for Switch Operation vs. Temperature (IL=80mA)
1.8 LED Current (mA) 1.5 1.2 0.9 0.6 0.3 0 -40 -20 0 60 20 40 Temperature (C) 80 100
1.8 1.5 1.2 0.9 0.6 0.3 0 -40
CPC1016N Typical IF for Switch Dropout vs. Temperature (IL=80mA)
8 6 4 2 -40 -20 0 20 40
Instantaneous IF=5mA
60
80
100
-20
0
Temperature (C)
20 40 60 Temperature (C)
80
100
150 Load Current (mA) 100 50 0 -50 -100
CPC1016N Typical Load Current vs. Load Voltage (TA=25C, IF=5mA)
CPC1016N Energy Rating Curve
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 10s 100s 1ms 10ms 100ms Time
-150 -1.5
Load Current (A)
-1.0
-0.5
0
0.5
1.0
1.5
1s
10s 100s
Load Voltage (V)
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application department.
4
www.clare.com
R06
CPC1016N
Manufacturing Information
Moisture Sensitivity Clare has characterized the moisture reflow sensitivity of this package, and has determined that this component must be handled in accordance with IPC/JEDEC standard J-STD-033 moisture sensitivity level (MSL), level 3 classification. Soldering Reflow Profile For proper assembly, the component must be processed in accordance with the current revision of IPC/JEDEC standard J-STD-020. Failure to follow the recommended guidelines may cause permanent damage to the device resulting in impaired performance and/or a reduced lifetime expectancy. Washing Clare does not recommend ultrasonic cleaning or the use of chlorinated solvents.
Pb
RoHS
2002/95/EC
e3
0.200 0.025 (0.008 0.001)
MECHANICAL DIMENSIONS
4-Pin SOP Package
4.089 0.203 (0.161 0.008)
Recommended PCB Land Pattern
0.60 (0.0217)
3.810 0.076 (0.150 0.003) Pin 1 2.54 Typ (0.100 Typ) 2.184 Max (0.086 Max)
6.096 0.102 (0.240 0.004) 1.02 0.025 (0.040 0.001)
0.432 0.127 (0.017 0.005) 1.30 (0.0512) 2.54 (0.10)
5.60 (0.2205)
0.0254 - 0.102 (0.001 - 0.004) 0.381 TYP. (0.015 TYP.)
Dimensions mm (inches)
Tape and Reel Packaging for 4-Pin SOP Package
330.2 Dia (13.00 Dia) Top Cover Tape Thickness 0.102 Max (0.004 Max) W=12.00 Max (0.472 Max) B0=4.70 (0.185)
Pin 1
K0=2.70 (0.106) K1=2.30 (0.091)
Embossed Carrier
P=8.00 (0.315)
A0=6.50 (0.256) User Direction of Feed Dimensions mm (inches)
Embossment
NOTE: Tape dimensions not shown comply with JEDEC Standard EIA-481-2
For additional information please visit our website at: www.clare.com
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare's Standard Terms and Conditions of Sale, Clare, Inc. assumes no liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement of any intellectual property right. The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended to support or sustain life, or where malfunction of Clare's product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to discontinue or make changes to its products at any time without notice.
Specification: DS-CPC1016N-R06 (c)Copyright 2008, Clare, Inc. OptoMOS(R) is a registered trademark of Clare, Inc. All rights reserved. Printed in USA. 9/2/08
5


▲Up To Search▲   

 
Price & Availability of CPC1016N1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X