Part Number Hot Search : 
EP1K50 SMDJ120A XBXXX 2SC40 BU1010 AD5426 NSPW570 BZT03C43
Product Description
Full Text Search
 

To Download BSP32409 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Rev. 2.1
BSP324
Feature
SIPMOS Power-Transistor
Product Summary VDS RDS(on) ID 400 25 0.17
SOT-223
* N-Channel * Enhancement mode * Logic Level * dv/dt rated * Pb-free lead plating; RoHS compliant Qualified according to AEC Q101
V A
Type BSP324
Package PG-SOT223
Pb-free Packaging Yes Non dry
Tape and Reel Information Marking L6327: 1000 pcs/reel BSP324
Maximum Ratings, at Tj = 25 C, unless otherwise specified Symbol Parameter Continuous drain current
TA=25C TA=70C
Value 0.17 0.14 0.68 6 20 1A (>250V, <500V) 1.8 -55... +150 55/150/56
Unit A
ID
Pulsed drain current
TA=25C
ID puls dv/dt VGS Ptot T j , Tstg
Reverse diode dv/dt
IS=0.17A, VDS=320V, di/dt=200A/s, Tjmax=175C
kV/s V W C
Gate source voltage ESD Class (JESD22-A114-HBM) Power dissipation
TA=25C
Operating and storage temperature IEC climatic category; DIN IEC 68-1
Page 1
2009-08-18
Rev. 2.1 Thermal Characteristics Parameter Characteristics Thermal resistance, junction - soldering point (Pin 4) SMD version, device on PCB:
@ min. footprint @ 6 cm2 cooling area
1)
BSP324
Symbol min. RthJS RthJA -
Values typ. 16 max. 25
Unit
K/W
85 45
115 70
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Static Characteristics Drain-source breakdown voltage
V GS=0, I D=250A
Symbol min. V(BR)DSS VGS(th) IDSS IGSS RDS(on) RDS(on) 400 1.3
Values typ. 1.9 max. 2.3
Unit
V
Gate threshold voltage, VGS = V DS
ID=94A
Zero gate voltage drain current
V DS=400V, V GS=0, T j=25C V DS=400V, V GS=0, T j=125C
A 0.01 10 14.3 13.6 0.1 10 100 22 25 nA
Gate-source leakage current
V GS=20V, VDS=0
Drain-source on-state resistance
V GS=4.5V, I D=0.05A
Drain-source on-state resistance
V GS=10V, I D=0.17A
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm (single layer, 70 m thick) copper area for drain connection. PCB is vertical without blown air. Page 2
2009-08-18
Rev. 2.1 Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Dynamic Characteristics Transconductance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Inverse diode continuous forward current Inv. diode direct current, pulsed ISM Inverse diode forward voltage Reverse recovery time Reverse recovery charge VSD trr Qrr
V GS=0, I F=0.17A V R=200V, IF=l S, di F/dt=100A/s
BSP324
Symbol
Conditions min.
Values typ. 0.19 103 9.2 3.8 4.6 4.4 17 68 max. 154 13.6 5.7 6.9 6.6 25 102
Unit
g fs Ciss Coss Crss td(on) tr td(off) tf
V DS2*I D*RDS(on)max, ID=0.14A V GS=0, V DS=25V, f=1MHz
0.09 -
S pF
V DD=225V, V GS=10V, ID=0.17A, RG=6
ns
Qgs Qgd Qg
VDD =320V, ID =0.17A
-
0.35 2.17 4.54 3.6
0.45 2.82 5.9 -
nC
VDD =320V, ID =0.17A, VGS =0 to 10V
V(plateau) VDD =320V, ID =0.17A
V
IS
TA=25C
-
0.8 85 104
0.17 0.68 1.2 127 156
A
V ns nC
Page 3
2009-08-18
Rev. 2.1 1 Power dissipation Ptot = f (TA)
1.9
BSP324
BSP324
2 Drain current ID = f (T A) parameter: VGS 10 V
BSP324
0.18
W A
1.6 0.14 1.4
P tot
ID
0.1 0.08 0.06 0.04 0.02 0 160 0 20 40 60 80 100 120
1.2 1 0.8 0.6 0.4 0.2 0 0 20 40 60 80 100 120
0.12
C
C
160
TA
TA
3 Safe operating area ID = f ( VDS ) parameter : D = 0 , TA = 25 C
10
1 BSP324
4 Transient thermal impedance ZthJA = f (tp) parameter : D = t p/T
10
2 BSP324
A
K/W
10
0
t = 170.0s p
10
1
ID
/ ID = V
DS
1 ms
10
-1
Z thJA
10
10 ms 0
RD
n) S(o
D = 0.50 0.20 0.10
10
-2
10
-1
single pulse
0.05 0.02
DC
0.01
10
-3
10
0
10
1
10
2
V
10
3
10
-2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
s
10
4
VDS
Page 4
tp
2009-08-18
Rev. 2.1 5 Typ. output characteristic ID = f (VDS) parameter: Tj = 25 C, V GS
0.6
BSP324
6 Typ. drain-source on resistance RDS(on) = f (ID) parameter: Tj = 25 C, V GS
22
18
R DS(on)
10V 7V 6V 5V 4.5V 4.3V 4.1V 3.9V 3.7V
16 14 12
0.4
0.3
3.7V
10 3.9V
4.1V
8 4.3V
0.2
4.5V
6 5V
6V
4 7V
0.1
10V
2
0 0 1 2 3 4 5 6 7 8 10
0 0 0.05 0.1 0.15 0.2 0.25
A ID
0.35
7 Typ. transfer characteristics ID= f ( VGS ); V DS 2 x ID x RDS(on)max parameter: Tj = 25 C
0.35
8 Typ. forward transconductance g fs = f(I D) parameter: Tj = 25 C
0.36
A
S
0.28
0.25
0.2
gfs
0.15 0.1 0.05 0 0 1 2 3
0.24 0.2 0.16 0.12 0.08 0.04 0
ID
V VGS
Page 5
5
0
0.05
0.1
0.15
0.2
0.25
A ID
0.35
2009-08-18
Rev. 2.1 9 Drain-source on-state resistance RDS(on) = f (Tj) parameter : ID = 0.17 A, VGS = 10 V
130
BSP324
BSP324
10 Typ. gate threshold voltage VGS(th) = f (T j) parameter: VGS = VDS; ID =94A
2.6
V 98%
110 2.2 100
R DS(on)
- VGS(th)
90 80 70
2 1.8 1.6
typ.
60 50 40 30 20 10 0 -60 -20 20 typ 0.8 0.6 -60 98% 1 1.4
2%
1.2
60
100
C
180
-20
20
60
100
C
160
Tj
Tj
11 Typ. capacitances C = f (V DS) parameter: VGS=0, f=1 MHz, Tj = 25 C
10
3
12 Forward character. of reverse diode IF = f (V SD) parameter: Tj
10
0 BSP324
pF
A
Ciss
10
C
2
10
-1
Coss
10
1
IF
10
Crss
-2
T j = 25 C typ T j = 150 C typ T j = 25 C (98%) T j = 150 C (98%)
10
0
10 5 10 15 20
V
-3
0
30
0
0.4
0.8
1.2
1.6
2
2.4 V
3
V DS
VSD
Page 6
2009-08-18
Rev. 2.1 13 Typ. gate charge VGS = f (QG); parameter: VDS , ID = 0.17 A pulsed, Tj = 25 C
16
V
BSP324
BSP324
14 Drain-source breakdown voltage V(BR)DSS = f (Tj)
490
BSP324
V
470
V (BR)DSS
0.2 VDS max 0.8 VDS max nC
12
460 450 440 430 420 410 400
V GS
10
8 0.5 VDS max 6
4
390 380 370
2
0 0 1 2 3 4 5
7
360 -60
-20
20
60
100
C
180
QG
Tj
Page 7
2009-08-18
Rev 2.1
BSP324
Page 8
2009-08-18


▲Up To Search▲   

 
Price & Availability of BSP32409

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X