Part Number Hot Search : 
AX129 OPV214AT 1212E 102K6 AN6780 76M00 MMBZ5 5253TM
Product Description
Full Text Search
 

To Download BSOZA401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,LTD Tel:0086-21-37185008 Fax:0086-21-57152769
BSOZA401 THRU BSOZA406
BIG SOZA CELL
VOLTAGE RANGE 100 TO 600 VOLTS CURRENT 40AMPS
Features
Low leakage Low forward voltage drop High current capability High forward surge current capability
BS
Mechanical Data
Copper slug Technology: cell with vcauum soldered Polarity: blue dots denotes cathode end Mounting Position: Any Weigth: 0.7 grams
.299(7.6) DIA .283(7.2)
0.086(2.2) 0.078(2.0)
Maximum Ratings and Electrical Charactristics
Rating at 25oC ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
Dimensions in inches and millimeters
Parameters Symbols BSOZA401 BSOZA402 BSOZA403 BSOZA404 BSOZA406 VRRM Maximum repetitive peak reverse voltage 100 200 300 400 600 VRMS Maximum RM S voltage 70 140 210 280 420 VDC Maximum DC blocking voltage 100 200 300 400 600 Maximum Average rectified forward current Io 40 at TC=110oC Peak forward surge current 8.3mS single IFSM 500 half sine-wave superimposed on rated load (JE DEC Method) Maximum instantaneous forward voltage VF 1.08 drop at 100A 5 Maximum DC reverse current TA=25oC IR o 250 at rated DC blocking voltage TA=150 C Typical thermal resistance Operating and storage temperature RJC TJ,TSTG 1.0 -65 to +175
Units Volts Volts Volts Amps Amps Volts uA
o
C/W
o
C
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
BSOZA401 THRU BSOZA406
Ratings and Characteristic Curves
www. cnelectr .com


▲Up To Search▲   

 
Price & Availability of BSOZA401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X