Part Number Hot Search : 
KBPC3502 74ALS102 12DRW 88PA6270 4VHCT0 95100 6025107 2SD2599
Product Description
Full Text Search
 

To Download BSOZA401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BIG SOZA CELL
BSOZA401 THRU BSOZA406
TECHNICAL SPECIFICATION FEATURES
* * * *
VOLTAGE RANGE CURRENT
100 to 600 Volts 40.0 Amperes
Low Leakage Low forward voltage drop High current capability High forward surge current capacity
.299(7.6) .283(7.2)
DIA
MECHANICAL DATA
* * * * *
Copper slug Technology: cell with vacuum soldered Polarity: blue dots denotes cathode end Mounting Position: Any Weight: 0.0219 ounces, 0.62 grams
0.086(2.20) 0.078(2.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS BSOZA401 100 70 100 BSOZA402 200 140 200 BSOZA403 300 210 300 40.0 BSOZA404 400 280 400 BSOZA406 600 420 600 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=110 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Maximum instantaneous Forward Voltage at 100A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage per element Typical Thermal Resistance Operating and Storage Temperature Range TA=100
VRRM VRMS VDC IO
IFSM VF IR RJC TJ,TSTG
500 1.08 5.0 250 1.0 (-65 to +175)
Amps Volts UA /W
Notes:
1. Enough heatsink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
BIG SOZA CELL
BSOZA401 THRU BSOZA406
VOLTAGE RANGE CURRENT
100 to 600 Volts 40.0 Amperes
RATINGS AND CHARACTERISTIC CURVES BSOZA401 THRU BSOZA406
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
40
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
AVERAGE FORWARD CURRENT, (A)
PEAK FORWARD SURGE CURRENT,(A)
35 30
600 8.3ms Single Half Sine-Wave 500 400 300 200 100 1 Cycle 1 2 4 6 8 10 20 40 60 80 100 (JEDEC Method) Tj=Tj max
20
Single Phase 10 Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
NUMBER OF CYCLES AT 60 Hz
0 0 25 50 75 110 100 125 150 175
CASE TEMPERATURE, () F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
60
INSTANTANEOUS FORWARD CURRENT, (A)
100
40 SQUARE WAVE
DC 20
10
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
0 0 10 20 30 40 50
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of BSOZA401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X