|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MASTER INSTRUMENT CORPORATION SINGLE-PHASE BRIDGE RECTIFIER KBPC8005 THRU KBPC810 BR805 THRU BR810 FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Ideal for printed circuit board l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting: Thru hole for #6 screw, 5.0 in.-lbs torque max. l Weight:0. 20ounce, 5.62 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%. SYMBOLS VOLTAGE RANGE CURRENT 50 to 1000 Volts 8.0 Amperes 0.52( 13.2) 0.48( 12.2) 0.07( 1.8) x45 + AC 0.52( 13.2) 0.48( 12.2) AC 0.77( 19.6) 0.73( 18.5) 0.16( 4.1) 0.14( 3.6) DIA 0.77( 19.6) 0.73( 18.5) 0.30( 7.6) 0.25( 6.4) 0.85( 21.6) MIN 0.75( 19.0) MIN 0.08( 2.0) MIN 0.052( 1.3) DIA. 0.048( 1.2) TYP. Dimensions in inches and (millimeters) BR805 BR81 BR82 BR84 BR86 KBPC8005 KBPC801 KBPC802 KBPC804 KBPC806 BR88 BR810 KBPC808 KBPC810 UNITS Volts Volts Volts Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage TC=50(Note1) Maximum Average Forward Rectified Output Current, at TC=100(Note1) TA=50(Note2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 4.0A Maximum DC Reverse Current at rated TA=25 oC DC blocking voltage TA=150o C Isolation Voltage from case to leads Typical Thermal Resistance (Note 1) Operating Temperature Range Storage Temperature Range VRRM VRMS VDC 50 35 50 100 70 100 200 140 200 400 280 400 8.0 600 420 600 800 560 800 1000 700 1000 I(AV) 6.0 6.0 Amps IFSM I2T VF IR VISO RJC TJ TSTG 125 64 1.1 5.0 1.0 2500 6.0 -55 to +150 -55 to +150 Amps A2S Volts Amps mAmps VAC /W NOTES: 1. Unit mounted on 8.7"x8.7"x0.24" thick (22x22x0.6 cm) Al. plate. 2. Unit mounted on P.C.B at 0.375" (9.5mm) lead length with 0.47"x0.47" (12x12mm) copper pads. Web Site: WWW.PS-PFS.COM 1/2 MASTER INSTRUMENT CORPORATION SINGLE-PHASE BRIDGE RECTIFIER KBPC8005 THRU KBPC810 BR805 THRU BR810 VOLTAGE RANGE CURRENT 50 to 1000 Volts 8.0 Amperes Web Site: WWW.PS-PFS.COM 2/2 |
Price & Availability of BR81 |