Part Number Hot Search : 
78L008AP MPC74 PC3Q67Q XR3403 3606VMJ ON0962 20800SAE 6472A
Product Description
Full Text Search
 

To Download BR150005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR1500 - BR1510
PRV : 50 - 1000 Volts Io : 15 Amperes
FEATURES :
* * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop
SILICON BRIDGE RECTIFIERS
BR50
0.728(18.50) 0.688(17.40)
0.570(14.50) 0.530(13.40)
0.685(16.70) 1.130(28.70) 0.618(15.70) 1.120(28.40)
* Pb / RoHS Free
0.658(16.70) 0.618(15.70) 0.032(0.81) 0.028(0.71)
0.210(5.30) 0.200(5.10) 0.252(6.40) 0.248(6.30) 0.100(2.50) 0.090(2.30) 0.905(23.0) 0.826(21.0)
MECHANICAL DATA :
* Case : Molded plastic with heatsink integrally mounted in the bridge encapsulation * Epoxy : UL94V-O rate flame retardant * Terminals : plated .25" (6.35 mm). Faston * Polarity : Polarity symbols marked on case * Mounting position : Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency. * Weight : 16.62 grams
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
0.310(7.87) 0.280(7.11)
Metal Heatsink
Dimensions in inches and ( millimeters )
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Current Tc = 55C Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Current Squared Time at t < 8.3 ms. Maximum Forward Voltage per Diode at IF = 7.5 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range Notes : Ta = 25 C Ta = 100 C
SYMBOL
BR1500 BR1501 BR1502 BR1504 BR1506 BR1508 BR1510 50 35 50 100 70 100 200 140 200 400 280 400 15 300 375 1.1 10 200 1.9 - 40 to + 150 - 40 to + 150 600 420 600 800 560 800 1000 700 1000
UNIT V V V A A AS V A A C/W C C
2
VRRM VRMS VDC IF(AV) IFSM It VF IR IR(H) RJC TJ TSTG
2
1. Thermal Resistance from junction to case with units mounted on a 5" x 4" x 3" (12.7cm.x 10.2cm.x 7.3cm.) Al.-Finned Plate
Page 1 of 2
Rev. 02 : March 24, 2005
RATING AND CHARACTERISTIC CURVES ( BR1500 - BR1510 )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
18 HEAT-SINK MOUNTING, Tc 5" x 4" x 3" THK. (12.7cm x 12.7cm x 7.3cm ) Al.-Finned plate
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
300
15
PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT AMPERES
250
12
200
TJ = 50 C
9
150
6
100
3
50
8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD
0
0
25
50
75
100
125
150
175
0 1 2 4 6 10 20 40 60 100
CASE TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES PER DIODE
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER DIODE
10
TJ = 100 C
FORWARD CURRENT, AMPERES
10
1.0
Pulse W idth = 300 s 1 % Duty Cycle 1.0
0.1
TJ = 25 C
TJ = 25 C
0.1
0.01
0
20
40
60
80
100
120
140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 24, 2005


▲Up To Search▲   

 
Price & Availability of BR150005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X