Part Number Hot Search : 
C5V6L D1200 BP201G APA3010 83C58 TD204528 G5015E RE1202
Product Description
Full Text Search
 

To Download BAT16507 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAT165...
Medium Power AF Schottky Diode * Forward current: 750 mA Reverse voltage: 40 V * For low-loss, fast-recovery, meter protection, bias isolation and clamping applications * Pb-free (RoHS compliant) package 1) * Qualified according AEC Q101
BAT165
ESD (Electrostatic discharge) sensitive device, observe handling precaution! Type BAT165 Parameter Diode reverse voltage2) Forward current 2) Package SOD323 Configuration single Symbol VR IF Value 40 750 500 2.5 600 150 -65 ... 150 Marking C/White Unit V mA mA A mW C
Maximum Ratings at TA = 25C, unless otherwise specified
Average rectified forward current (50/60Hz, sinus) I FAV Non-repetitive peak surge forward current I FSM (t 10ms) Total power dissipation TS 93C Junction temperature Storage temperature Thermal Resistance Parameter Junction - soldering point 3)
1Pb-containing 2For 3For
Ptot Tj T stg Symbol RthJS
Value 95
Unit K/W
package may be available upon special request TA > 25C the derating of VR and IF has to be considered. Please refer to the atteched curves. calculation of RthJA please refer to Application Note Thermal Resistance
1
2007-04-19
BAT165...
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values min. typ. max. DC Characteristics Reverse current1) IR VR = 30 V VR = 40 V VR = 40 V, TA = 65 C Forward voltage IF = 10 mA IF = 100 mA IF = 250 mA IF = 750 mA VF 0.23 0.32 0.35 0.44 0.315 0.39 0.44 0.58 0.4 0.47 0.54 0.74 12 50 900 V
Unit
A
AC Characteristics Diode capacitance VR = 10 V, f = 1 MHz
1Pulsed
CT
-
8.4
12
pF
test: tp = 300 s; D = 0.01
2
2007-04-19
BAT165...
Diode capacitance CT = (VR) f = 1MHz Reverse current IR = (TA) VR = Parameter
10 -2
A
40
pF
34 30
10 -3
CT
IR
26
10 -4
22 10 -5 18
14
10 -6
40 V 30 V 20 V 10 V 5V
10 6 0 10 -7 20
2
4
6
8
10
12
V
15
40
60
80
100
C
130
VR
TA
Reverse current IR = (VR) TA = Parameter
10 -2 A
Forward current IF = (VF) TA = Parameter
10 0
A
10 -3
TA = 125C
10 -1
10 -4
IR
IF
TA = 85C
10 -2
10 -5 10 -3 10 -6
TA = 25C
TA= -40 C = -20 =0 = 25 = 45 = 65 = 85
10 -7
10 -4
10 -8 0
5
10
15
20
25
30
V
40
10 -5 0
0.1
0.2
0.3
0.4
0.5
0.6
V
0.8
VR
VF
3
2007-04-19
BAT165...
Permissible Reverse voltage V R = (TA) tp = Parameter, Duty cycle < 0.01
Device mounted on PCB with Rth = 160 k/W
50
V DC 100ms 300s mA
Forward current IF = (T S)
1000
40
V Rmax
35 30 25 20 15 250 10 5 0 0 0 0
IF
500 120 C
20
40
60
80
100
150
15
30
45
60
75
90 105 120 C
150
TA
TS
Permissible Puls Load R thJS = (tp)
Permissible Pulse Load IFmax / I FDC = (t p)
10 2
10 2
10 1
IFmax/IFDC
-
RthJS
10 0
D = 0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
10 1
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 -1 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -7 10
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
4
2007-04-19
Package SOD323
BAT165...
Package Outline
0.9 +0.2 -0.1
+0.2 1.25 -0.1
0 0.05 A
1.7 +0.2 -0.1
+0.05 0.3 -0.2
2 Cathode marking 1 0.3 +0.1 -0.05 0.25 M A
0.45 0.15 2.5 0.2
0.15 +0.1 -0.06
Foot Print
0.6
Marking Layout (Example)
0.8
1.7
0.8
BAR63-03W Type code Cathode marking Laser marking
Standard Packing
Reel o180 mm = 3.000 Pieces/Reel Reel o330 mm = 10.000 Pieces/Reel
4
0.2
2 2.9 8
Cathode marking
0.65 1.35
1
5
2007-04-19
BAT165...
Edition 2006-02-01 Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2007. All Rights Reserved.
Attention please! The information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office ( www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
6
2007-04-19


▲Up To Search▲   

 
Price & Availability of BAT16507

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X