Part Number Hot Search : 
TSL4531 MC7806 1N914A TOSW230 100ML H40RF60 LA4590W 20EIB
Product Description
Full Text Search
 

To Download ACZ1610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 date 04/2010 page 1 of 3
SERIES:
ACZ16
DESCRIPTION:
mechanical incremental encoder
ELECTRICAL SPECIFICATIONS
parameter output waveform output signals current consumption output phase difference supply voltage output resolution insulation resistance withstand voltage conditions/description square wave A, B phase 0.5 mA T1, T2, T3, T4 3.5 ms @ 60 rpm (see output waveform) 5 V dc max. 12, 24 ppr 50 V dc, 100 M 50 V ac
MECHANICAL SPECIFICATIONS
parameter shaft load rotational torque rotational life conditions/description axial with detent click without detent click 50 90 min nom max 7 130 210 100,000 units kgf gf*cm gf*cm cycles
ENVIRONMENTAL SPECIFICATIONS
parameter operating temperature storage temperature humidity vibration 0.75 mm max. travel for 2 hours conditions/description min -10 -40 85 10 55 nom max 65 75 units C C % RH Hz
PART NUMBER KEY ACZ16 X BR X E- XX XX X1- XXX
Version: "blank" = switch N = no switch Bushing: 1 = M9 x 0.75 (H = 5) 2 = M9 x 0.75 (H = 7) 4 = smooth (H = 5) 5 = smooth (H = 7) Resolution (ppr): 12 = 12 ppr, no detent 12C = 12 ppr, 12 detent 24 = 24 ppr, no detent 24C = 24 ppr, 24 detent
Shaft length: 15, 20, 25 Mounting orientation: A = Horizontal D = Vertical
Shaft type: KQ, F
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
date 04/2010 page 2 of 3
SERIES:
ACZ16
DESCRIPTION:
mechanical incremental encoder
SHAFT OPTIONS
KQ type F type
BUSHING Condition H 1 M9-P0.75 5 2 M9-P0.75 7
H=5
15KQ 20KQ 25KQ L 15 20 25 I 7 12 12
H=5
L F 15F 20F 25F 15 20 25 8 10 12 15F 20F 25F 15 20 25 8 10 12
H=7
15KQ 20KQ 25KQ L 15 20 25 I 7 12 12
H=7
L F
OUTPUT WAVEFORM
CH A CH B
(Pins B & C)
DETENT POSITIONS
Model 12C & 24C
(Pins A & C)
(Pins A & C)
OFF
ON
OFF
CH A
OFF
ON
OFF
OFF
ON
OFF
CH B
(Pins B & C) OFF ON OFF
T1 T2 T3 T4 CW direction (@ 60 rpm)
SLIDING NOISE
t = Masking time to avoid chatter (5mS) V1 = V2 = 1V max.
t t V1
SUGGESTED FILTER
5V
V2
Encoder
ON OFF ON Sliding Direction
Tested at 60 rpm
Scope
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com
date 04/2010 page 3 of 3
SERIES:
ACZ16
DESCRIPTION:
mechanical incremental encoder
MECHANICAL DRAWING (horizontal)
PCB LAYOUT
MECHANICAL DRAWING (vertical)
PCB LAYOUT
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.cui.com


▲Up To Search▲   

 
Price & Availability of ACZ1610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X