Part Number Hot Search : 
BD3537F 157M0 0TRPB HER604 C1327 1N629 2SD2553 25SVP33M
Product Description
Full Text Search
 

To Download A-LED8-1RBAS-MR7-1-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Liquid Glue
O-Ring
Shrink Tube
Shrink Tube
Material: * Waterproof Rate: IP67 * LED Holder: Brass, Nickel plating * LED: o5MM, Red * Lense Color: Water Clear * Forward Voltage: Red Typ. 2.2V/Max.2.4V * Forward Current: Red Max. 30mA * Luminous Intensity: Red Typ.5,000(Mcd) * Reverse Voltage: 5V DC * Gasket: EPDM, Black * Screw Nut: Brass, Nickel plating * Operating Temperature: -40C~+80C * For Panel Thickness 6.5MM Max.
LED Assembly Recommended Panel Cut-Out Nut
Quality Control: Important Dimension to check Unit: MM0.25MM
= Assmann logo
ITEM NO. TITLE
RoHS
Compliant
A-LED8-1RBAS-MR7-1-R
Waterproof LED - Red color, M8 size connector,
o5MM, Metal housing, Solder pins, IP67 unmated
1840 W. Drake Drive, Suite 101 * Tempe, AZ 85283 Toll Free: 1-877-277-6266 * Email: info@usa-assmann.com
THIS DRAWING IS UNPUBLISHED (c)Copyright 2010 by Assmann Electronic Components All International Rights Reserved
Electronics, Inc.
ASSMANN


▲Up To Search▲   

 
Price & Availability of A-LED8-1RBAS-MR7-1-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X