|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: Documents: 3D Model Drawing (PDF) 0901600164 Active cgrid_iii 2.54mm (.100") Pitch C-Grid IIITM Crimp Housing - Dual Row, 64 Circuits RoHS Certificate of Compliance (PDF) General Product Family Series Overview Product Name Crimp Housings 90160 cgrid_iii C-Grid IIITM Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Breakaway Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Temperature Range - Operating No 64 Black Female No PPO 2 Bag No 0.100 In 2.54 mm -55C to +105C Material Info Reference - Drawing Numbers Sales Drawing SD-90160 Search Parts in this Series 90160Series Mates With 90663 , 90635 Use With 90119 This document was generated on 06/02/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 90160-0164 |