Part Number Hot Search : 
JANTX1N WM2625 1N4982D 60204 CS8430 SP707EU 030000 6204A12
Product Description
Full Text Search
 

To Download 74VHCT16374A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHCT16374A
16-BIT D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING
s
s
s
s s
s
s
s
s s
HIGH SPEED: fMAX = 185 MHz (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA=25C COMPATIBLE WITH TTL OUTPUTS: VIH =2V (MIN.) VIL = 0.8 (MAX.) POWER DOWN PROTECTION ON INPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 4.5V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 16374 IMPROVED LATCH-UP IMMUNITY LOW NOISE: VOLP = 0.9V (MAX.)
TSSOP
ORDER CODES
PACKAGE TSSOP TUBE
T&R
PIN CONNECTION
bs O
DESCRIPTION The 74VHCT16374A is an advanced high-speed CMOS 16 D-TYPE FLIP FLOP with 3 STATE OUTPUTS NON INVERTING fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. These 16 bit D-TYPE flip-flop is controlled by two clock inputs (CK) and two output enable inputs (nOE). The device can be used as two 8-bit flip-flops or one 16-bit flip-flop. On the positive transition of the clock, the Q outputs will be set to the logic state that were setup at the D inputs. While the (OE) input is low, the outputs will be in a normal logic state (high or low logic level); while OE is high, the outputs will be in a high impedance state. The output control does not affect the internal operation of flip-flops; that is, the old data can be retained or the new data can be entered even while the outputs are off. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
74VHCT16374ATTR
s) t(
February 2003
1/10
74VHCT16374A
INPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
PIN No 1 2, 3, 5, 6, 8, 9, 11, 12 13, 14, 16, 17, 19, 20, 22, 23 24 SYMBOL 1OE 1Q0 to 1Q7 2Q0 to 2Q7 2OE NAME AND FUNCTION 3 State Output Enable Input (Active LOW) 3-State Outputs 3-State Outputs
IEC LOGIC SYMBOLS
3 State Output Enable Input (Active LOW) 25 2CK Clock Input (LOW-to-HIGH Edge Trigger) 36, 35, 33, 32, 2D0 to 2D7 Data Inputs 30, 29, 27, 26 47, 46, 44, 43, 1D0 to 1D7 Data Inputs 41, 40, 38, 37 48 1CK Clock Input (LOW-to-HIGH Edge Trigger) 4, 10, 15, 21, GND Ground (0V) 28, 34, 39, 45 7, 18, 31, 42 VCC Positive Supply Voltage
TRUTH TABLE
INPUTS OE
O
bs
L L L
H
let o
CK X
Pr e
du o
D X X L H
(s) ct
Q Z
so Ob -
te le
ro P
uc d
s) t(
OUTPUTS
NO CHANGE L H
X : Don't Care Z : High Impedance
2/10
74VHCT16374A
LOGIC DIAGRAM
This logic diagram has not to be used to estimate propagation delays
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO IIK IOK IO Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Parameter
ICC or IGND DC VCC or Ground Current Tstg Storage Temperature TL Lead Temperature (10 sec)
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
RECOMMENDED OPERATING CONDITIONS
Symbol
bs O
VI
VCC VO
let o
Supply Voltage Input Voltage Output Voltage
ro P e
uc d
(s) t
Ob -
so
te le
ro P
Value
uc d
s) t(
Unit V V V mA mA mA mA C C
-0.5 to +7.0 -0.5 to +7.0
-0.5 to VCC + 0.5 - 20 20 25 75 -65 to +150 300
Parameter
Value 4.5 to 5.5 0 to 5.5 0 to VCC -55 to 125 0 to 20
Unit V V V C ns/V
Top
Operating Temperature Input Rise and Fall Time (note 1) (Vcc= 5.00.5V)
dt/dv
1) VIN from 0.8V to 2.0V
3/10
74VHCT16374A
DC SPECIFICATIONS
Test Condition Symbol Parameter VCC (V) 4.5 to 5.5 4.5 to 5.5 4.5 4.5 4.5 4.5 5.5 0 to 5.5 5.5 IO=-50 A IO=-8 mA IO=50 A IO=8 mA VI = VIH or VIL VO = VCC or GND VI = 5.5V or GND VI = VCC or GND TA = 25C Min. 2 0.8 4.4 3.94 0.0 0.1 0.36 0.25 0.1 4 4.5 4.4 3.8 0.1 0.44 2.5 1 40 Typ. Max. Value -40 to 85C Min. 2 0.8 4.4 3.7 0.1 0.55 2.5 1 40 Max. -55 to 125C Min. 2 0.8 Max. V V V V A A A Unit
VIH VIL VOH VOL IOZ
High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage High Impedance Output Leakage Current Input Leakage Current Quiescent Supply Current
II ICC
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 5.0(*) 5.0(*) 5.0(*) 5.0
(*)
CL (pF) 15 50 15 50 50
TA = 25C
tPLH tPHL tPZL tPZH tPLZ tPHZ tw ts th
Propagation Delay Time CK to Q Output Enable Time Output Disable Time
O
bs
fMAX
let o
Clock Pulse Width HIGH or LOW Setup Time D to CK HIGH or LOW Hold Time D to CK HIGH or LOW Maximum Clock Frequency Output to Output Skew time (note 1)
od Pr e
5.0
5.0(*) 5.0(*) 5.0(*) 5.0(*) 5.0(*)
(*)
ct u
15 50 50
(s)
RL = 1K RL = 1K
Ob 6.5 2.5 2.5 90 85
Min.
so
5.6 6.4 6.2 7.3 7.0
Typ.
eP let
Value Max. 9.4 10.4 10.2 11.2 11.2 Min. 1.0 1.0 1.0 1.0 1.0 6.5 2.5 2.5
od r
Max. 10.5 11.5 11.5 12.5 12.0
uc
s) t(
-40 to 85C
-55 to 125C Min. 1.0 1.0 1.0 1.0 1.0 6.5 2.5 2.5 80 75 Max. 10.5 11.5 11.5 12.5 12.0
Unit
ns
ns ns ns ns ns MHz
140 130 1.0
110 75 1.0
tOSLH tOSHL
5.0(*)
1.0
ns
(*) Voltage range is 5.0V 0.5V (Note 1 : Parameter guaranteed by design. tsoLH = |tpLHm - tpLHn|, tsoHL = |tpHLm - tpHLn|
4/10
74VHCT16374A
CAPACITIVE CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) TA = 25C Min. Typ. 4 6 5.0 fIN = 10MHz 21 Max. 10 Value -40 to 85C Min. Max. 10 -55 to 125C Min. Max. 10 pF pF pF Unit
CIN COUT CPD
Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1)
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per Latch)
DYNAMIC SWITCHING CHARACTERISTICS
Test Condition Symbol Parameter VCC (V) 5.0 TA = 25C Min. Typ. 0.6 -0.9 CL = 50 pF 3.5 -0.6 Max. 0.9 Value -40 to 85C Min.
Max.
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
5.0
5.0
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (V ILD), 0V to threshold (VIHD), f=1MHz.
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
1.5
ro P
uc d
Min.
-55 to 125C Max.
s) t(
Unit
V
V
V
5/10
74VHCT16374A
TEST CIRCUIT
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
CL = 15/50 pF or equivalent (includes jig and probe capacitance) RL = R1 = 1K or equivalent RT = ZOUT of pulse generator (typically 50)
WAVEFORM 1 : PROPAGATION DELAYS, SETUP AND HOLD TIMES, MAXIMUM CLOCK FREQUENCY (f=1MHz; 50% duty cycle)
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
Open VCC GND
SWITCH
s) t(
6/10
74VHCT16374A
WAVEFORM 2: OUTPUT ENABLE AND DISABLE TIME (f=1MHz; 50% duty cycle)
WAVEFORM 3 : CLOCK PULSE WIDTH (f=1MHz; 50% duty cycle)
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
7/10
74VHCT16374A
TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.50 6.0 0.5 BSC 8 0.17 0.09 12.4 8.1 BSC 6.2 0.236 0.05 0.9 0.27 0.20 12.6 0.0067 0.0035 0.488 0.318 BSC TYP MAX. 1.2 0.15 0.002 0.035 0.011 0.0079 MIN. TYP. MAX. 0.047 0.006 inch
A
A2 A1 b
bs O
let o
ro P e
du
(s) ct
e D
so Ob c
0.75
te le
0 0.020
ro P
0.0197 BSC
uc d
s) t(
0.496 0.244 8 0.030
K
L E
E1
PIN 1 IDENTIFICATION
1
7065588C
8/10
74VHCT16374A
Tape & Reel TSSOP48 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 8.7 13.1 1.5 3.9 11.9 12.8 20.2 60 30.4 8.9 13.3 1.7 4.1 12.1 0.343 0.516 0.059 0.153 0.468 TYP MAX. 330 13.2 0.504 0.795 2.362 1.197 0.350 MIN. TYP. MAX. 12.992 0.519 inch
bs O
let o
Pr e
du o
(s) ct
so Ob -
eP let
ro
uc d
s) t(
0.524 0.067 0.161 0.476
9/10
74VHCT16374A
bs O
let o
Pr e
du o
(s) ct
so Ob -
te le
ro P
uc d
s) t(
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
10/10


▲Up To Search▲   

 
Price & Availability of 74VHCT16374A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X