Part Number Hot Search : 
12VDC 5KE10A 2SC4791 CWTF2 11004 CWTF2 FDLL923 BG12864E
Product Description
Full Text Search
 

To Download 73810-1203 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0738101203 Active
hdm 2.00mm (.079") Pitch HDM(R) Board-to-Board Midplane Header, Vertical SMC, PressFit, Double End Option, Slide On Housing, 144 Circuits
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series LR19980 E29179 image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA UL
General
Product Family Series Application Comments Component Type Overview Product Name Style Backplane Connectors 73810 Midplane Polar/Guide Version PCB Header hdm HDM(R) N/A
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Guide to Mating Part Keying to Mating Part Material - Metal Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Surface Mount Compatible (SMC) Temperature Range - Operating N/A 144 Black 250 No 94V-0 Yes Yes Stainless Steel High Temperature Thermoplastic 24 Open Pin Field 6 Vertical 0.000 In 0.00 mm No None Tube 0.079 In 2.00 mm N/A Yes -55C to +105C
Search Parts in this Series 73810Series Mates With 73632 HDM PLUS(R) Board-to-Board Daughtercard Receptacle. 73780 HDM(R) Board-to-Board Daughtercard Receptacle
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Voltage - Maximum 1A 1.0 Gbps 0 250V AC
Material Info
Reference - Drawing Numbers
Sales Drawing SD-73810-001 HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 73810-1203

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X