Part Number Hot Search : 
010NR 07401 AD5764 AG668FT DH072604 NPT2021 TPS20 AN17830
Product Description
Full Text Search
 

To Download 5016164585 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
5016164585 Active
0.30mm (.012") Pitch Easy-OnTM Type FPC Connector, 1.10mm (.043") Mated Height, Right Angle, SMT, ZIF, Top Contact Style, 45 Circuits, Lead-free
Documents: 3D Model Drawing (PDF)
Product Specification PS-501616-003 (PDF) RoHS Certificate of Compliance (PDF) Series FFC/FPC Connectors 501616 Easy-OnTM image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Product Name
Physical
Circuits (Loaded) Color - Resin Contact Position Durability (mating cycles max) Entry Angle Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style Wire/Cable Type 45 Black, Gray Top 10 90 Angle 0.043 In 1.10 mm Copper Alloy Gold 1 Right Angle No Yes Embossed Tape on Reel 0.012 In 0.30 mm Yes No -40C to +85C Surface Mount FPC only
Search Parts in this Series 501616Series
Electrical
Current - Maximum per Contact Voltage - Maximum 0.2A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-501616-003, RPS-501616-004, RPS-501616-008, RPS-501616-009 SD-501616-007, SD-501616-008
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 5016164585

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X