Part Number Hot Search : 
3638A DL4745A C1008 LC74411 MUR824 MSK186 CPZRL7 10NB60SD
Product Description
Full Text Search
 

To Download 47642-0011 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0476420011 Active
micro_usb 0.65mm (.026") Pitch Micro-USB B Receptacle, Mid-Mount, SMT, with Through Hole Solder Tab, Gold (Au) Flash Plating, with Mylar, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-47642-001 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only I/O Connectors 47642 Wire-to-Board Mid Mount Type Receptacle micro_usb Micro-USB B EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Type
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof N/A 5 5 Black Male Yes Yes Copper Alloy Gold Gold High Temperature Thermoplastic 1 Right Angle No Yes Embossed Tape on Reel No 0.026 In 0.65 mm 0.026 In 0.65 mm 2 0.05 2 0.05 Yes Yes 1 Yes -20C to +85C Surface Mount No
Search Parts in this Series 47642Series Mates With 68784 Micro-USB Cable Plugs
Electrical
Current - Maximum per Contact 1.8A, 1A
Grounding to Panel Shield Type Shielded Voltage - Maximum
Yes Full Shield Yes 100V AC (RMS)
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 3 Reflow Capable (SMT only) 1 255
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-47642-001 PS-47642-001 SD-47642-001
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 47642-0011

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X