Part Number Hot Search : 
502A0 7P1002 2H143 BCP52TC 51006 1N5229 1N829 SA130CA
Product Description
Full Text Search
 

To Download 40ST1092 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40 PIN SMD ETHERNET 10/100 BASE QUAD PORT TRANSFORMER PN/:40ST1092 DATA SHEET APPLY TO KENDIN
A.GENERAL SPECIFICATIONS 1.IEEE 802.3 ETHERNET COMPATIABLE, 100 BASE-TX 2.SURFACE MOUNTABLE 3.DESIGN FOR MULTIPORT REPEATER AND ETHERNET SWITCHING HUB APPLICATION 4.CUSTOMER DESIGNS AVAILABLE FOR SPECIFIC APPLICATION B.ELECTRICAL SPECIFICATIONS@25C 1.ISOLATION HI-POT: 1500 VRMS (PRI./SEC.) 2.TURN RATIO ( 5%): TX=1.41CT: 1CT, RX=1:1 3.RISE TIME: 0.25 ns TYP 4.CW/W: 25pF MAX 5.LEAKAGE INDUCTANCE: TX=0.45uH Max 6.PRIMARY INDUCTANCE Lp: 350uH min @100KHZ/100mVrms 8mA DC 7.CMRR (0.1-100 MHZ): -40dBMin 8.CROSSTALKS (0.1 TO 100MHZ): -38dB Min 9.RETURN LOSS: 5-30 MHz 30-60 MHz 60- 80 MHz -16dB -12dB -10 dB (Min) 10.OCL (uH,Min):350 uH, at 8mA/dc FROM 0-70C 11.DCR: 0.9 Max 12.INSERTION LOSS (1-100 MHz) MAX:-1.1 dB C.SCHEMATIC & DIMENSIONS & MARKING (UNIT mm):


▲Up To Search▲   

 
Price & Availability of 40ST1092

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X