Part Number Hot Search : 
BUL216 20301 9010A 20CTR DTQ14U C2328 OP265C BCR16HM
Product Description
Full Text Search
 

To Download 34140117XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Non resettable fuses
USF 0402
www.schurter.com/pg0_2
Surface Mount Fuse, 1.05 x 0.55 mm, Super-Quick-Acting FF, 32 VDC
UL 248-14 * 32 VDC * Super-Quick-Acting FF
Description Standards Approvals
-ULcharacteristic -LowmeltingIt-values,fastinterruption -UL248-14 -CSAC22.2no.248.14 -ULFileNumber:E41599
Applications
-SecondaryProtectionDCandAC -Circuitswithoutinrush -SemiconductorProtection -DigitalConsumerElectronics GeneralProductInformation PackagingDetails
References Weblinks
Approvals,RoHS,CHINA-RoHS,e-Store,Distributor-Stock-Check, Accessories,ProductChangeNotification(PCN)
Technical Data
RatedVoltage RatedCurrent BreakingCapacity Characteristic Mounting AdmissibleAmbientAirTemp. ClimaticCategory Material:Housing Material:Terminals UnitWeight StorageConditions ProductMarking 24-32VDC 0.375-5A 35A Super-Quick-ActingFF PCB,SMT -55Cto125C 55/125/21acc.toIEC60068-1 Thermoset Gold-PlatedCopperAlloy 0.004g 0Cto60C,max.70%r.h. Letter(seevariants) 1.05mm SolderingMethods Solderability ResistancetoSolderingHeat Flammability Reflow 245C/3secacc.toIEC60068-2-58, TestTd 260+0/-5C/30secacc.toIPC/JEDECJ-STD-020D,1cycle min.UL94V-1 (acc.toEIA/IS-722,Test4.12)
Dimensions
1.05 0.475
0.55 0.15
0.584 0.558 0.381
0.8 0.4 0.3 0.53
Solderingpads
Pre-Arcing Time
Rated Current In 0.375A-5A .0 x In min 4h 2.0 x In max 5s
Fuses
USF 0402
www.schurter.com/pg0_2 Variants
Rated Current [A] Rated Voltage [VDC] Marking Breaking Capacity Voltage Drop .0 In max. [mV] 90 90 90 90 90 90 90 90 90 90 Voltage Drop .0 In typ. [mV] 70 67 63 63 62 58 59 52 60 52 Cold Resistance typ. [m] 173 124 78 57 37 26 21 17 13 10 Melting It 8.0 In typ. [As]
Non resettable fuses
Order Number
0.375 0.5 0.75 1 1.5 2 2.5 3 4 5 1)35A@32VDC 2)35A@24VDC
32 32 32 32 32 32 32 32 32 24
E F G H K N O P S T
1) 1) 1) 1) 1) 1) 1) 1) 1) 2)
0.003 0.004 0.009 0.016 0.029 0.044 0.06 0.098 0.113 0.288
l l l l l l l l l l
l l l l l l l l l l
3414.0112.xx 3414.0113.xx 3414.0114.xx 3414.0115.xx 3414.0117.xx 3414.0119.xx 3414.0120.xx 3414.0121.xx 3414.0123.xx 3414.0124.xx
Packaging Unit
.xx=.11BlisterTape(100pcs.) .xx=.22BlisterTape18cmReel(1000pcs.) .xx=.24BlisterTape18cmReel(5000pcs.) .xx=.26BlisterTape33cmReel(15000pcs.)
Time-Current-Curves
10000
1000
375 mA 500 mA
100
750 mA 1A 1.5 A
10
2A 2.5 A 3A
TimeinSeconds
1
4A 5A
0.1
0.01
0.001
0.0001 0.1 1 10 100
CurrentinAmperes
2
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon Fuses currentinformation.Allcontentissubjecttomodificationsandamendments.


▲Up To Search▲   

 
Price & Availability of 34140117XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X