Part Number Hot Search : 
SMBJ400A 20ETTTS FN1189 2SA1416 C2000 ISL6528 76MHZ 4731BDM
Product Description
Full Text Search
 

To Download 3366 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Cord Sets www.schurter.com/pg07_2 Power Cord with IEC Connector C15, Straight, 120C
3366
Description Approvals
Power Supply Cord / Interconnection Cord, Protection class I, Pin temperature 120 C, Cable - VDE License Number: 55731
References Weblinks
General Product Information Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store, Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC Ratings UL/CSA Dielectric Strength 10 A / 250 VAC; 50 Hz 15 A / 250 VAC; 60 Hz > 2 kVDC between L-N > 2 kVAC between L/N-PE (1 min/50 Hz) -25 C to 70 C from front side IP 20 acc. to IEC 60529 Suitable for appliances with protection class 1 acc. to IEC 61140 moulded PVC, black or grey 25.8 mm Connector C15 acc. to IEC/EN 60320-2-2 UL 498, CSA C22.2 no. 42 (For hot conditions) pin-temperature 120 C, 10 A, Protection Class 1
Allowable Operation Temp. Degree of Protection Protection Class Terminal Material: Housing
Dimensions
20.5
70
25.8
Connectors
3366
www.schurter.com/pg07_2 Config. Code Type|-|R|-|3366|-|D|-|Length|
The characters are placeholders for the correspondingly keys of selections from the key tables. Typ is placed for the connector type on the second end, length is the cord length in mm.
Cord Sets
Product Configurator
Type |-|R|-|3366|-|D|-|Length| = Cord end 2
Cord end 2 zzzz,2343,422U,4310,4321,4370
Type|-|R|-|3366|-| D |-|Length| = Color
Color jetblack;RAL9005 standard color: black Configuration key H XXX Configuration key A
Type|-| R |-|3366|-|D|-|Length| = cord type
cord type H05RR-F3G0,75mm2 Cord definition is detailed in general product information
Type|-|R|-|3366|-|D|-| Length | = Cord length
Cord length 000500,001000,001500,002000,002500,003000,005000 Cord length in mm
Mating Inlets/Plugs
Category / Description ApplianceInletOverviewcomplete IECApplianceInletC16,Screw-onMounting,FrontSide,Quick-connectorScrew-onTerminal IECApplianceInletC16,Screw-onMounting,FrontSide,Quick-connectorScrew-onTerminal IECApplianceInletC16,Screw-onMounting,FrontorRearSide,Quick-connectorScrew-onTerminal IECApplianceInletC16,Screw-onMounting,FrontSide,Screw-onTerminal IECApplianceInletC16,Snap-inMounting,FrontSide,Quick-connectTerminal ApplianceInletfurthertypesto3366 DistributionUnitOverviewcomplete DistributionUnitforSnap-inMountingwith1IECApplianceInletC14and1ApplianceOutletF DistributionUnitwith1IECApplianceInletC14orPowerCord,4IECApplianceOutletsFandExtraComponents DistributionUnitwith1IECApplianceInletC14and2ApplianceOutletsF,Shuttered DistributionUnitwith1IECApplianceInletC14and4ApplianceOutletsF DistributionUnitfurthertypesto3366 InterconnectionCordOverviewcomplete InterconnectionCordwithIECPlugE,Angled InterconnectionCordwithIECPlugE,Angled InterconnectionCordwithIECPlugE,Straight InterconnectionCordwithIECPlugG,Angled InterconnectionCordwithIECPlugG,Angled InterconnectionCordfurthertypesto3366 PlugOverviewcomplete IECPlugE,CordConnector(Rewireable),Straight,max.cableDiameter8.5mm IECPlugE,CordConnector(Rewireable),Angled,max.CableDiameter10mm IECPlugE,CordConnector(Rewireable),Straight,max.CableDiameter10mm IECPlugE,CordConnector(Rewireable),Angled,max.CableDiameter10mm IECPlugE,CordConnector(Rewireable),Straight Plugfurthertypesto3366
0161 0161-Y 0163 0164 0165 ...
0712 4740 4741 4747
0607 0608 0609 607B 608B ...
4732 4733 4735 4736 9009 ...
2
Connectors
Cord Sets www.schurter.com/pg07_2
3366
Category / Description PowerEntryModuleOverviewcomplete IECApplianceInletC14orC18withFuseholder1-pole IECApplianceInletC14orC18withFuseholder1-or2-pole IECApplianceInletC18withFuseholder1-pole IECApplianceInletC18withFuseholder1-or2-pole IECApplianceInletC14withFuseholder1-or2-pole PowerEntryModulefurthertypesto3366 PowerEntryModulewithlinefilterOverviewcomplete IECApplianceInletC14withFilter IECApplianceInletC14withFilter,CircuitBreakerTA45 IECApplianceInletC14withFilter,Fuseholder1-pole IECApplianceInletC14withFilter,Fuseholder1-or2-pole IECApplianceInletC14withFilter,Fuseholder2-pole PowerEntryModulewithlinefilterfurthertypesto3366
1062 1064 1065 1066 1092 ...
5110 5145 5200 5220 8843-8 ...
The specifications, descriptions and illustrations indicated in this document are based on Connectors current information. All content is subject to modifications and amendments.
3


▲Up To Search▲   

 
Price & Availability of 3366

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X