Part Number Hot Search : 
KRX101 119111P ZD07V5 74LV02DB MC10E N431K MSK3015 ISF81
Product Description
Full Text Search
 

To Download 31389-1207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0313891207 Active
hdac_64_dualrow_high_density_automotive_connectors 2.54mm (.100") Pitch, 0.64mm (.025") Width H-DAC 64TM High Density Automotive Connectors, Dual Row, Female Harness Assembly, 20 Circuits, Polarization Option 0, Gray, with Bridge
Documents: Drawing (PDF) Test Summary (PDF)
RoHS Certificate of Compliance (PDF) Series image - Reference only
General
Product Family Series Comments Overview Product Literature Order No Product Name Crimp Housings 31389 Polarization Option 0, with Bridge hdac_64_dualrow_high_density_automotive_connectors USA-287 H-DAC 64TM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (maximum) Color - Resin Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating 20 Red Female No Yes Polyester 2 Bag No 0.100 In 2.54 mm Yes No -40C to +105C
Search Parts in this Series 31389Series Mates With 30968-1***|30700-5***|30700-4*** Use With 34230 Terminal
Electrical
Current - Maximum per Contact 7A
Material Info Reference - Drawing Numbers
Sales Drawing SD-30700-120
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 31389-1207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X