|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Description: 0022280047 Active 2.54mm (.100") Pitch KK(R) Header, Breakaway, Vertical, with Friction Lock, 4 Circuits, 0.38m (15") Gold (Au) Selective Plating, with Backwalls Removed Documents: 3D Model Drawing (PDF) Packaging Specification (PDF) Product Specification PS-10-07 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Agency Certification CSA UL General Product Family Series Application Comments Product Name PCB Headers 42227 Wire-to-Board Backwalls Removed KK(R) Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Shrouded Stackable Temperature Range - Operating Termination Interface: Style Yes 4 4 Black 100 94V-0 No Yes Brass Gold Tin Nylon 1 Vertical 0.120 In 3.05 mm No None 0.062 In 1.60 mm Bag 0.100 In 2.54 mm 15 0.375 100 2.5 No No No No 0C to +75C Through Hole Search Parts in this Series 42227Series Mates With 2695 , 6471 , 7880 , 4455 , 7720 Electrical Current - Maximum per Contact Voltage - Maximum 4A 250V Solder Process Data Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 5 Wave Capable (TH only) 1 235 Material Info Old Part Number 42227-0249 Reference - Drawing Numbers Product Specification Sales Drawing PS-10-07 SD-42227-002 This document was generated on 04/12/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION A-42227-0213/0246 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-28-0206 A-42227-0230 03 22-28-0036 A-42227-0213 21 22-28-0216 A-42227-0231 04 22-28-0046 A-42227-0214 22 22-28-0226 A-42227-0232 05 22-28-0056 A-42227-0215 23 22-28-0236 A-42227-0233 06 22-28-0066 A-42227-0216 24 22-28-0246 A-42227-0234 07 22-28-0076 A-42227-0217 25 22-28-0256 A-42227-0235 08 22-28-0086 A-42227-0218 26 22-28-0266 A-42227-0236 09 22-28-0096 A-42227-0219 27 22-28-0276 A-42227-0237 10 22-28-0106 A-42227-0220 28 22-28-0286 A-42227-0238 11 22-28-0116 A-42227-0221 29 22-28-0296 A-42227-0239 12 22-28-0126 A-42227-0222 30 22-28-0306 A-42227-0240 13 22-28-0136 A-42227-0223 31 22-28-0316 A-42227-0241 14 22-28-0146 A-42227-0224 32 22-28-0326 A-42227-0242 15 22-28-0156 A-42227-0225 33 22-28-0336 A-42227-0243 16 22-28-0166 A-42227-0226 34 22-28-0346 A-42227-0244 17 22-28-0176 A-42227-0227 35 22-28-0356 A-42227-0245 18 22-28-0186 A-42227-0228 36 22-28-0366 A-42227-0246 19 22-28-0196 A-42227-0229 REV: TITLE: A-42227-0248/0281 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB208 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-28-0207 A-42227-0265 03 22-28-0037 A-42227-0248 21 22-28-0217 A-42227-0266 04 22-28-0047 A-42227-0249 22 22-28-0227 A-42227-0267 05 22-28-0057 A-42227-0250 23 22-28-0237 A-42227-0268 06 22-28-0067 A-42227-0251 24 22-28-0247 A-42227-0269 07 22-28-0077 A-42227-0252 25 22-28-0257 A-42227-0270 08 22-28-0087 A-42227-0253 26 22-28-0267 A-42227-0271 09 22-28-0097 A-42227-0254 27 22-28-0277 A-42227-0272 10 22-28-0107 A-42227-0255 28 22-28-0287 A-42227-0273 11 22-28-0117 A-42227-0256 29 22-28-0297 A-42227-0274 12 22-28-0127 A-42227-0257 30 22-28-0307 A-42227-0275 13 22-28-0137 A-42227-0258 31 22-28-0317 A-42227-0276 14 22-28-0147 A-42227-0259 32 22-28-0327 A-42227-0277 15 22-28-0157 A-42227-0260 33 22-28-0337 A-42227-0278 16 22-28-0167 A-42227-0261 34 22-28-0347 A-42227-0279 17 22-28-0177 A-42227-0262 35 22-28-0357 A-42227-0280 18 22-28-0187 A-42227-0263 36 22-28-0367 A-42227-0281 19 22-28-0197 A-42227-0264 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -2APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0283/0316 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-28-0208 A-42227-0300 03 22-28-0038 A-42227-0283 21 22-28-0218 A-42227-0301 04 22-28-0048 A-42227-0284 22 22-28-0228 A-42227-0302 05 22-28-0058 A-42227-0285 23 22-28-0238 A-42227-0303 06 22-28-0068 A-42227-0286 24 22-28-0248 A-42227-0304 07 22-28-0078 A-42227-0287 25 22-28-0258 A-42227-0305 08 22-28-0088 A-42227-0288 26 22-28-0268 A-42227-0306 09 22-28-0098 A-42227-0289 27 22-28-0278 A-42227-0307 10 22-28-0108 A-42227-0290 28 22-28-0288 A-42227-0308 11 22-28-0118 A-42227-0291 29 22-28-0298 A-42227-0309 12 22-28-0128 A-42227-0292 30 22-28-0308 A-42227-0310 13 22-28-0138 A-42227-0293 31 22-28-0318 A-42227-0311 14 22-28-0148 A-42227-0294 32 22-28-0328 A-42227-0312 15 22-28-0158 A-42227-0295 33 22-28-0338 A-42227-0313 16 22-28-0168 A-42227-0296 34 22-28-0348 A-42227-0314 17 22-28-0178 A-42227-0297 35 22-28-0358 A-42227-0315 18 22-28-0188 A-42227-0298 36 22-28-0368 A-42227-0316 19 22-28-0198 A-42227-0299 REV: TITLE: A-42227-0318/0351 HEADER NUMBER: 41411 PIN NUMBER: 42663-BAA154 PIN LENGTH: L .555/14.10 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .135/3.43 TIN: T OVERALL CKTS: 3-36 KINKS: YES REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-28-0209 A-42227-0335 03 22-28-0039 A-42227-0318 21 22-28-0219 A-42227-0336 04 22-28-0049 A-42227-0319 22 22-28-0229 A-42227-0337 05 22-28-0059 A-42227-0320 23 22-28-0239 A-42227-0338 06 22-28-0069 A-42227-0321 24 22-28-0249 A-42227-0339 07 22-28-0079 A-42227-0322 25 22-28-0259 A-42227-0340 08 22-28-0089 A-42227-0323 26 22-28-0269 A-42227-0341 09 22-28-0099 A-42227-0324 27 22-28-0279 A-42227-0342 10 22-28-0109 A-42227-0325 28 22-28-0289 A-42227-0343 11 22-28-0119 A-42227-0326 29 22-28-0299 A-42227-0344 12 22-28-0129 A-42227-0327 30 22-28-0309 A-42227-0345 13 22-28-0139 A-42227-0328 31 22-28-0319 A-42227-0346 14 22-28-0149 A-42227-0329 32 22-28-0329 A-42227-0347 15 22-28-0159 A-42227-0330 33 22-28-0339 A-42227-0348 16 22-28-0169 A-42227-0331 34 22-28-0349 A-42227-0349 17 22-28-0179 A-42227-0332 35 22-28-0359 A-42227-0350 18 22-28-0189 A-42227-0333 36 22-28-0369 A-42227-0351 19 22-28-0199 A-42227-0334 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -3APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0422/0455 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: 3 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0439 A-42227-0439 03 42227-0422 A-42227-0422 21 42227-0440 A-42227-0440 04 42227-0423 A-42227-0423 22 42227-0441 A-42227-0441 05 42227-0424 A-42227-0424 23 42227-0442 A-42227-0442 06 42227-0425 A-42227-0425 24 42227-0443 A-42227-0443 07 22-29-0070 A-42227-0426 25 42227-0444 A-42227-0444 08 42227-0427 A-42227-0427 26 42227-0445 A-42227-0445 09 42227-0428 A-42227-0428 27 42227-0446 A-42227-0446 10 42227-0429 A-42227-0429 28 42227-0447 A-42227-0447 11 42227-0430 A-42227-0430 29 42227-0448 A-42227-0448 12 42227-0431 A-42227-0431 30 42227-0449 A-42227-0449 13 42227-0432 A-42227-0432 31 42227-0450 A-42227-0450 14 42227-0433 A-42227-0433 32 42227-0451 A-42227-0451 15 42227-0434 A-42227-0434 33 42227-0452 A-42227-0452 16 42227-0435 A-42227-0435 34 42227-0453 A-42227-0453 17 42227-0436 A-42227-0436 35 42227-0454 A-42227-0454 18 42227-0437 A-42227-0437 36 42227-0455 A-42227-0455 19 42227-0438 A-42227-0438 REV: TITLE: A-42227-0456/0487 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .140/3.56 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 5-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: 5 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0471 A-42227-0471 03 21 42227-0472 A-42227-0472 04 22 42227-0473 A-42227-0473 05 42227-0456 A-42227-0456 23 42227-0474 A-42227-0474 06 42227-0457 A-42227-0457 24 42227-0475 A-42227-0475 07 42227-0458 A-42227-0458 25 42227-0476 A-42227-0476 08 42227-0459 A-42227-0459 26 42227-0477 A-42227-0477 09 42227-0460 A-42227-0460 27 42227-0478 A-42227-0478 10 22-29-0101 A-42227-0461 28 42227-0479 A-42227-0479 11 22-29-0111 A-42227-0462 29 42227-0480 A-42227-0480 12 42227-0463 A-42227-0463 30 42227-0481 A-42227-0481 13 42227-0464 A-42227-0464 31 42227-0482 A-42227-0482 14 42227-0465 A-42227-0465 32 42227-0483 A-42227-0483 15 42227-0466 A-42227-0466 33 42227-0484 A-42227-0484 16 42227-0467 A-42227-0467 34 42227-0485 A-42227-0485 17 42227-0468 A-42227-0468 35 42227-0486 A-42227-0486 18 42227-0469 A-42227-0469 36 42227-0487 A-42227-0487 19 42227-0470 A-42227-0470 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -4APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0488/0521 HEADER NUMBER: 41411 PIN NUMBER: 42663-BAA154 PIN LENGTH: L .555/14.10 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .135/3.43 TIN: T OVERALL CKTS: 3-36 KINKS: YES REMOVED BACKWALLS: YES VOIDED CKTS: 2 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-29-0202 A-42227-0505 03 22-29-0032 A-42227-0488 21 22-29-0212 A-42227-0506 04 22-29-0042 A-42227-0489 22 22-29-0222 A-42227-0507 05 22-29-0052 A-42227-0490 23 22-29-0232 A-42227-0508 06 22-29-0062 A-42227-0491 24 22-29-0242 A-42227-0509 07 22-29-0072 A-42227-0492 25 22-29-0252 A-42227-0510 08 22-29-0082 A-42227-0493 26 22-29-0262 A-42227-0511 09 22-29-0092 A-42227-0494 27 22-29-0272 A-42227-0512 10 22-29-0102 A-42227-0495 28 22-29-0282 A-42227-0513 11 22-29-0112 A-42227-0496 29 22-29-0292 A-42227-0514 12 22-29-0122 A-42227-0497 30 22-29-0302 A-42227-0515 13 22-29-0132 A-42227-0498 31 22-29-0312 A-42227-0516 14 22-29-0142 A-42227-0499 32 22-29-0322 A-42227-0517 15 22-29-0152 A-42227-0500 33 22-29-0332 A-42227-0518 16 22-29-0162 A-42227-0501 34 22-29-0342 A-42227-0519 17 22-29-0172 A-42227-0502 35 22-29-0352 A-42227-0520 18 22-29-0182 A-42227-0503 36 22-29-0362 A-42227-0521 19 22-29-0192 A-42227-0504 REV: TITLE: A-42227-0522/0555 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: 2 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0539 A-42227-0539 03 42227-0522 A-42227-0522 21 42227-0540 A-42227-0540 04 42227-0523 A-42227-0523 22 42227-0541 A-42227-0541 05 42227-0524 A-42227-0524 23 42227-0542 A-42227-0542 06 42227-0525 A-42227-0525 24 42227-0543 A-42227-0543 07 42227-0526 A-42227-0526 25 42227-0544 A-42227-0544 08 42227-0527 A-42227-0527 26 42227-0545 A-42227-0545 09 42227-0528 A-42227-0528 27 42227-0546 A-42227-0546 10 42227-0529 A-42227-0529 28 42227-0547 A-42227-0547 11 42227-0530 A-42227-0530 29 42227-0548 A-42227-0548 12 42227-0531 A-42227-0531 30 42227-0549 A-42227-0549 13 42227-0532 A-42227-0532 31 42227-0550 A-42227-0550 14 42227-0533 A-42227-0533 32 42227-0551 A-42227-0551 15 42227-0534 A-42227-0534 33 42227-0552 A-42227-0552 16 42227-0535 A-42227-0535 34 42227-0553 A-42227-0553 17 42227-0536 A-42227-0536 35 42227-0554 A-42227-0554 18 42227-0537 A-42227-0537 36 42227-0555 A-42227-0555 19 42227-0538 A-42227-0538 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -5APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0590/0617 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 9-36 KINKS: YES, 1,7 ONLY SEE NOTE 7 REMOVED BACKWALLS: NO VOIDED CKTS: 2, 3, 5, 6, 8, 9 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 22-29-0204 A-42227-0601 03 21 22-29-0214 A-42227-0602 04 22 22-29-0224 A-42227-0603 05 23 22-29-0234 A-42227-0604 06 24 22-29-0244 A-42227-0605 07 25 22-29-0254 A-42227-0606 08 26 22-29-0264 A-42227-0607 09 22-29-0094 A-42227-0590 27 22-29-0274 A-42227-0608 10 22-29-0104 A-42227-0591 28 22-29-0284 A-42227-0609 11 22-29-0114 A-42227-0592 29 22-29-0294 A-42227-0610 12 22-29-0124 A-42227-0593 30 22-29-0304 A-42227-0611 13 22-29-0134 A-42227-0594 31 22-29-0314 A-42227-0612 14 22-29-0144 A-42227-0595 32 22-29-0324 A-42227-0613 15 22-29-0154 A-42227-0596 33 22-29-0334 A-42227-0614 16 22-29-0164 A-42227-0597 34 22-29-0344 A-42227-0615 17 22-29-0174 A-42227-0598 35 22-29-0354 A-42227-0616 18 22-29-0184 A-42227-0599 36 22-29-0364 A-42227-0617 19 22-29-0194 A-42227-0600 REV: TITLE: A-42227-0618/0647 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .180/4.57 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 7-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: 7 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0631 A-42227-0631 03 21 42227-0632 A-42227-0632 04 22 42227-0633 A-42227-0633 05 23 42227-0634 A-42227-0634 06 24 42227-0635 A-42227-0635 07 42227-0618 A-42227-0618 25 42227-0636 A-42227-0636 08 42227-0619 A-42227-0619 26 42227-0637 A-42227-0637 09 42227-0620 A-42227-0620 27 42227-0638 A-42227-0638 10 42227-0621 A-42227-0621 28 42227-0639 A-42227-0639 11 42227-0622 A-42227-0622 29 42227-0640 A-42227-0640 12 42227-0623 A-42227-0623 30 42227-0641 A-42227-0641 13 42227-0624 A-42227-0624 31 42227-0642 A-42227-0642 14 42227-0625 A-42227-0625 32 42227-0643 A-42227-0643 15 42227-0626 A-42227-0626 33 42227-0644 A-42227-0644 16 42227-0627 A-42227-0627 34 42227-0645 A-42227-0645 17 42227-0628 A-42227-0628 35 42227-0646 A-42227-0646 18 42227-0629 A-42227-0629 36 42227-0647 A-42227-0647 19 42227-0630 A-42227-0630 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -6APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0648/0671 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .180/4.57 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 13-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: 13 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0655 A-42227-0655 03 21 42227-0656 A-42227-0656 04 22 42227-0657 A-42227-0657 05 23 42227-0658 A-42227-0658 06 24 42227-0659 A-42227-0659 07 25 42227-0660 A-42227-0660 08 26 42227-0661 A-42227-0661 09 27 42227-0662 A-42227-0662 10 28 42227-0663 A-42227-0663 11 29 42227-0664 A-42227-0664 12 30 42227-0665 A-42227-0665 13 42227-0648 A-42227-0648 31 42227-0666 A-42227-0666 14 42227-0649 A-42227-0649 32 42227-0667 A-42227-0667 15 42227-0650 A-42227-0650 33 42227-0668 A-42227-0668 16 42227-0651 A-42227-0651 34 42227-0669 A-42227-0669 17 42227-0652 A-42227-0652 35 42227-0670 A-42227-0670 18 42227-0653 A-42227-0653 36 42227-0671 A-42227-0671 19 42227-0654 A-42227-0654 REV: TITLE: A-42227-0672/0706 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB228 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G .180/4.57 PC TAIL LENGTH: P .120/3.05 TIN: T .135/3.43 CKTS: 2-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: 2 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 42227-0672 A-42227-0672 20 42227-0690 A-42227-0690 03 42227-0673 A-42227-0673 21 42227-0691 A-42227-0691 04 42227-0674 A-42227-0674 22 42227-0692 A-42227-0692 05 42227-0675 A-42227-0675 23 42227-0693 A-42227-0693 06 42227-0676 A-42227-0676 24 42227-0694 A-42227-0694 07 42227-0677 A-42227-0677 25 42227-0695 A-42227-0695 08 42227-0678 A-42227-0678 26 42227-0696 A-42227-0696 09 42227-0679 A-42227-0679 27 42227-0697 A-42227-0697 10 42227-0680 A-42227-0680 28 42227-0698 A-42227-0698 11 42227-0681 A-42227-0681 29 42227-0699 A-42227-0699 12 42227-0682 A-42227-0682 30 42227-0700 A-42227-0700 13 42227-0683 A-42227-0683 31 42227-0701 A-42227-0701 14 42227-0684 A-42227-0684 32 42227-0702 A-42227-0702 15 42227-0685 A-42227-0685 33 42227-0703 A-42227-0703 16 42227-0686 A-42227-0686 34 42227-0704 A-42227-0704 17 42227-0687 A-42227-0687 35 42227-0705 A-42227-0705 18 42227-0688 A-42227-0688 36 42227-0706 A-42227-0706 19 42227-0689 A-42227-0689 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -7APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0707/0741 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .280/7.11 GOLD POINT: G N/A PC TAIL LENGTH: P .135/3.43 TIN: T OVERALL CKTS: 2-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 42227-0707 A-42227-0707 20 42227-0725 A-42227-0725 03 42227-0708 A-42227-0708 21 42227-0726 A-42227-0726 04 42227-0709 A-42227-0709 22 42227-0727 A-42227-0727 05 42227-0710 A-42227-0710 23 42227-0728 A-42227-0728 06 42227-0711 A-42227-0711 24 42227-0729 A-42227-0729 07 42227-0712 A-42227-0712 25 42227-0730 A-42227-0730 08 42227-0713 A-42227-0713 26 42227-0731 A-42227-0731 09 42227-0714 A-42227-0714 27 42227-0732 A-42227-0732 10 42227-0714 A-42227-0715 28 42227-0733 A-42227-0733 11 42227-0716 A-42227-0716 29 42227-0734 A-42227-0734 12 42227-0717 A-42227-0717 30 42227-0735 A-42227-0735 13 42227-0718 A-42227-0718 31 42227-0736 A-42227-0736 14 42227-0719 A-42227-0719 32 42227-0737 A-42227-0737 15 42227-0720 A-42227-0720 33 42227-0738 A-42227-0738 16 42227-0721 A-42227-0721 34 42227-0739 A-42227-0739 17 42227-0722 A-42227-0722 35 42227-0740 A-42227-0740 18 42227-0723 A-42227-0723 36 42227-0741 A-42227-0741 19 42227-0724 A-42227-0724 REV: TITLE: A-42227-0742/0775 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .280/7.11 GOLD POINT: G N/A PC TAIL LENGTH: P .135/3.43 TIN: T OVERALL CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: 2 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0759 A-42227-0759 03 42227-0742 A-42227-0742 21 42227-0760 A-42227-0760 04 42227-0743 A-42227-0743 22 42227-0761 A-42227-0761 05 42227-0744 A-42227-0744 23 42227-0762 A-42227-0762 06 42227-0745 A-42227-0745 24 42227-0763 A-42227-0763 07 42227-0746 A-42227-0746 25 42227-0764 A-42227-0764 08 42227-0747 A-42227-0747 26 42227-0765 A-42227-0765 09 42227-0748 A-42227-0748 27 42227-0766 A-42227-0766 10 42227-0749 A-42227-0749 28 42227-0767 A-42227-0767 11 42227-0750 A-42227-0750 29 42227-0768 A-42227-0768 12 42227-0751 A-42227-0751 30 42227-0769 A-42227-0769 13 42227-0752 A-42227-0752 31 42227-0770 A-42227-0770 14 42227-0753 A-42227-0753 32 42227-0771 A-42227-0771 15 42227-0754 A-42227-0754 33 42227-0772 A-42227-0772 16 42227-0755 A-42227-0755 34 42227-0773 A-42227-0773 17 42227-0756 A-42227-0756 35 42227-0774 A-42227-0774 18 42227-0757 A-42227-0757 36 42227-0775 A-42227-0775 19 42227-0758 A-42227-0758 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -8APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0776/0792 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .280/7.11 GOLD POINT: G N/A PC TAIL LENGTH: P .135/3.43 TIN: T OVERALL CKTS: 20-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: 20 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0776 A-42227-0776 03 21 42227-0777 A-42227-0777 04 22 42227-0778 A-42227-0778 05 23 42227-0779 A-42227-0779 06 24 42227-0780 A-42227-0780 07 25 42227-0781 A-42227-0781 08 26 42227-0782 A-42227-0782 09 27 42227-0783 A-42227-0783 10 28 42227-0784 A-42227-0784 11 29 42227-0785 A-42227-0785 12 30 42227-0786 A-42227-0786 13 31 42227-0787 A-42227-0787 14 32 42227-0788 A-42227-0788 15 33 42227-0789 A-42227-0789 16 34 42227-0790 A-42227-0790 17 35 42227-0791 A-42227-0791 18 36 42227-0792 A-42227-0792 19 REV: TITLE: A-42227-0818/0848 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 6-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: 3, 6 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0832 A-42227-0832 03 21 42227-0833 A-42227-0833 04 22 42227-0834 A-42227-0834 05 23 42227-0835 A-42227-0835 06 42227-0818 A-42227-0818 24 42227-0836 A-42227-0836 07 42227-0819 A-42227-0819 25 42227-0837 A-42227-0837 08 68352-0001 A-42227-0820 26 42227-0838 A-42227-0838 09 42227-0821 A-42227-0821 27 42227-0839 A-42227-0839 10 42227-0822 A-42227-0822 28 42227-0840 A-42227-0840 11 42227-0823 A-42227-0823 29 42227-0841 A-42227-0841 12 42227-0824 A-42227-0824 30 42227-0842 A-42227-0842 13 42227-0825 A-42227-0825 31 42227-0843 A-42227-0843 14 42227-0826 A-42227-0826 32 42227-0844 A-42227-0844 15 42227-0827 A-42227-0827 33 42227-0845 A-42227-0845 16 42227-0828 A-42227-0828 34 42227-0846 A-42227-0846 17 42227-0829 A-42227-0829 35 42227-0847 A-42227-0847 18 42227-0830 A-42227-0830 36 42227-0848 A-42227-0848 19 42227-0831 A-42227-0831 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: -9APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0873/0900 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .120/3.05 TIN: T OVERALL CKTS: 9-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: 9 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0884 A-42227-0884 03 21 42227-0885 A-42227-0885 04 22 42227-0886 A-42227-0886 05 23 42227-0887 A-42227-0887 06 24 42227-0888 A-42227-0888 07 25 42227-0889 A-42227-0889 08 26 42227-0890 A-42227-0890 09 42227-0873 A-42227-0873 27 42227-0891 A-42227-0891 10 42227-0874 A-42227-0874 28 42227-0892 A-42227-0892 11 42227-0875 A-42227-0875 29 42227-0893 A-42227-0893 12 42227-0876 A-42227-0876 30 42227-0894 A-42227-0894 13 42227-0877 A-42227-0877 31 42227-0895 A-42227-0895 14 42227-0878 A-42227-0878 32 42227-0896 A-42227-0896 15 42227-0879 A-42227-0879 33 42227-0897 A-42227-0897 16 42227-0880 A-42227-0880 34 42227-0898 A-42227-0898 17 42227-0881 A-42227-0881 35 42227-0899 A-42227-0899 18 42227-0882 A-42227-0882 36 42227-0900 A-42227-0900 19 42227-0883 A-42227-0883 REV: TITLE: A-42227-0934/0967 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXA154 PIN LENGTH: L .540/13.72 MATING LENGTH: M .280/7.11 GOLD POINT: G N/A PC TAIL LENGTH: P .135/3.43 TIN: T OVERALL CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0951 A-42227-0951 03 42227-0934 A-42227-0934 21 42227-0952 A-42227-0952 04 42227-0935 A-42227-0935 22 42227-0953 A-42227-0953 05 42227-0936 A-42227-0936 23 42227-0954 A-42227-0954 06 42227-0937 A-42227-0937 24 42227-0955 A-42227-0955 07 42227-0938 A-42227-0938 25 42227-0956 A-42227-0956 08 42227-0939 A-42227-0939 26 42227-0957 A-42227-0957 09 42227-0940 A-42227-0940 27 42227-0958 A-42227-0958 10 42227-0941 A-42227-0941 28 42227-0959 A-42227-0959 11 42227-0942 A-42227-0942 29 42227-0960 A-42227-0960 12 42227-0943 A-42227-0943 30 42227-0961 A-42227-0961 13 42227-0944 A-42227-0944 31 42227-0962 A-42227-0962 14 42227-0945 A-42227-0945 32 42227-0963 A-42227-0963 15 42227-0946 A-42227-0946 33 42227-0964 A-42227-0964 16 42227-0947 A-42227-0947 34 42227-0965 A-42227-0965 17 42227-0948 A-42227-0948 35 42227-0966 A-42227-0966 18 42227-0949 A-42227-0949 36 42227-0967 A-42227-0967 19 42227-0950 A-42227-0950 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: - 10 APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-0968/1001 HEADER NUMBER: 41411 PIN NUMBER: 42663-CCA154 PIN LENGTH: L .670/17.02 MATING LENGTH: M .295/7.49 GOLD POINT: G N/A PC TAIL LENGTH: P .250/6.35 TIN: T OVERALL CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 42227-0985 A-42227-0985 03 42227-0968 A-42227-0968 21 42227-0986 A-42227-0986 04 42227-0969 A-42227-0969 22 42227-0987 A-42227-0987 05 42227-0970 A-42227-0970 23 42227-0988 A-42227-0988 06 42227-0971 A-42227-0971 24 42227-0989 A-42227-0989 07 42227-0972 A-42227-0972 25 42227-0990 A-42227-0990 08 42227-0973 A-42227-0973 26 42227-0991 A-42227-0991 09 42227-0974 A-42227-0974 27 42227-0992 A-42227-0992 10 42227-0975 A-42227-0975 28 42227-0993 A-42227-0993 11 42227-0976 A-42227-0976 29 42227-0994 A-42227-0994 12 42227-0977 A-42227-0977 30 42227-0995 A-42227-0995 13 42227-0978 A-42227-0978 31 42227-0996 A-42227-0996 14 42227-0979 A-42227-0979 32 42227-0997 A-42227-0997 15 42227-0980 A-42227-0980 33 42227-0998 A-42227-0998 16 42227-0981 A-42227-0981 34 42227-0999 A-42227-0999 17 42227-0982 A-42227-0982 35 42227-1000 A-42227-1000 18 42227-0983 A-42227-0983 36 42227-1001 A-42227-1001 19 42227-0984 A-42227-0984 REV: TITLE: A-42227-1002/1036 HEADER NUMBER: 41411 PIN NUMBER: 42663-BKB228 PIN LENGTH: L .600/15.24 MATING LENGTH: M .295/7.49 GOLD POINT: G .180/4.57 PC TAIL LENGTH: P .180/4.57 TIN: T .135/3.43 CKTS: 2-36 KINKS: NO REMOVED BACKWALLS: NO VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 42227-1002 A-42227-1002 20 42227-1020 A-42227-1020 03 42227-1003 A-42227-1003 21 42227-1021 A-42227-1021 04 42227-1004 A-42227-1004 22 42227-1022 A-42227-1022 05 42227-1005 A-42227-1005 23 42227-1023 A-42227-1023 06 42227-1006 A-42227-1006 24 42227-1024 A-42227-1024 07 42227-1007 A-42227-1007 25 42227-1025 A-42227-1025 08 42227-1008 A-42227-1008 26 42227-1026 A-42227-1026 09 42227-1009 A-42227-1009 27 42227-1027 A-42227-1027 10 42227-1010 A-42227-1010 28 42227-1028 A-42227-1028 11 42227-1011 A-42227-1011 29 42227-1029 A-42227-1029 12 42227-1012 A-42227-1012 30 42227-1030 A-42227-1030 13 42227-1013 A-42227-1013 31 42227-1031 A-42227-1031 14 42227-1014 A-42227-1014 32 42227-1032 A-42227-1032 15 42227-1015 A-42227-1015 33 42227-1033 A-42227-1033 16 42227-1016 A-42227-1016 34 42227-1034 A-42227-1034 17 42227-1017 A-42227-1017 35 42227-1035 A-42227-1035 18 42227-1018 A-42227-1018 36 42227-1036 A-42227-1036 19 42227-1019 A-42227-1019 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: - 11 APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC A-42227-1037/1071 HEADER NUMBER: 41411 PIN NUMBER: 42663-BKB228 PIN LENGTH: L .600/15.24 MATING LENGTH: M .295/7.49 GOLD POINT: G .180/4.57 PC TAIL LENGTH: P .180/4.57 TIN: T .135/3.43 CKTS: 2-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: NONE PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 42227-1037 A-42227-1037 20 42227-1055 A-42227-1055 03 42227-1038 A-42227-1038 21 42227-1056 A-42227-1056 04 42227-1039 A-42227-1039 22 42227-1057 A-42227-1057 05 42227-1040 A-42227-1040 23 42227-1058 A-42227-1058 06 42227-1041 A-42227-1041 24 42227-1059 A-42227-1059 07 42227-1042 A-42227-1042 25 42227-1060 A-42227-1060 08 42227-1043 A-42227-1043 26 42227-1061 A-42227-1061 09 42227-1044 A-42227-1044 27 42227-1062 A-42227-1062 10 42227-1045 A-42227-1045 28 42227-1063 A-42227-1063 11 42227-1046 A-42227-1046 29 42227-1064 A-42227-1064 12 42227-1047 A-42227-1047 30 42227-1065 A-42227-1065 13 42227-1048 A-42227-1048 31 42227-1066 A-42227-1066 14 42227-1049 A-42227-1049 32 42227-1067 A-42227-1067 15 42227-1050 A-42227-1050 33 42227-1068 A-42227-1068 16 42227-1051 A-42227-1051 34 42227-1069 A-42227-1069 17 42227-1052 A-42227-1052 35 42227-1070 A-42227-1070 18 42227-1053 A-42227-1053 36 42227-1071 A-42227-1071 19 42227-1054 A-42227-1054 REV: TITLE: A-42227-1072/1106 HEADER NUMBER: 41411 PIN NUMBER: 42663-AXB208 PIN LENGTH: L .540 / 13.72 MATING LENGTH: M .280 / 7.11 GOLD POINT: G .140 / 3.56 PC TAIL LENGTH: P .135 / 3.43 TIN: T .135 / 3.43 CKTS: 3-36 KINKS: NO REMOVED BACKWALLS: YES VOIDED CKTS: 3 PACKAGING: BULK 40873-0056 MATERIAL ENG MATERIAL ENG CKTS CKTS NUMBER NUMBER NUMBER NUMBER 02 20 03 21 04 22 05 23 06 24 07 25 08 26 09 27 10 28 11 29 12 30 13 31 14 32 15 33 16 34 17 35 18 42227-1088 A-42227-1088 36 19 SHEET No. K3 DOCUMENT NUMBER: .100 FRICTION LOCK BREAKAWAY HEADER ASSY. CREATED / REVISED BY: CHECKED BY: - 12 APPROVED BY: SD- 42227 -002 ADERR 04/22/2005 SSOUSEK 04/25/2005 FSMITH 04/26/2005 TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC |
Price & Availability of 22-28-0047 |